Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA7818F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TA7818F
Description  5 V, 5.7 V, 6 V, 7 V, 8 V, 9 V, 10 V, 12 V, 15 V, 18 V, 20 V, 24 V Three Terminal Positive Voltage Regulators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7818F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TA7818F Datasheet HTML 1Page - Toshiba Semiconductor TA7818F Datasheet HTML 2Page - Toshiba Semiconductor TA7818F Datasheet HTML 3Page - Toshiba Semiconductor TA7818F Datasheet HTML 4Page - Toshiba Semiconductor TA7818F Datasheet HTML 5Page - Toshiba Semiconductor TA7818F Datasheet HTML 6Page - Toshiba Semiconductor TA7818F Datasheet HTML 7Page - Toshiba Semiconductor TA7818F Datasheet HTML 8Page - Toshiba Semiconductor TA7818F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TA7805,057,06,07,08,09,10,12,15,18,20,24F
2007-02-08
2
Equivalent Circuit
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
TA7805F
TA78057F
TA7806F
TA7807F
TA7808F
TA7809F
TA7810F
TA7812F
TA7815F
35
TA7818F
TA7820F
Input voltage
TA7824F
VIN
40
V
(Ta = 25°C)
1
Power dissipation
(Tc = 25°C)
PD
10
W
Operating temperature
Topr
−30~85
°C
Storage temperature
Tstg
−55~150
°C
Junction temperature
Tj
150
°C
Rth (j-c)
12.5
Thermal resistance
Rth (j-a)
125
°C/W
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).


Similar Part No. - TA7818F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7818F TOSHIBA-TA7818F Datasheet
314Kb / 18P
   Three Terminal Positive Voltage Regulators
More results

Similar Description - TA7818F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7805SB TOSHIBA-TA7805SB_07 Datasheet
662Kb / 15P
   5 V, 5.7 V, 6 V, 7 V, 8 V, 9 V, 10 V, 12 V, 15 V, 18 V, 20 V, 24 V Three-Terminal Positive Voltage Regulators
TA78DS05BP TOSHIBA-TA78DS05BP_06 Datasheet
528Kb / 11P
   5 V, 6 V, 8 V, 9 V, 10 V, 12 V, 15 V Low Dropout Voltage Regulator
logo
Analog Devices
ADG2412 AD-ADG2412 Datasheet
1,021Kb / 21P
   0.5 Ω RON, ±15 V, 12 V, ±5 V, 5 V/–12 V, Quad SPST Switch
Rev. 0
logo
Infineon Technologies A...
TLE4266 INFINEON-TLE4266_08 Datasheet
212Kb / 14P
   5 V/10 V Low Drop Voltage Regulator Output voltage 5 V or 10 V
Rev. 2.5, 2008-03-10
logo
Analog Devices
ADR01 AD-ADR01 Datasheet
837Kb / 20P
   Ultracompact Precision10 V/5 V/2.5 V/3.0 V Voltage References
REV. F
ADG1409 AD-ADG1409_15 Datasheet
459Kb / 20P
   4 RON, 4/8 Channel 15 V/12 V/5 V CMOS Multiplexers
REV. B
logo
Texas Instruments
PT6653E TI-PT6653E Datasheet
351Kb / 16P
[Old version datasheet]   Single Device: 5-A Output Input Voltage Range: 9 V to 28 V 12 V / 24 V Input Compatible
logo
Vishay Siliconix
DG417LE VISHAY-DG417LE_V01 Datasheet
346Kb / 19P
   6 ??On-Resistance, 12 V, 짹 5 V, 5 V, 3 V, SPST and SPDT Switches
01-Jan-2022
logo
Toshiba Semiconductor
TA48018F TOSHIBA-TA48018F_06 Datasheet
298Kb / 12P
   1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
TA48L018F TOSHIBA-TA48L018F Datasheet
188Kb / 10P
   1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 0.15 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com