Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCP-600-60 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # SCP-600-60
Description  500~600W Parallel Type With PFC Function
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SCP-600-60 Datasheet(HTML) 2 Page - Astrodyne Corporation

  SCP-600-60 Datasheet HTML 1Page - Astrodyne Corporation SCP-600-60 Datasheet HTML 2Page - Astrodyne Corporation SCP-600-60 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
S C p - 6 0 0 series
500~600W Parallel Type With PFC Function
300 Myles Standish Blvd., Taunton, MA 02780
ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
File�Name:�SCP-600-SPEC���2004-07-06
Mechanical�Specification
Derating�Curve
Control�terminal�Pin.�No. Assignment�(CN1)�:�Dinkle�51HDBC-O8P or�equivalent
Pin�No.
Pin�No.
5
1
6
2
7
8
3
4
Assignment
Assignment
PG
VS+
PAR
VS-
GND
INH
VCI
VCO
Mating�With
Dinkle�51SDB-O8P
or�equivalent
Unit:mm
AMBIENT�TEMPERATURE�(
)
INPUT�VOLTAGE�(VAC)�60Hz
90
110
140
260
800
700
600
450
400
550
300
Ta=25
10
-20
-10
20
30
40
50
60
70
20
40
60
80
100
251.0
BOTTOM�SIDE
1
9.0
3
2
M6.0
30.0
M3(NUT)��3H-4
Vadj
1 2 3
CN1
4 5 6 7 8
LED
POS+
NEG-
AIR�FLOW
120.0
M3(NUT)X3H-4
30.0
39.0
10.0
190.0
10.0
41.0
18.5
11
9.2
#6-32-4
Terminal�Pin.�No. Assignment
Pin�No.
1
3
2
Assignment
FG
AC/N
AC/L
S C P - 6 0 0 series
500~600W�Parallel Type�With�PFC�Function


Similar Part No. - SCP-600-60

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SCP-600-60 MEANWELL-SCP-600-60 Datasheet
333Kb / 3P
   500~600W Parallel (N1) With PFC Function
logo
RSG Electronic Componen...
SCP-600-60 RSG-SCP-600-60 Datasheet
143Kb / 2P
   500~600W Parallel Type With PFC Function
More results

Similar Description - SCP-600-60

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
SCP-600 RSG-SCP-600 Datasheet
143Kb / 2P
   500~600W Parallel Type With PFC Function
logo
Mean Well Enterprises C...
SCP-600 MEANWELL-SCP-600 Datasheet
333Kb / 3P
   500~600W Parallel (N1) With PFC Function
PSP-600 MEANWELL-PSP-600_11 Datasheet
396Kb / 3P
   600W with PFC and Parallel Function
PSP-600 MEANWELL-PSP-600_10 Datasheet
395Kb / 3P
   600W with PFC and Parallel Function
PSP-600 MEANWELL-PSP-600 Datasheet
392Kb / 3P
   600W with PFC and Parallel Function
logo
Astrodyne Corporation
PSP600 ASTRODYNE-PSP600 Datasheet
936Kb / 5P
   600W with PFC and Parallel Function
logo
Total Power Internation...
PSP-600 TOTAL-POWER-PSP-600 Datasheet
504Kb / 3P
   600W with PFC and Parallel Function
logo
Astrodyne Corporation
PSP-600 ASTRODYNE-PSP-600 Datasheet
395Kb / 3P
   600W with PFC and Parallel Function
logo
RSG Electronic Componen...
SCP-2K4 RSG-SCP-2K4 Datasheet
418Kb / 4P
   2400W Parallel Type With PFC Function
logo
Astrodyne Corporation
SCP-2K4 ASTRODYNE-SCP-2K4 Datasheet
1Mb / 3P
   2400W Parallel Type With PFC Function
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com