Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCP-800 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # SCP-800
Description  800W Parallel Type With PFC Function
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SCP-800 Datasheet(HTML) 2 Page - Astrodyne Corporation

  SCP-800 Datasheet HTML 1Page - Astrodyne Corporation SCP-800 Datasheet HTML 2Page - Astrodyne Corporation SCP-800 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
S C p - 8 0 0 series
800W Parallel Type With PFC Function
300 Myles Standish Blvd., Taunton, MA 02780
ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
File�Name:�SCP-800-SPEC���2004-07-06
Mechanical�Specification
Derating�Curve
Control�terminal�Pin.�No. Assignment�(CN1)�:�Dinkle�51HDBC-O8P or�equivalent
Pin�No.
Pin�No.
5
1
6
2
7
8
3
4
Assignment
Assignment
PG
VS+
PAR
VS-
GND
INH
VCI
VCO
Mating�With
Dinkle�51SDB-O8P
or�equivalent
Unit:mm
AMBIENT�TEMPERATURE�(
)
251.0
BOTTOM�SIDE
1
9.0
3
2
M6.0
30.0
M3(NUT)��3H-4
Vadj
1 2 3
CN1
4 5 6 7 8
LED
POS+
NEG-
AIR�FLOW
120.0
M3(NUT)X3H-4
30.0
39.0
10.0
190.0
10.0
41.0
18.5
11
9.2
#6-32-4
Terminal�Pin.�No. Assignment
Pin�No.
1
3
2
Assignment
FG
AC/N
AC/L
INPUT�VOLTAGE�(VAC)�60Hz
90
110
150
170
260
800
700
600
450
400
550
300
Ta=25
10
-20
-10
20
30
40
50
60
70
20
40
60
80
100
800W�Parallel Type�With�PFC�Function
S C P - 8 0 0 series


Similar Part No. - SCP-800

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SCP-800 MEANWELL-SCP-800 Datasheet
339Kb / 3P
   800W Parallel (N1) With PFC Function
logo
RSG Electronic Componen...
SCP-800 RSG-SCP-800 Datasheet
141Kb / 2P
   800W Parallel Type With PFC Function
logo
Mean Well Enterprises C...
SCP-800-09 MEANWELL-SCP-800-09 Datasheet
339Kb / 3P
   800W Parallel (N1) With PFC Function
logo
RSG Electronic Componen...
SCP-800-09 RSG-SCP-800-09 Datasheet
141Kb / 2P
   800W Parallel Type With PFC Function
logo
Mean Well Enterprises C...
SCP-800-12 MEANWELL-SCP-800-12 Datasheet
339Kb / 3P
   800W Parallel (N1) With PFC Function
More results

Similar Description - SCP-800

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
SCP-800 RSG-SCP-800 Datasheet
141Kb / 2P
   800W Parallel Type With PFC Function
logo
Mean Well Enterprises C...
SCP-800 MEANWELL-SCP-800 Datasheet
339Kb / 3P
   800W Parallel (N1) With PFC Function
logo
Astrodyne Corporation
SCN-800 ASTRODYNE-SCN-800 Datasheet
206Kb / 3P
   800W With Parallel Function
logo
RSG Electronic Componen...
SCP-2K4 RSG-SCP-2K4 Datasheet
418Kb / 4P
   2400W Parallel Type With PFC Function
logo
Astrodyne Corporation
SCP-2K4 ASTRODYNE-SCP-2K4 Datasheet
1Mb / 3P
   2400W Parallel Type With PFC Function
logo
Mean Well Enterprises C...
SCN-800 MEANWELL-SCN-800 Datasheet
314Kb / 3P
   800W Single Output With Parallel Function
logo
RSG Electronic Componen...
SCP-600 RSG-SCP-600 Datasheet
143Kb / 2P
   500~600W Parallel Type With PFC Function
logo
Astrodyne Corporation
SCP-1K2 ASTRODYNE-SCP-1K2 Datasheet
1Mb / 3P
   900~1200W Parallel Type With PFC Function
logo
RSG Electronic Componen...
SCP-1K2 RSG-SCP-1K2 Datasheet
157Kb / 2P
   900~1200W Parallel Type With PFC Function
logo
Astrodyne Corporation
SCP-600 ASTRODYNE-SCP-600 Datasheet
1Mb / 3P
   500~600W Parallel Type With PFC Function
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com