Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA8470AF Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TA8470AF
Description  3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8470AF Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TA8470AF Datasheet HTML 1Page - Toshiba Semiconductor TA8470AF Datasheet HTML 2Page - Toshiba Semiconductor TA8470AF Datasheet HTML 3Page - Toshiba Semiconductor TA8470AF Datasheet HTML 4Page - Toshiba Semiconductor TA8470AF Datasheet HTML 5Page - Toshiba Semiconductor TA8470AF Datasheet HTML 6Page - Toshiba Semiconductor TA8470AF Datasheet HTML 7Page - Toshiba Semiconductor TA8470AF Datasheet HTML 8Page - Toshiba Semiconductor TA8470AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TA8470AF/AFG
2006-3-2
2
BLOCK DIAGRAM
FUNCTION (VIN= 5 V)
MODE
FRS
VIN
OUTPUT
CW
L
VIN
+
> 2.3 V
La = Ha − Hb
Lb = Hb − Hc
Lc = Hc − Ha
CCW
H
VIN
+
> 2.3 V
La = −(Ha − Hb)
Lb = −(Hb − Hc)
Lc = −(Hc − Ha)
Standby
M
Mid-point potentia
(Note)
Brake
VIN
+
< 2.3 V
Mid-point potentia
(Note)
Note:
Low-impedance Mode


Similar Part No. - TA8470AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8470AF TOSHIBA-TA8470AF Datasheet
382Kb / 13P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
More results

Similar Description - TA8470AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8466AF TOSHIBA-TA8466AF Datasheet
273Kb / 8P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
TA8470AF TOSHIBA-TA8470AF Datasheet
382Kb / 13P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
TA7745P TOSHIBA-TA7745P_06 Datasheet
385Kb / 11P
   3-Phase Full-Wave (Half-Wave) Brushless DC Motor Driver IC
TA8492P TOSHIBA-TA8492P_06 Datasheet
245Kb / 14P
   Three-Phase Full-Wave Brushless DC Motor Driver IC
TA8492P TOSHIBA-TA8492P Datasheet
178Kb / 13P
   Three-Phase Full-Wave Brushless DC Motor Driver IC
TA7712P TOSHIBA-TA7712P_07 Datasheet
605Kb / 16P
   3-Phase, Full-Wave Brushless DC Motor Controller IC
TA8479F TOSHIBA-TA8479F Datasheet
621Kb / 19P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC FOR VIDEO CAMERA
TA8493F TOSHIBA-TA8493F Datasheet
250Kb / 25P
   3-PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC FOR CD-ROM DRIVES
logo
Panasonic Semiconductor
AN8480NSB PANASONIC-AN8480NSB Datasheet
65Kb / 6P
   3-phase full-wave motor driver IC
logo
Toshiba Semiconductor
TA8490F TOSHIBA-TA8490F Datasheet
783Kb / 21P
   3-PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC FOR CD-ROM DRIVES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com