Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P412025 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # P412025
Description  POW-R-BLOK Single Diode Isolated Module (2500 Amperes / Up to 2400 Volts)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

P412025 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  P412025 Datasheet HTML 1Page - Powerex Power Semiconductors P412025 Datasheet HTML 2Page - Powerex Power Semiconductors P412025 Datasheet HTML 3Page - Powerex Power Semiconductors P412025 Datasheet HTML 4Page - Powerex Power Semiconductors P412025 Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PRELIMINARY
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
Single Diode Module
2500 Amperes / Up to 2400 Volts
11/06/2002
PS41__25
Typical On-State Forward Voltage Drop
0
0.5
1
1.5
2
2.5
3
3.5
4
100
1000
10000
100000
Instantaneous On-State Current - If - Amperes
(Tj = 150C)
Maximum Transient Thermal Impedance
0.000
0.005
0.010
0.015
0.020
0.025
0.001
0.01
0.1
1
10
100
1000
Time - t - Seconds
(Junction To Case)
0
180
360
CONDUCTION ANGLE
Maximum On-State Power Dissipation
30°
90°
180°
0
500
1000
1500
2000
2500
0
500
1000
1500
2000
2500
Average On-State Current - If(av) - Amperes
(Sinusoidal Waveform)
0
180
360
CONDUCTION ANGLE
Maximum Allowable Case Temperature
90°
30°
180°
80
90
100
110
120
130
140
150
0
500
1000
1500
2000
2500
Average On-State Current - If(av) - Amperes
(Sinusoidal Waveform)
0
180
360
CONDUCTION ANGLE
Maximum On-State Power Dissipation
360°
180°
120°
60°
90°
0
500
1000
1500
2000
2500
3000
3500
4000
0
500
1000
1500
2000
2500
3000
3500
4000
Average On-State Current - If(av) - Amperes
(Rectangular Waveform)
0
180
360
CONDUCTION ANGLE
Maximum Allowable Case Temperature
180°
120°
90°
60°
360°
60
70
80
90
100
110
120
130
140
150
0
500
1000
1500
2000
2500
3000
3500
4000
Average On-State Current - If(av) - Amperes
(Rectangular Waveform)


Similar Part No. - P412025

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
P412 ATM-P412 Datasheet
122Kb / 1P
   2WAY - 4WAY - 8WAY POWER DIVIDERS & COMBINERS
logo
Connor-Winfield Corpora...
P412-155.52 CONNOR-WINFIELD-P412-155.52 Datasheet
130Kb / 2P
   5.0x7.0mm Surface Mount LVPECL Clock Oscillator Series
logo
List of Unclassifed Man...
P4121-AP120 ETC1-P4121-AP120 Datasheet
31Kb / 2P
   Incremental Encoders
P4121-AP192 ETC1-P4121-AP192 Datasheet
31Kb / 2P
   Incremental Encoders
P4121-AQ120 ETC1-P4121-AQ120 Datasheet
31Kb / 2P
   Incremental Encoders
More results

Similar Description - P412025

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS412425 POWEREX-PS412425 Datasheet
355Kb / 5P
   POW-R-BLOK Single Diode Isolated Module 2500 Amperes / Up to 2400 Volts
LS4160 POWEREX-LS4160 Datasheet
95Kb / 4P
   POW-R-BLOK Single Diode Isolated Module (600 Amperes / Up to 2400 Volts)
LD4160 POWEREX-LD4160 Datasheet
100Kb / 5P
   POW-R-BLOK Dual Diode Isolated Module (600 Amperes / Up to 2400 Volts)
PD4111 POWEREX-PD4111 Datasheet
88Kb / 5P
   POW-R-BLOK Dual Diode Isolated Module (1100 Amperes / Up to 2400 Volts)
PS432415 POWEREX-PS432415 Datasheet
277Kb / 5P
   POW-R-BLOK Single SCR Isolated Module 1500 Amperes / Up to 2400 Volts
QRD2412001 POWEREX-QRD2412001 Datasheet
58Kb / 4P
   POW-R-BLOK Dual DIODE Module (120 Amperes / Up to 2400 Volts)
PD4306 POWEREX-PD4306 Datasheet
99Kb / 5P
   POW-R-BLOK Dual SCR Isolated Module (600 Amperes / Up to 2400 Volts)
PS414020 POWEREX-PS414020 Datasheet
349Kb / 5P
   POW-R-BLOK Single Diode Isolated Module 2000 Amperes / Up to 4000 Volts
PS415014 POWEREX-PS415014 Datasheet
164Kb / 6P
   POW-R-BLOK Single Diode Isolated Module 1400 Amperes / Up to 5000 Volts
CD41 POWEREX-CD41 Datasheet
105Kb / 4P
   POW-R-BLOK Dual & Single Diode Isolated Module 100 Amperes / Up to 1600 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com