Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD-125-1248 Datasheet(PDF) 4 Page - Astrodyne Corporation

Part # RD-125-1248
Description  125W Dual Output Switching Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

RD-125-1248 Datasheet(HTML) 4 Page - Astrodyne Corporation

  RD-125-1248 Datasheet HTML 1Page - Astrodyne Corporation RD-125-1248 Datasheet HTML 2Page - Astrodyne Corporation RD-125-1248 Datasheet HTML 3Page - Astrodyne Corporation RD-125-1248 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
r d - 1 2 5 series
125W Dual Output Switching Power Supply
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTrOdYNE.COM
Mechanical�Specification
Derating�Curve
Static�Characteristics
Case�No.�902A
Unit:mm
Terminal�Pin.�No Assignment
Pin�No.
Pin�No.
Pin�No.
1
4
3
2
7
5
6
Assignment
Assignment
Assignment
DC�OUTPUT +V2
DC�OUTPUT COM
DC�OUTPUT COM
DC�OUTPUT +V1
FG
AC/N
AC/L
INPUT�VOLTAGE�(VAC)�60Hz
88
176
100
200
95
190
120
240
115
230
132
264
Ta=25
90
100
80
70
60
50
40
3.5
197
6.5
190
22
157
4.5
7
6
5
4
3
2
1
120
199
57.5
4-
M
3
3-M
3
AMBIENT�TEMPERATURE�(
)
-25
-25
0
0
10
20
30
40 45 50
60
70
20
40
60
80
100
(VERTICAL)
(HORIZONTAL)
File�Name:RD-125-SPEC���2005-09-13
125W�Dual�Output�Switching�Power�Supply
R D - 1 2 5 series


Similar Part No. - RD-125-1248

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RD-125-1248 MEANWELL-RD-125-1248 Datasheet
2Mb / 4P
   125W Dual Swithcing Power Supply
RD-125-1248 MEANWELL-RD-125-1248 Datasheet
1Mb / 4P
   125W Dual Output Switching Power Supply
More results

Similar Description - RD-125-1248

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RID125 ASTRODYNE-RID125 Datasheet
322Kb / 4P
   125W Dual Output Switching Power Supply
logo
Total Power Internation...
RD-125 TOTAL-POWER-RD-125 Datasheet
473Kb / 4P
   125W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
RD-125 MEANWELL-RD-125_11 Datasheet
1Mb / 4P
   125W Dual Output Switching Power Supply
logo
Astrodyne Corporation
RD125 ASTRODYNE-RD125 Datasheet
317Kb / 4P
   125W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
RD-125 MEANWELL-RD-125_10 Datasheet
1Mb / 4P
   125W Dual Output Switching Power Supply
RID-125 MEANWELL-RID-125_10 Datasheet
798Kb / 3P
   125W Dual Output Switching Power Supply
RID-125 MEANWELL-RID-125_11 Datasheet
799Kb / 3P
   125W Dual Output Switching Power Supply
logo
Astrodyne Corporation
RT125 ASTRODYNE-RT125 Datasheet
293Kb / 4P
   125W Triple Output Switching Power Supply
logo
Total Power Internation...
RQ-125 TOTAL-POWER-RQ-125 Datasheet
425Kb / 2P
   125W Quad Output Switching Power Supply
logo
Mean Well Enterprises C...
RQ-125 MEANWELL-RQ-125 Datasheet
346Kb / 2P
   125W Quad Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com