Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSP-500-48 Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # PSP-500-48
Description  500W with PFC and Parallel Function
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

PSP-500-48 Datasheet(HTML) 3 Page - Astrodyne Corporation

  PSP-500-48 Datasheet HTML 1Page - Astrodyne Corporation PSP-500-48 Datasheet HTML 2Page - Astrodyne Corporation PSP-500-48 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
p s p - 5 0 0 series
500W with PFC and Parallel Function
300 Myles standish Blvd., Taunton, MA 02780
ph: 1-800-823-8082
Fax: 508-823-8181
WWW.AsTRODYNE.COM
ParallelOperationWithRemoteSensing
+V
+V
+V
-V
-V
-V
PowerFailSignal
PFSignalisthevoltagedifferencebetween
"G"and"PF"pinoutput
-
-
-
-
-
LOAD
LOAD
LOAD
LOAD
LOAD
+
+
+
+
+
RemoteSensing
-V
+V
+V
+V
POWERSIGNAL
RC-
RC-
RC-
RC-
RC-
RC-
RC-
RC-
RC-
RC-
G
G
G
G
G
G
G
G
G
G
P
P
P
P
P
P
P
P
P
P
-S
-S
-S
-S
-S
-S
-S
-S
-S
-S
PF
PF
PF
PF
PF
PF
PF
PF
PF
PF
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
+S
+S
+S
+S
+S
+S
+S
+S
+S
+S
RC+
RC+
RC+
RC+
RC+
RC+
RC+
RC+
RC+
RC+
G
+5V
PF
-V
-V
ParallelOperationWithRemoteControl
PowerON:WhenV
,
=0~0.8VorOpen
RC+ RC-
+V
+V
+V
-V
RemoteControl
PowerOFF:WhenV
,
=4~10V
RC+ RC-
-V
-V
DC0~15V
DC0~15V
+V
+V
+V
-V
-V
-V
+V
+V
+V
-V
-V
-V
+V
+V
+V
-V
-V
-V
+V
+V
+V
-V
-V
-V
+V
+V
+V
-V
-V
-V
+V
+V
+V
-V
-V
-V
DC0~15V
500WwithPFCandParallelFunction
P S P - 5 0 0 series
File�Name:PSP-500-SPEC���2005-09-13
ParallelOperation
Controlterminalinstructionmanual


Similar Part No. - PSP-500-48

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
PSP-500-48 TOTAL-POWER-PSP-500-48 Datasheet
212Kb / 5P
   500W with PFC and Parallel Function
logo
Mean Well Enterprises C...
PSP-500-48 MEANWELL-PSP-500-48 Datasheet
372Kb / 2P
   500W Single Output with PFC Function
logo
RSG Electronic Componen...
PSP-500-48 RSG-PSP-500-48 Datasheet
286Kb / 5P
   500W with PFC and Parallel Function
More results

Similar Description - PSP-500-48

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
PSP-500 TOTAL-POWER-PSP-500 Datasheet
212Kb / 5P
   500W with PFC and Parallel Function
logo
RSG Electronic Componen...
PSP-500 RSG-PSP-500 Datasheet
286Kb / 5P
   500W with PFC and Parallel Function
logo
Mean Well Enterprises C...
SP-500 MEANWELL-SP-500 Datasheet
334Kb / 2P
   500W Single Output with PFC Function
PSP-500 MEANWELL-PSP-500 Datasheet
372Kb / 2P
   500W Single Output with PFC Function
USP-500 MEANWELL-USP-500 Datasheet
324Kb / 4P
   500W Single Output with PFC Function
USP-500 MEANWELL-USP-500_10 Datasheet
326Kb / 4P
   500W Single Output with PFC Function
SP-500_1111 MEANWELL-SP-500_1111 Datasheet
334Kb / 2P
   500W Single Output with PFC Function
logo
Total Power Internation...
SP-500 TOTAL-POWER-SP-500 Datasheet
382Kb / 2P
   500W Single Output with PFC Function
logo
Astrodyne Corporation
SP-500 ASTRODYNE-SP-500 Datasheet
335Kb / 2P
   500W Single Output with PFC Function
logo
Mean Well Enterprises C...
RSP-500 MEANWELL-RSP-500 Datasheet
558Kb / 3P
   500W Single Output with PFC Function
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com