Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA7289P Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TA7289P
Description  PWM STEPPING MOTOR DRIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7289P Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TA7289P_06 Datasheet HTML 2Page - Toshiba Semiconductor TA7289P_06 Datasheet HTML 3Page - Toshiba Semiconductor TA7289P_06 Datasheet HTML 4Page - Toshiba Semiconductor TA7289P_06 Datasheet HTML 5Page - Toshiba Semiconductor TA7289P_06 Datasheet HTML 6Page - Toshiba Semiconductor TA7289P_06 Datasheet HTML 7Page - Toshiba Semiconductor TA7289P_06 Datasheet HTML 8Page - Toshiba Semiconductor TA7289P_06 Datasheet HTML 9Page - Toshiba Semiconductor TA7289P_06 Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TA7289P/F/FG
2006-3-2
6
ELECTRICAL CHARACTERISTICS (Unless otherwise specified, VCC = 24 V, Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST
CIR−
CUIT
TEST CONDITION
MIN
TYP.
MAX
UNIT
ICC1
CW / CCW
12
20
30
ICC2
STOP
12
20
30
ICC3
CW / CCW mode,
2
0
~2
3
: H
12
20
30
Quiescent Current
ICC4
1
CW / CCW mode,
2
0
~2
3
: L
Output
: Open
13
23
32
mA
VIN (H)
2.0
7.0
Output Voltage
VIN (L)
2
IN A IN B, Source type.
−0.4
0.8
V
Input Hysteresis Width
∆VIN
2
0.8
V
IIN1
IN A, IN B VIN = 0 V
Source type
25
35
Input Current
IIN2
2
2
0
, 2
1
, 2
2
, 2
3
VIN = 0 V
Source type
90
160
200
µA
VSAT U−1
1.1
1.5
VSAT L−1
IOUT = 0.2 A
0.8
1.1
VSAT U−2
1.2
1.7
VSAT L−2
IOUT = 0.7 A
0.9
1.3
VSAT U−3
1.8
2.6
Output Saturation Voltage
VSAT L−3
3
IOUT = 1.5 A
1.2
1.9
V
Control Supply Voltage
Vref
GND
2.0
V
Control Supply Current
Iref
2
Vref = 0~2.0 V
25
35
µA
VFU
2.6
3.3
Diode Forward Voltage
VFL
4
IF = 1.5 A
0.8
1.1
V
IL−U
VL = 30 V
50
Output Leakage Current
IL−L
5
VL = 30 V
50
µA
NF Terminal Current
INF
6
Source type VNF = 0~2.0 V
Tj = 0~125°C
180
300
490
µA
Internal Supply Output Voltage
VCC2
6
5
V
Resistor for Oscillation (R3)
ROSC
6
Tj = 0~125°C
13
20
32
kΩ


Similar Part No. - TA7289P_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7289P TOSHIBA-TA7289P Datasheet
552Kb / 15P
   PWM STEPPING MOTOR DRIVER
More results

Similar Description - TA7289P_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7289P TOSHIBA-TA7289P Datasheet
552Kb / 15P
   PWM STEPPING MOTOR DRIVER
logo
Sanyo Semicon Device
LB11946 SANYO-LB11946 Datasheet
1Mb / 12P
   PWM Current Control Stepping Motor Driver
logo
Princeton Technology Co...
PT2463 PTC-PT2463 Datasheet
185Kb / 5P
   PWM Constant-Current Stepping Motor Driver
logo
Sanyo Semicon Device
LB1946 SANYO-LB1946_07 Datasheet
134Kb / 16P
   PWM Current Control Stepping Motor Driver
LB1845 SANYO-LB1845_12 Datasheet
177Kb / 9P
   PWM Current Controlling Stepping Motor Driver
LB1845 SANYO-LB1845_06 Datasheet
200Kb / 9P
   PWM Current Controlling Stepping Motor Driver
LB11946 SANYO-LB11946_09 Datasheet
132Kb / 14P
   PWM Current Control Stepping Motor Driver
LV8740V SANYO-LV8740V Datasheet
318Kb / 23P
   PWM Current Control Stepping Motor Driver
LB1945D SANYO-LB1945D_09 Datasheet
105Kb / 9P
   PWM Current Control Stepping Motor Driver
logo
ON Semiconductor
LV8727 ONSEMI-LV8727 Datasheet
327Kb / 23P
   PWM Current Control Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com