Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMMK150S-24 Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # PMMK150S-24
Description  Medical Grade 150 Watt Open Frame with PFC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

PMMK150S-24 Datasheet(HTML) 3 Page - Astrodyne Corporation

  PMMK150S-24 Datasheet HTML 1Page - Astrodyne Corporation PMMK150S-24 Datasheet HTML 2Page - Astrodyne Corporation PMMK150S-24 Datasheet HTML 3Page - Astrodyne Corporation PMMK150S-24 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Medical Grade 150 Watt Open Frame with PFC
P m m k 1 5 0 series
WWW.ASTRODYNE.COm
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE EUROPE: 353 51 561060
ASTRODYNE PACIFIC: 886-2-26983458
mECHANICAL DImENSIONS
2.00 ± 0.50 mm 0.079 ± 0.020 in
[
]
5.70 mm [0.224 in]
134.00 mm [5.276 in]
139.70 mm [5.500 in]
4_
Ø
3.40
mm
[0.134
in
]
35.00 mm [1.378 in]
1
2
3
9
8
7
6
5
4
Pin #
Outputs
1
GND
2
ACN
3
ACL
4
+ Output
5
+ Output
6
Common
7
Common
8
Common
9
N/C


Similar Part No. - PMMK150S-24

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PMMK150S-24 ASTRODYNE-PMMK150S-24 Datasheet
770Kb / 6P
   Medical Grade 150 Watt Open Frame with PFC
PMMK150S-24D ASTRODYNE-PMMK150S-24D Datasheet
551Kb / 5P
   Medical Grade 150 Watt with DIN Rail mount and PFC
PMMK150S-24E ASTRODYNE-PMMK150S-24E Datasheet
547Kb / 4P
   Medical Grade 150 Watt Enclosed with PFC
PMMK150S-24U ASTRODYNE-PMMK150S-24U Datasheet
644Kb / 4P
   Medical Grade 150 Watt U-Channel with PFC
More results

Similar Description - PMMK150S-24

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PMMK150S ASTRODYNE-PMMK150S Datasheet
770Kb / 6P
   Medical Grade 150 Watt Open Frame with PFC
PMMK150E ASTRODYNE-PMMK150E Datasheet
547Kb / 4P
   Medical Grade 150 Watt Enclosed with PFC
PMMK150U ASTRODYNE-PMMK150U Datasheet
644Kb / 4P
   Medical Grade 150 Watt U-Channel with PFC
REL150 ASTRODYNE-REL150 Datasheet
407Kb / 3P
   150 Watt Open Frame Switching Power Supply with PFC
REL150 ASTRODYNE-REL150_16 Datasheet
246Kb / 3P
   150 Watt Open Frame Switching Power Supply with PFC
PMK150 ASTRODYNE-PMK150 Datasheet
619Kb / 4P
   150 Watt Open Frame Switching Power Supply with PFC
PMK150 ASTRODYNE-PMK150_16 Datasheet
705Kb / 6P
   150 Watt Open Frame Switching Power Supply with PFC
PMMK150-D ASTRODYNE-PMMK150-D Datasheet
551Kb / 5P
   Medical Grade 150 Watt with DIN Rail mount and PFC
logo
Intronics Power, Inc.
AC200X INTRONICS-AC200X Datasheet
567Kb / 3P
   200 WATT AC-DC OPEN FRAME WITH PFC
logo
CINCON ELECTRONICS Corp...
CFM201S CINCON-CFM201S Datasheet
449Kb / 3P
   200 WATT AC-DC OPEN FRAME WITH PFC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com