Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMMK150D-CD Datasheet(PDF) 5 Page - Astrodyne Corporation

Part # PMMK150D-CD
Description  Medical Grade 150 Watt with DIN Rail mount and PFC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

PMMK150D-CD Datasheet(HTML) 5 Page - Astrodyne Corporation

  PMMK150D-CD Datasheet HTML 1Page - Astrodyne Corporation PMMK150D-CD Datasheet HTML 2Page - Astrodyne Corporation PMMK150D-CD Datasheet HTML 3Page - Astrodyne Corporation PMMK150D-CD Datasheet HTML 4Page - Astrodyne Corporation PMMK150D-CD Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Medical Grade 150 Watt with DIN Rail mount and PFC
P m m k 1 5 0 - D series
WWW.ASTRODYNE.COm
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE EUROPE: 353 51 561060
ASTRODYNE PACIFIC: 886-2-26983458
OUTPUT DERATING CURVE - SINGLE OUTPUT
OUTPUT DERATING CURVE - DUAL OUTPUT
1. Forced air colling 10 CFM
2. Free air convection
- Open Frame, U-Channel
3. Free air convection
- Enclosed


Similar Part No. - PMMK150D-CD

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PMMK150D-C ASTRODYNE-PMMK150D-C Datasheet
639Kb / 4P
   Medical Grade 150 Watt Open Frame with PFC
PMMK150D-C ASTRODYNE-PMMK150D-C Datasheet
770Kb / 6P
   Medical Grade 150 Watt Open Frame with PFC
PMMK150D-CE ASTRODYNE-PMMK150D-CE Datasheet
547Kb / 4P
   Medical Grade 150 Watt Enclosed with PFC
PMMK150D-CU ASTRODYNE-PMMK150D-CU Datasheet
644Kb / 4P
   Medical Grade 150 Watt U-Channel with PFC
More results

Similar Description - PMMK150D-CD

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PMMK320D ASTRODYNE-PMMK320D Datasheet
386Kb / 4P
   320 Watt Medical Grade DIN Rail Mount Power Supply with PFC
PMMK150E ASTRODYNE-PMMK150E Datasheet
547Kb / 4P
   Medical Grade 150 Watt Enclosed with PFC
PMMK150U ASTRODYNE-PMMK150U Datasheet
644Kb / 4P
   Medical Grade 150 Watt U-Channel with PFC
PMMK150 ASTRODYNE-PMMK150 Datasheet
639Kb / 4P
   Medical Grade 150 Watt Open Frame with PFC
PMMK150S ASTRODYNE-PMMK150S Datasheet
770Kb / 6P
   Medical Grade 150 Watt Open Frame with PFC
PMMK225E ASTRODYNE-PMMK225E Datasheet
449Kb / 4P
   Medical Grade 225 Watt Enclosed Power Supply with PFC
PMMK225U ASTRODYNE-PMMK225U Datasheet
499Kb / 4P
   Medical Grade 225 Watt U-Channel Power Supply with PFC
MMK150S ASTRODYNE-MMK150S Datasheet
580Kb / 3P
   Medical Grade 150 Watt Enclosed Switching Power Supplies
PMK150E ASTRODYNE-PMK150E Datasheet
527Kb / 4P
   150 Watt Enclosed Switching Power Supply with PFC
PMK150E ASTRODYNE-PMK150E_16 Datasheet
336Kb / 5P
   150 Watt Enclosed Switching Power Supply with PFC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com