Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMK150D-BE Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # PMK150D-BE
Description  150 Watt Enclosed Switching Power Supply with PFC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

PMK150D-BE Datasheet(HTML) 1 Page - Astrodyne Corporation

  PMK150D-BE Datasheet HTML 1Page - Astrodyne Corporation PMK150D-BE Datasheet HTML 2Page - Astrodyne Corporation PMK150D-BE Datasheet HTML 3Page - Astrodyne Corporation PMK150D-BE Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
150 Watt Enclosed Switching Power Supply with PFC
P m k 1 5 0 e series
WWW.ASTRODYNe.COm
ASTRODYNe USA: 1-800-823-8082
ASTRODYNe eUROPe: 353 51 561060
ASTRODYNe PACIFIC: 886-2-26983458
3.2”W x 5.5”L x 1.6”H
150 Watts Output Power
Single and Dual Outputs
Universal 90-264VAC Input
5VDC to 48VDC Outputs
3000VAC Input to Output Isolation
Active Power Factor Correction
model Number
Output Voltage
Output Amps (max) Line Regulation
Ripple & Noise
SINGLe OUTPUT
PMK150S-5E
5 VDC
30
±0.5%
100mV pk-pk
PMK150S-12E
12 VDC
12.5
±0.5%
100mV pk-pk
PMK150S-15E
15 VDC
10
±0.5%
100mV pk-pk
PMK150S-24E
24 VDC
6.3
±0.5%
100mV pk-pk
PMK150S-48E
48 VDC
3.2
±0.5%
100mV pk-pk
DUAL OUTPUT
PMK150D-AE
5/12 VDC
15/7
±0.5/1%
50/100mV pk-pk
PMK150D-BE
5/24 VDC
15/3.5
±0.5/2%
50/200mV pk-pk
PMK150D-CE
12/24 VDC
7/3.5
±1/2%
100/200mV pk-pk
PMK150D-DE
12/48 VDC
7/1.5
±1/4%
100/400mV pk-pk


Similar Part No. - PMK150D-BE

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PMK150D-BE ASTRODYNE-PMK150D-BE Datasheet
336Kb / 5P
   150 Watt Enclosed Switching Power Supply with PFC
More results

Similar Description - PMK150D-BE

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PMK150E ASTRODYNE-PMK150E_16 Datasheet
336Kb / 5P
   150 Watt Enclosed Switching Power Supply with PFC
PMK225E ASTRODYNE-PMK225E Datasheet
424Kb / 4P
   225 Watt Enclosed Switching Power Supply with PFC
PMK320E ASTRODYNE-PMK320E Datasheet
359Kb / 4P
   320 Watt Enclosed Switching Power Supply with PFC
PMMK150E ASTRODYNE-PMMK150E Datasheet
547Kb / 4P
   Medical Grade 150 Watt Enclosed with PFC
PMK150 ASTRODYNE-PMK150 Datasheet
619Kb / 4P
   150 Watt Open Frame Switching Power Supply with PFC
PMK150U ASTRODYNE-PMK150U Datasheet
625Kb / 4P
   150 Watt U-Channel Switching Power Supply with PFC
REL150 ASTRODYNE-REL150_16 Datasheet
246Kb / 3P
   150 Watt Open Frame Switching Power Supply with PFC
REL150 ASTRODYNE-REL150 Datasheet
407Kb / 3P
   150 Watt Open Frame Switching Power Supply with PFC
PMK150 ASTRODYNE-PMK150_16 Datasheet
705Kb / 6P
   150 Watt Open Frame Switching Power Supply with PFC
PMMK225E ASTRODYNE-PMMK225E Datasheet
449Kb / 4P
   Medical Grade 225 Watt Enclosed Power Supply with PFC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com