Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPU100-301 Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # MPU100-301
Description  100W Medical Grade Desktop Switching Power Adapters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

MPU100-301 Datasheet(HTML) 3 Page - Astrodyne Corporation

  MPU100-301 Datasheet HTML 1Page - Astrodyne Corporation MPU100-301 Datasheet HTML 2Page - Astrodyne Corporation MPU100-301 Datasheet HTML 3Page - Astrodyne Corporation MPU100-301 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
100W Medical Grade Desktop Switching Power Adapters
m p u 1 0 0 series
300 myles Standish Blvd., Taunton, mA 02780
ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COm
INpuT SpECIFICATIONS
Input Voltage Range
85-265 VAC
Frequency Range
47-63 Hz
Leakage Current
0.1mA typ. @ 240VAC
OuTpuT SpECIFICATIONS
Voltage and Current
See Selection Charts
Load Regulation
See Selection Charts
Line Regulation
+/- 0.5%, typ (1% Max.)
Ripple/Noise
0.5% Pk-Pk, typ (1% Max.)
Hold Up Time
16mS min. at 110VAC Input
GENERAL SpECIFICATIONS
Input-Output Isolation
4000VAC
Efficiency
70% min.
Safety
UL60601-1, EN60601-1
pHYSICAL SpECIFICATIONS
Size
7.7” x 3.46” x 2.0”
Construction
Desktop Style
Weight
1.7 (771g)
ENVIRONmENTAL SpECIFICATIONS
Oper. Temperature
0 to +70°C
See Derate Curve
Storage Temperature
-40 to +85°C *
Relative Humidity
5 to + 95%, non-cond *
MTBF
100,000 Hrs
EMC
Vin = 220VAC
CISPR-11 B
Vin = 110VAC
FCC Part 18 B
OuTpuT DERATING CuRVE
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.


Similar Part No. - MPU100-301

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
MPU100-301 MPSIND-MPU100-301 Datasheet
180Kb / 2P
   100W Desk Top Switching Power Supplies For Medical Equipment
MPU100-301-1 MPSIND-MPU100-301-1 Datasheet
180Kb / 2P
   100W Desk Top Switching Power Supplies For Medical Equipment
More results

Similar Description - MPU100-301

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
AMP101 ASTRODYNE-AMP101 Datasheet
485Kb / 4P
   100W Medical Grade Desktop Switching Power Adapters
MPU50 ASTRODYNE-MPU50 Datasheet
462Kb / 4P
   50W Medical Grade Desktop Switching Power Adapters
AMP500 ASTRODYNE-AMP500 Datasheet
218Kb / 4P
   50W Medical Grade Desktop Switching Power Adapters
AMP300 ASTRODYNE-AMP300 Datasheet
253Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
AMP6301 ASTRODYNE-AMP6301 Datasheet
226Kb / 3P
   63W Medical Grade Desktop Switching Power Adapters
MPU30 ASTRODYNE-MPU30 Datasheet
386Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
AMP1501 ASTRODYNE-AMP1501 Datasheet
272Kb / 4P
   15W Medical Grade Desktop Switching Power Adapters
logo
Tumbler Technologies + ...
TSM15 TRUMPOWER-TSM15 Datasheet
214Kb / 2P
   Medical Grade 15W Desktop Power Adapters
logo
Astrodyne Corporation
AMP310 ASTRODYNE-AMP310 Datasheet
493Kb / 4P
   30W 3rd Edition Medical Grade Desktop Switching Power Adapters
AMP510 ASTRODYNE-AMP510 Datasheet
4Mb / 4P
   50W 3rd Edition Medical Grade Desktop Switching Power Adapters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com