Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPU50-216 Datasheet(PDF) 4 Page - Astrodyne Corporation

Part # MPU50-216
Description  50W Medical Grade Desktop Switching Power Adapters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

MPU50-216 Datasheet(HTML) 4 Page - Astrodyne Corporation

  MPU50-216 Datasheet HTML 1Page - Astrodyne Corporation MPU50-216 Datasheet HTML 2Page - Astrodyne Corporation MPU50-216 Datasheet HTML 3Page - Astrodyne Corporation MPU50-216 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
50W Medical Grade Desktop Switching Power Adapters
m p u 5 0 series
300 myles Standish Blvd., Taunton, mA 02780
ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COm
mECHANICAL DImENSIONS
DC Output Connections
+Vout
-Vout
Coaxial plug (Single Output models)
5.5mm outer diameter
2.1mm inner diameter, female
11mm length, center “+”
DIN (Single-Output models)
1
2
3
4
5
5 pin DIN
1. COM
2. COM
3. Vout
4. COM
5. Vout
SHELL = GND
Output Cord Length 72” typ.
Input Connection
H
W
DIN (multi-Output models)
1
2
3
4
5
5 pin DIN
1. COM
2. COM
3. Output #1
4. Output #3 (Triples, N.C. Otherwise)
5. Output #2


Similar Part No. - MPU50-216

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
MPU50-216 MPSIND-MPU50-216 Datasheet
218Kb / 2P
   50W Desk Top Switching Power Supplies For Medical Equipment.
More results

Similar Description - MPU50-216

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
AMP500 ASTRODYNE-AMP500 Datasheet
218Kb / 4P
   50W Medical Grade Desktop Switching Power Adapters
AMP510 ASTRODYNE-AMP510 Datasheet
4Mb / 4P
   50W 3rd Edition Medical Grade Desktop Switching Power Adapters
AMP300 ASTRODYNE-AMP300 Datasheet
253Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
AMP6301 ASTRODYNE-AMP6301 Datasheet
226Kb / 3P
   63W Medical Grade Desktop Switching Power Adapters
MPU30 ASTRODYNE-MPU30 Datasheet
386Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
MPU100 ASTRODYNE-MPU100 Datasheet
727Kb / 4P
   100W Medical Grade Desktop Switching Power Adapters
AMP1501 ASTRODYNE-AMP1501 Datasheet
272Kb / 4P
   15W Medical Grade Desktop Switching Power Adapters
AMP101 ASTRODYNE-AMP101 Datasheet
485Kb / 4P
   100W Medical Grade Desktop Switching Power Adapters
logo
Tumbler Technologies + ...
TSM15 TRUMPOWER-TSM15 Datasheet
214Kb / 2P
   Medical Grade 15W Desktop Power Adapters
logo
Astrodyne Corporation
AMP310 ASTRODYNE-AMP310 Datasheet
493Kb / 4P
   30W 3rd Edition Medical Grade Desktop Switching Power Adapters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com