Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPU30-204 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # MPU30-204
Description  30W Medical Grade Desktop Switching Power Adapters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

MPU30-204 Datasheet(HTML) 2 Page - Astrodyne Corporation

  MPU30-204 Datasheet HTML 1Page - Astrodyne Corporation MPU30-204 Datasheet HTML 2Page - Astrodyne Corporation MPU30-204 Datasheet HTML 3Page - Astrodyne Corporation MPU30-204 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
30W Medical Grade Desktop Switching Power Adapters
m p u 3 0 series
WWW.ASTRODYNE.COm
ASTRODYNE uSA: 1-800-823-8082
ASTRODYNE EuROpE: 353 51 561060
ASTRODYNE pACIFIC: 886-2-26983458
Universal 90-264VAC Input
UL/cUL60601-1, EN60601-1
Regulated Outputs
4000V Isolation
IEC320-C14 Input
model Number
Output Voltage
Output Amps
Regulation
max. Output Watts
Output Connector
DuAL OuTpuT
MPU30-200
3.3/12
3/1.3
7/5%
25W
DIN
MPU30-201
5/12
3/1.3
5/5%
30W
DIN
MPU30-202
5/15
3/1
5/6%
30W
DIN
MPU30-203
5/24
3/0.7
5/5%
30W
DIN
MPU30-204
3.3/5
3/1.6
7/5%
17.9W
DIN
MPU30-209
+/-12
2/0.5
5/5%
30W
DIN
MPU30-210
+/-15
1.5/0.5
5/5%
30W
DIN
MPU30-215
5/-24
2.5/1
5/5%
30W
DIN
TRIpLE OuTpuT
MPU30-301
5/12/-5
2.5/1.3/0.5
5/5/10%
25W
DIN
MPU30-302
5/12/-12
2.5/1/0.5
5/5/10%
30W
DIN
MPU30-303
5/15/-15
2.5/1/0.5
5/5/10%
30W
DIN
MPU30-304
5,+/-24
3/1/0.5
5/5/10%
30W
DIN
MPU30-305
5/24/-12
2.5/1/0.5
5/5/10%
30W
DIN
MPU30-306
3.3/12/-5
2.5/1.1/0.5
7/5/10%
25W
DIN
2.56”W x 4.65”L x1.54”H


Similar Part No. - MPU30-204

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
MPU30-204 MPSIND-MPU30-204 Datasheet
119Kb / 2P
   30W Desk Top Switching Power Supplies For Medical Equipment
More results

Similar Description - MPU30-204

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
AMP300 ASTRODYNE-AMP300 Datasheet
253Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
AMP310 ASTRODYNE-AMP310 Datasheet
493Kb / 4P
   30W 3rd Edition Medical Grade Desktop Switching Power Adapters
MPU50 ASTRODYNE-MPU50 Datasheet
462Kb / 4P
   50W Medical Grade Desktop Switching Power Adapters
AMP500 ASTRODYNE-AMP500 Datasheet
218Kb / 4P
   50W Medical Grade Desktop Switching Power Adapters
AMP6301 ASTRODYNE-AMP6301 Datasheet
226Kb / 3P
   63W Medical Grade Desktop Switching Power Adapters
MPU100 ASTRODYNE-MPU100 Datasheet
727Kb / 4P
   100W Medical Grade Desktop Switching Power Adapters
AMP1501 ASTRODYNE-AMP1501 Datasheet
272Kb / 4P
   15W Medical Grade Desktop Switching Power Adapters
AMP101 ASTRODYNE-AMP101 Datasheet
485Kb / 4P
   100W Medical Grade Desktop Switching Power Adapters
logo
Tumbler Technologies + ...
TSM15 TRUMPOWER-TSM15 Datasheet
214Kb / 2P
   Medical Grade 15W Desktop Power Adapters
logo
Astrodyne Corporation
AMP510 ASTRODYNE-AMP510 Datasheet
4Mb / 4P
   50W 3rd Edition Medical Grade Desktop Switching Power Adapters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com