Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPN20-03S1P8 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # OPN20-03S1P8
Description  20W Wide Input,Non-Isolated Single Inline DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

OPN20-03S1P8 Datasheet(HTML) 2 Page - Astrodyne Corporation

  OPN20-03S1P8 Datasheet HTML 1Page - Astrodyne Corporation OPN20-03S1P8 Datasheet HTML 2Page - Astrodyne Corporation OPN20-03S1P8 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
20W Wide Input, Non-Isolated Single Inline DC/DC Converters
O P N 2 0 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
INPUT SPECIFICATIONS
Input Voltage, Nominal
3.3VDC(Note 2)
5VDC
Input Voltage Ranges
3.0 - 3.6VDC
4.5-5.5 VDC
Maximum Input Current
6A (Note 4)
On/Off Control
(Ref to -Input pin)
Open or 0V<VR<1V=ON
3.3Vin
2.4V<Vr<6V=OFF
5Vin
3.2V<Vr<6V
Input Reflected Ripple
625mA rms
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Preset Accuracy
+/- 2.7% max.
Rise Time
80% FL and Nom Vin
8mS, typ.
Min Load
None
Load Regulation
(0% - FL)
+/- 0.5%
Line Regulation
+/- 0.5%
Temperature Coefficient
+/-0.02%/DegC
Ripple/Noise (Pk-Pk, typ),
20Mhz BW
100mV
Overvoltage Protection
Clamp, 130-150% *
Short Circuit Protection
Continuous, self-recovering
Transient Response Recovery
Time (See Fig 1)
Load step change
100%-0% or 0%-100%
1A/10uS Nominal Input
Peak Deviation
80mV
Settling Time
200uSec
Max External Load Capacitance 10,000uF
O/P Current Limit (Note 1)
Latching
Voltage Adjust (See Fig 2)
+/-10%
GENERAL SPECIFICATIONS
Input-Output Isolation
None
In/Out Capacitance
1000 pF
Efficiency (Note 5)
See Selection Chart
Switching Frequency
500Khz, typ.
Dimensions (See Fig 3.)
2.5” x 0.55” x 0.26”
(63.5 x 14.0 x 6.6mm)
Weight
0.3oz (8.5g)
MTBF (Note 3)
2.064x10-6th Hrs
ENVIRONMENTAL SPECIFICATIONS
Oper. Temp. Range (See Fig 4)
-40 to +85 DegC(FL)
Storage Temperature Range
-55 to +105 DegC *
Thermal Shock
Mil Std 810D
Over Temp Protection
+125DegC
MTBF
1,000,000 Hrs
Mil Std 217, 25C
Shock/Vibration
To MIL-STD 810C
EMC SPECIFICATIONS
Conducted Emissions
EN55022, Level A
Radiated Emissions
EN55022, Level A
Conducted Immunity
EN61000-4-6, Criteria 2
NOTES
1. Starting the Product into a Short Circuit Mode will damage the device.
2. In order to meet all specifications for the 3.3Vin models, an external capacitor
is needed on the input. The capacitor is SANYO OS-CON,SA-Series, 68uF/10V.
3. BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40DegC.
(Ground fixed and controlled environment)
4. Maximum value at nominal input voltage and full load.
5. Minimum value at nominal input voltage and full load.
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25DegC unless
otherwise noted
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.


Similar Part No. - OPN20-03S1P8

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
OPN20-03S1P8 ASTRODYNE-OPN20-03S1P8 Datasheet
258Kb / 3P
   20W Wide Input, Non-Isolated Single Inline DC/DC Converters
More results

Similar Description - OPN20-03S1P8

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
OPN20 ASTRODYNE-OPN20 Datasheet
258Kb / 3P
   20W Wide Input, Non-Isolated Single Inline DC/DC Converters
logo
C&D Technologies
NGA CANDD-NGA Datasheet
101Kb / 3P
   Non-Isolated Wide Input DC-DC Converters
logo
Murata Manufacturing Co...
NDC_NGA MURATA-NDC_NGA_5 Datasheet
185Kb / 5P
   Non-Isolated Wide Input DC/DC Converters
logo
Toppower Electronic Tec...
TP20DD TOPPOWER-TP20DD_V01 Datasheet
811Kb / 4P
   20W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP78LUXX-0.5 TOPPOWER-TP78LUXX-0.5 Datasheet
271Kb / 3P
   Wide Input Non-Isolated,Regulated Single Output ,non-isolated DC/DC converters
TP78LU3.3-0.5 TOPPOWER-TP78LU3.3-0.5 Datasheet
251Kb / 3P
   Wide Input Non-Isolated,Regulated Single Output ,non-isolated DC/DC converters
logo
Murata Manufacturing Co...
LSM16A-W3 MURATA-LSM16A-W3 Datasheet
350Kb / 12P
   Non-Isolated, Wide Input SMT DC/DC Converters
logo
Toppower Electronic Tec...
TP20DD TOPPOWER-TP20DD Datasheet
221Kb / 4P
   20W Wide Input Voltage DC/DC Converters
TP20DC TOPPOWER-TP20DC Datasheet
199Kb / 4P
   20W Wide Input Voltage DC/DC Converters
logo
Minmax Technology Co., ...
MKW3000 MINMAX-MKW3000 Datasheet
230Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com