Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPU50-200 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # MPU50-200
Description  50W Medical Grade Desktop Switching Power Adapters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

MPU50-200 Datasheet(HTML) 1 Page - Astrodyne Corporation

  MPU50-200 Datasheet HTML 1Page - Astrodyne Corporation MPU50-200 Datasheet HTML 2Page - Astrodyne Corporation MPU50-200 Datasheet HTML 3Page - Astrodyne Corporation MPU50-200 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
50W Medical Grade Desktop Switching Power Adapters
m p u 5 0 series
300 myles Standish Blvd., Taunton, mA 02780
ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COm
Universal 85-265VAC Input
UL60601-1, EN60601-1 Approved
Regulated Outputs
4000V Isolation
IEC320-C14 Input
Order On-Line!
astrodyne.com
5.75”W x 3.0”L x1.7”H
model Number
Output Voltage
Output Amps
Regulation
Output Watts Output Connector
SINGLE OuTpuT
MPU50-100
2.5
12
7%
30W
DIN
MPU50-101
3.3
12.12
5%
40W
DIN
MPU50-102
5
8
5%
40W
DIN
MPU50-103
6
7
5%
42W
Coaxial
MPU50-104
10
4.5
4%
45W
Coaxial
MPU50-105
12
3.75
3%
45W
Coaxial
MPU50-106
15
3
3%
45W
Coaxial
MPU50-107
18
2.7
3%
50W
Coaxial
MPU50-108
24
2.08
2%
50W
Coaxial
MPU50-109
30
1.66
2%
50W
Coaxial
MPU50-110
36
1.38
2%
50W
Coaxial
MPU50-111
48
1.04
2%
50W
Coaxial


Similar Part No. - MPU50-200

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
MPU50-200 MPSIND-MPU50-200 Datasheet
218Kb / 2P
   50W Desk Top Switching Power Supplies For Medical Equipment.
More results

Similar Description - MPU50-200

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
AMP500 ASTRODYNE-AMP500 Datasheet
218Kb / 4P
   50W Medical Grade Desktop Switching Power Adapters
AMP510 ASTRODYNE-AMP510 Datasheet
4Mb / 4P
   50W 3rd Edition Medical Grade Desktop Switching Power Adapters
AMP300 ASTRODYNE-AMP300 Datasheet
253Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
AMP6301 ASTRODYNE-AMP6301 Datasheet
226Kb / 3P
   63W Medical Grade Desktop Switching Power Adapters
MPU30 ASTRODYNE-MPU30 Datasheet
386Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
MPU100 ASTRODYNE-MPU100 Datasheet
727Kb / 4P
   100W Medical Grade Desktop Switching Power Adapters
AMP1501 ASTRODYNE-AMP1501 Datasheet
272Kb / 4P
   15W Medical Grade Desktop Switching Power Adapters
AMP101 ASTRODYNE-AMP101 Datasheet
485Kb / 4P
   100W Medical Grade Desktop Switching Power Adapters
logo
Tumbler Technologies + ...
TSM15 TRUMPOWER-TSM15 Datasheet
214Kb / 2P
   Medical Grade 15W Desktop Power Adapters
logo
Astrodyne Corporation
AMP310 ASTRODYNE-AMP310 Datasheet
493Kb / 4P
   30W 3rd Edition Medical Grade Desktop Switching Power Adapters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com