Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1206L016 Datasheet(PDF) 5 Page - Littelfuse

Part # 1206L016
Description  POLYFUSE짰 Resettable PTCs Surface Mount
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1206L016 Datasheet(HTML) 5 Page - Littelfuse

  1206L016 Datasheet HTML 1Page - Littelfuse 1206L016 Datasheet HTML 2Page - Littelfuse 1206L016 Datasheet HTML 3Page - Littelfuse 1206L016 Datasheet HTML 4Page - Littelfuse 1206L016 Datasheet HTML 5Page - Littelfuse 1206L016 Datasheet HTML 6Page - Littelfuse 1206L016 Datasheet HTML 7Page - Littelfuse 1206L016 Datasheet HTML 8Page - Littelfuse 1206L016 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 74 page
background image
POLYFUSE® Resettable PTCs
Surface Mount
www.littelfuse.com
©2006 Littelfuse

Electronics Designers Guide
1206L Series
The1206Lseriesdeviceprovidessurfacemount
overcurrentprotectionforapplicationswherespaceisat
apremiumandresettableprotectionisdesired.
Electrical Characteristics
Part Number
Marking
I
hold
(A)
I
trip
(A)
V
max
(Vdc)
I
max
(A)
P
d
max.
(W)
Maximum Time
To Trip
Resistance
Agency
Approvals
Current
(A)
Time
(Sec.)
R
min
(
Ω)
R
typ
(
Ω)
R
1max
(
Ω)
1206L012
A
0.125
0.29
30
100
0.6
1.00
0.20
1.500
3.600
6.000
X
X
1206L016
B
0.16
0.37
30
100
0.6
1.00
0.30
1.200
2.800
4.500
X
X
1206L020-C
C
0.20
0.42
24
100
0.6
8.00
0.10
0.650
1.550
2.600
X
X
1206L025-C
D
0.25
0.50
16
100
0.6
8.00
0.08
0.550
1.400
2.300
X
X
1206L035-C
E
0.35
0.75
6
100
0.6
8.00
0.10
0.300
0.750
1.200
X
X
1206L035/16
J
0.35
0.75
16
100
0.6
8.00
0.10
0.300
0.750
1.200
X
X
1206L050-C
F
0.50
1.00
6
100
0.6
8.00
0.10
0.150
0.400
0.700
X
X
1206L050/15
M
0.50
1.00
15
100
0.6
8.00
0.10
0.150
0.400
0.750
X
X
1206L075-C
G
0.75
1.50
6
100
0.6
8.00
0.20
0.090
0.200
0.290
X
X
1206L100
N
1.00
1.80
6
100
0.8
8.00
0.30
0.055
0.110
0.210
X
X
1206L110-C
H
1.10
2.20
6
100
0.8
8.00
0.30
0.040
0.110
0.180
X
X
1206L150-C
K
1.50
3.00
6
100
0.8
8.00
1.00
0.040
0.080
0.120
X
X
I
hold=Holdcurrent:maximumcurrentdevicewillpasswithouttrippingin20°Cstillair.
I
trip=Tripcurrent:minimumcurrentatwhichthedevicewilltripin20°Cstillair.
V
max=Maximumvoltagedevicecanwithstandwithoutdamageatratedcurrent(Imax)
I
max=Maximumfaultcurrentdevicecanwithstandwithoutdamageatratedvoltage(Vmax)
P
d=Powerdissipatedfromdevicewheninthetrippedstateat20°Cstillair.
R
min=Minimumresistanceofdeviceininitial(un-soldered)state.
R
typ=Typicalresistanceofdeviceininitial(un-soldered)state.
R
1max=Maximumresistanceofdeviceat20°Cmeasuredonehouraftertrippingorreflow
solderingof260°Cfor20sec.
Caution:Operationbeyondthespecifiedratingmayresultindamageandpossiblearcing
andflame.
Description
Agency Approvals
AGENCY
AGENCY FILE NUMBER
E183209
R50082521
Features
Applications
•RoHScompliantand
lead-free
•Fastresponsetofault
currents
•Compactdesignsaves
boardspace
•Lowresistance
•Low-profile
•Compatiblewithhigh
temperaturesolders
•USBperipherals
•Diskdrives
•CD-ROMs
•Plugandplayprotection
formotherboardsand
peripherals
•Mobilephones-battery
andportprotection
•Diskdrives
•PDAs/digitalcameras
•Gameconsoleport
protection
0L Series
Specifications are subject to change without notice.


Similar Part No. - 1206L016

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1206L016 LITTELFUSE-1206L016 Datasheet
359Kb / 5P
   POLYFUSE짰 Resettable PTCs
1206L016 LITTELFUSE-1206L016 Datasheet
797Kb / 6P
   The 1206L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired.
1206L016 LITTELFUSE-1206L016 Datasheet
811Kb / 6P
   Fast response to fault currents Compact design saves board space
1206L016 LITTELFUSE-1206L016 Datasheet
395Kb / 5P
   1206L Series
1206L016 LITTELFUSE-1206L016 Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
More results

Similar Description - 1206L016

ManufacturerPart #DatasheetDescription
logo
Littelfuse
2920L LITTELFUSE-2920L Datasheet
374Kb / 5P
   POLYFUSE짰 Resettable PTCs Surface Mount
1812L LITTELFUSE-1812L_06 Datasheet
411Kb / 6P
   POLYFUSE짰 Resettable PTCs Surface Mount
600R150 LITTELFUSE-600R150 Datasheet
354Kb / 5P
   POLYFUSE짰 Resettable PTCs
0603L LITTELFUSE-0603L_10 Datasheet
316Kb / 5P
   POLYFUSE짰 Resettable PTCs
250S130_0911 LITTELFUSE-250S130_0911 Datasheet
464Kb / 5P
   POLYFUSE짰 Resettable PTCs
30R500UMR LITTELFUSE-30R500UMR Datasheet
259Kb / 7P
   POLYFUSE짰 Resettable PTCs
1210L110WR LITTELFUSE-1210L110WR Datasheet
157Kb / 5P
   POLYFUSE짰 Resettable PTCs
60R010 LITTELFUSE-60R010_06 Datasheet
417Kb / 5P
   POLYFUSE짰 Resettable PTCs
15ST120 LITTELFUSE-15ST120 Datasheet
299Kb / 3P
   POLYFUSE짰 Resettable PTCs
15LT070 LITTELFUSE-15LT070 Datasheet
358Kb / 4P
   POLYFUSE짰 Resettable PTCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com