Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPS-30-15 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # MPS-30-15
Description  30W Single Output for Medical Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

MPS-30-15 Datasheet(HTML) 2 Page - Astrodyne Corporation

  MPS-30-15 Datasheet HTML 1Page - Astrodyne Corporation MPS-30-15 Datasheet HTML 2Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
m p s - 3 0 series
30W Single Output for Medical Type
300 myles standish Blvd., Taunton, mA 02780
ph: 1-800-823-8082
Fax: 508-823-8181
WWW.AsTRODYNE.COm
File�Name:MPS-30-SPEC���2005-09-06
Unit:mm
fosc�:�100KHz
+V
-V
DC�Output�Connector�(CN2)�:�Molex�41791-4�or�equivalent
Pin�No.
1,2
3,4
Assignment
-V
+V
Mating�Housing
Molex�2139
or�equivalent
Terminal
Molex�2478
or�equivalent
AC�Input�Connector�(CN1)�:�Molex�41791-5��or�equivalent
Pin�No.
1
3
5
2,4
Assignment
AC/L
AC/N
FG
No�Pin
Mating�Housing
Molex�2139
Molex�2478
or�equivalent
or�equivalent
Terminal
AMBIENT�TEMPERATURE�(
)
INPUT�VOLTAGE�(V)�60Hz
(HORIZONTAL)
Block�Diagram
Mechanical�Specification
Static�Characteristics
Output�Derating
1
2
3
4
1
2
3
4
5
CN1
T2.5A 250V
FUSE*2
CN2
95.2
101.6
66.1
3.2
M3�L
=6m
m
CROWBAR
OVP
FILTER
FG
I/P
EMI
FILTER
RECTIFIERS
&
RECTIFIERS
CONTROL
SWITCH-
PWM
ING
POWER
DETECTION
CIRCUIT
&
FILTER
-10
0
10
20
30
40
50
60
20
40
60
80
100
200
80
8
60
12
16
20
24
140
100
120
180
160
28
32
260
240
220
50
100
150
200
250
300
350
Ta=25
4-
3.2
30W�Single�Output�For�Medical Type
M P S - 3 0 series


Similar Part No. - MPS-30-15

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MPS-30-15 TOTAL-POWER-MPS-30-15 Datasheet
297Kb / 2P
   30W Single Output for Medical Type
logo
Mean Well Enterprises C...
MPS-30-15 MEANWELL-MPS-30-15 Datasheet
504Kb / 2P
   30W Single Output for Medical Type
logo
MicroPower Direct, LLC
MPS-30-15 MPD-MPS-30-15 Datasheet
890Kb / 2P
   Low Cost, Open Frame 30W EN60601 (Medical) Approved AC/DC Power Supplies
logo
Mean Well Enterprises C...
MPS-30-15 MEANWELL-MPS-30-15 Datasheet
506Kb / 2P
   30W Single Output for Medical Type
MPS-30-15 MEANWELL-MPS-30-15 Datasheet
521Kb / 2P
   30W Single Output for Medical Type
More results

Similar Description - MPS-30-15

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MPS-30 TOTAL-POWER-MPS-30 Datasheet
297Kb / 2P
   30W Single Output for Medical Type
logo
Mean Well Enterprises C...
MPS-30 MEANWELL-MPS-30_10 Datasheet
506Kb / 2P
   30W Single Output for Medical Type
logo
Astrodyne Corporation
MPS30 ASTRODYNE-MPS30 Datasheet
342Kb / 4P
   30W Single Output for Medical Type
logo
Mean Well Enterprises C...
MPS-30 MEANWELL-MPS-30_11 Datasheet
521Kb / 2P
   30W Single Output for Medical Type
MPS-30 MEANWELL-MPS-30 Datasheet
504Kb / 2P
   30W Single Output for Medical Type
RPS-30 MEANWELL-RPS-30_15 Datasheet
105Kb / 4P
   30W Single Output Medical Type
IRM-30 MEANWELL-IRM-30 Datasheet
90Kb / 4P
   30W Single Output Encapsulated Type
logo
DIWELL Electronics Co.,...
IRM-30 DIWELL-IRM-30 Datasheet
64Kb / 2P
   30W Single Output Encapsulated Type
2014-12-26
logo
Astrodyne Corporation
MPS-65 ASTRODYNE-MPS-65 Datasheet
1Mb / 6P
   65W Single Output for Medical Type
MPS-45 ASTRODYNE-MPS-45 Datasheet
1Mb / 6P
   45W Single Output for Medical Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com