Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430XW42X Datasheet(PDF) 5 Page - Texas Instruments

Part # MSP430XW42X
Description  MIXED SIGNAL MICROCONTROLLER
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430XW42X Datasheet(HTML) 5 Page - Texas Instruments

  MSP430XW42X Datasheet HTML 1Page - Texas Instruments MSP430XW42X Datasheet HTML 2Page - Texas Instruments MSP430XW42X Datasheet HTML 3Page - Texas Instruments MSP430XW42X Datasheet HTML 4Page - Texas Instruments MSP430XW42X Datasheet HTML 5Page - Texas Instruments MSP430XW42X Datasheet HTML 6Page - Texas Instruments MSP430XW42X Datasheet HTML 7Page - Texas Instruments MSP430XW42X Datasheet HTML 8Page - Texas Instruments MSP430XW42X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
MSP430xW42x
MIXED SIGNAL MICROCONTROLLER
SLAS383B − OCTOBER 2003 − REVISED JUNE 2007
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
P4.0/S9
21
I/O
General-purpose digital I/O/LCD segment output 9 (see Note)
P4.1/S8
20
I/O
General-purpose digital I/O/LCD segment output 8 (see Note)
P4.2/S7
19
I/O
General-purpose digital I/O/LCD segment output 7 (see Note)
P4.3/S6
18
I/O
General-purpose digital I/O/LCD segment output 6 (see Note)
P4.4/S5
17
I/O
General-purpose digital I/O/LCD segment output 5 (see Note)
P4.5/S4
16
I/O
General-purpose digital I/O/LCD segment output 4 (see Note)
P4.6/S3
15
I/O
General-purpose digital I/O/LCD segment output 3 (see Note)
P4.7/S2
14
I/O
General-purpose digital I/O/LCD segment output 2 (see Note)
P5.0/S1
13
I/O
General-purpose digital I/O/LCD segment output 1 (see Note)
P5.1/S0
12
I/O
General-purpose digital I/O/LCD segment output 0 (see Note)
COM0
36
O
Common output. COM0−3 are used for LCD backplanes
P5.2/COM1
37
I/O
General-purpose digital I/O/common output. COM0−3 are used for LCD backplanes
P5.3/COM2
38
I/O
General-purpose digital I/O/common output. COM0−3 are used for LCD backplanes
P5.4/COM3
39
I/O
General-purpose digital I/O/common output. COM0−3 are used for LCD backplanes
R03
40
I
Input port of fourth positive (lowest) analog LCD level (V5)
P5.5/R13
41
I/O
General-purpose digital I/O/input port of third most positive analog LCD level (V4 or V3)
P5.6/R23
42
I/O
General-purpose digital I/O/input port of second most positive analog LCD level (V2)
P5.7/R33
43
I/O
General-purpose digital I/O/output port of most positive analog LCD level (V1)
P6.0/SIFCH0
59
I/O
General-purpose digital I/O/Scan IF, channel 0 sensor excitation output and signal input
P6.1/SIFCH1
60
I/O
General-purpose digital I/O/Scan IF, channel 1 sensor excitation output and signal input
P6.2/SIFCH2
61
I/O
General-purpose digital I/O/Scan IF, channel 2 sensor excitation output and signal input
P6.3/SIFCH3/
SIFCAOUT
2
I/O
General-purpose digital I/O/Scan IF, channel 3 sensor excitation output and signal input/Scan IF
comparator output
P6.4/SIFCI0
3
I/O
General-purpose digital I/O/Scan IF, channel 0 signal input to comparator
P6.5/SIFCI1
4
I/O
General-purpose digital I/O/Scan IF, channel 1 signal input to comparator
P6.6/SIFCI2/
SIFDACOUT
5
I/O
General-purpose digital I/O/Scan IF, channel 2 signal input to comparator/10-bit DAC output
P6.7/
SIFCI3/SVSIN
6
I/O
General-purpose digital I/O/Scan IF, channel 3 signal input to comparator/SVS, analog input
SIFCI
7
I
Scan IF input to Comparator.
SIFCOM
11
O
Common termination for Scan IF sensors.
RST/NMI
58
I
Reset input or nonmaskable interrupt input port.
TCK
57
I
Test clock. TCK is the clock input port for device programming and test.
TDI/TCLK
55
I
Test data input or test clock input. The device protection fuse is connected to TDI/TCLK.
TDO/TDI
54
I/O
Test data output port. TDO/TDI data output or programming data input terminal.
TMS
56
I
Test mode select. TMS is used as an input port for device programming and test.
XIN
8
I
Input port for crystal oscillator XT1. Standard or watch crystals can be connected.
XOUT
9
O
Output terminal of crystal oscillator XT1.
NOTE:
LCD function selected automatically when applicable LCD module control bits are set, not with PxSEL bits.


Similar Part No. - MSP430XW42X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430XW42X TI-MSP430XW42X Datasheet
761Kb / 53P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430XW42X TI-MSP430XW42X Datasheet
752Kb / 51P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430XW42X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com