Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPS-45 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # MPS-45
Description  45W Single Output for Medical Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

MPS-45 Datasheet(HTML) 2 Page - Astrodyne Corporation

  MPS-45 Datasheet HTML 1Page - Astrodyne Corporation MPS-45 Datasheet HTML 2Page - Astrodyne Corporation MPS-45 Datasheet HTML 3Page - Astrodyne Corporation MPS-45 Datasheet HTML 4Page - Astrodyne Corporation MPS-45 Datasheet HTML 5Page - Astrodyne Corporation MPS-45 Datasheet HTML 6Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
m p s - 4 5 series
45W Single Output for Medical Type
300 myles standish Blvd., Taunton, mA 02780
ph: 1-800-823-8082
Fax: 508-823-8181
WWW.AsTRODYNE.COm
File�Name:MPS-45-SPEC���2005-10-07
Unit:mm
fosc�:�45KHz
DC�Output�Connector�(CN2)�:�Molex�5273-06�or�equivalent
Pin�No.
1,2,3
4,5,6
Assignment
+V
-V
Mating�Housing
Molex�5195
or�equivalent
Terminal
Molex�5194
or�equivalent
AC�Input�Connector�(CN1)�:�Molex�5277-02��or�equivalent
Pin�No.
1
2
Assignment
Mating�Housing
Molex�5195
Molex�5194
or�equivalent
or�equivalent
Terminal
Block�Diagram
Mechanical�Specification
Static�Characteristics
Output�Derating
-V
FG
I/P
CIRCUIT
CONTROL
O.L.P.
PWM
O.V.P.
SWITCH-
RECTIFIERS
FILTER
EMI
FILTER
&
POWER
ING
DETECTION
RECTIFIERS
FILTER
&
+V
AMBIENT�TEMPERATURE�(
)
(HORIZONTAL)
-10
0
10
20
30
40
50
60
20
40
60
80
100
Others
3.3V,5V
90
100
110
135
155
264
230
100
90
80
70
60
50
40
INPUT�VOLTAGE�(V)�60Hz
5.6
M1
127
115.8
FS1
CN1
AC�FUSE
T2A/250V
T2A/250V
2
FS2
1
AC�FUSE
SVR1
LED
4
5
6
1
3
2
CN2
FG
M2
AC/N
AC/L
45W�Single�Output�Medical Type
M P S - 4 5 series


Similar Part No. - MPS-45

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MPS-45 TOTAL-POWER-MPS-45 Datasheet
345Kb / 2P
   45W Single Output Medical Type
logo
Mean Well Enterprises C...
MPS-45 MEANWELL-MPS-45 Datasheet
302Kb / 2P
   45W Single Output Medical Type
logo
MicroPower Direct, LLC
MPS-45 MPD-MPS-45 Datasheet
604Kb / 2P
   Low Cost, Open Frame 45W EN60601 (Medical) Approved AC/DC Power Supplies
logo
Mean Well Enterprises C...
MPS-45 MEANWELL-MPS-45 Datasheet
305Kb / 2P
   45W Single Output Medical Type
logo
Total Power Internation...
MPS-45-12 TOTAL-POWER-MPS-45-12 Datasheet
345Kb / 2P
   45W Single Output Medical Type
More results

Similar Description - MPS-45

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MPS45 ASTRODYNE-MPS45 Datasheet
337Kb / 4P
   45W Single Output for Medical Type
logo
Total Power Internation...
MPS-45 TOTAL-POWER-MPS-45 Datasheet
345Kb / 2P
   45W Single Output Medical Type
logo
Mean Well Enterprises C...
MPS-45_1112 MEANWELL-MPS-45_1112 Datasheet
321Kb / 2P
   45W Single Output Medical Type
RPS-45 MEANWELL-RPS-45 Datasheet
102Kb / 4P
   45W Single Output Medical Type
MPS-45 MEANWELL-MPS-45_11 Datasheet
305Kb / 2P
   45W Single Output Medical Type
MPS-45 MEANWELL-MPS-45 Datasheet
302Kb / 2P
   45W Single Output Medical Type
MPD-45_1112 MEANWELL-MPD-45_1112 Datasheet
318Kb / 2P
   45W Dual Output Medical Type
MPT-45_1112 MEANWELL-MPT-45_1112 Datasheet
322Kb / 2P
   45W Triple Output Medical Type
MPT-45 MEANWELL-MPT-45 Datasheet
303Kb / 2P
   45W Triple Output Medical Type
MPD-45 MEANWELL-MPD-45 Datasheet
300Kb / 2P
   45W Dual Output Medical Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com