Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTCC-0309 Datasheet(PDF) 4 Page - Astrodyne Corporation

Part # MTCC-0309
Description  30W Ultraminiature Modular Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

MTCC-0309 Datasheet(HTML) 4 Page - Astrodyne Corporation

  MTCC-0309 Datasheet HTML 1Page - Astrodyne Corporation MTCC-0309 Datasheet HTML 2Page - Astrodyne Corporation MTCC-0309 Datasheet HTML 3Page - Astrodyne Corporation MTCC-0309 Datasheet HTML 4Page - Astrodyne Corporation MTCC-0309 Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
30W Ultraminiature Modular Switching Power Supplies
M C A - 3 0 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
MECHANICAL DIMENSIONS - PCB MOUNT
Model
Dual
Dual
Type / Pin#
Single
Matched
5/12V
Triple
1
AC HI
AC HI
AC HI
AC HI
2
AC LO
AC LO
AC LO
AC LO
3
Ctrl
-Vout
Com
-Vout
4
No Pin
Ctrl
Ctrl
Ctrl
5
No Pin
No Pin
No Pin
+5 Ret
6
-Vout
Com
+5out
+/-Com
7
No Pin
No Pin
No Pin
+5Vout
8
+Vout
+Vout
+12Vout +Vout
SINGLE OUTPUT
DUAL/TRIPLE OUTPUT


Similar Part No. - MTCC-0309

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MTCC-0109 ASTRODYNE-MTCC-0109 Datasheet
1Mb / 5P
   10W Ultraminiature Modular Switching Power Supplies
MTCC-0109DRL ASTRODYNE-MTCC-0109DRL Datasheet
1Mb / 5P
   10W Ultraminiature Modular Switching Power Supplies
MTCC-0111 ASTRODYNE-MTCC-0111 Datasheet
1Mb / 5P
   10W Ultraminiature Modular Switching Power Supplies
MTCC-0111DRL ASTRODYNE-MTCC-0111DRL Datasheet
1Mb / 5P
   10W Ultraminiature Modular Switching Power Supplies
More results

Similar Description - MTCC-0309

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ECA30 ASTRODYNE-ECA30 Datasheet
424Kb / 6P
   30W Ultraminiature Encapsulated Switching Power Supplies
MMA-30 ASTRODYNE-MMA-30 Datasheet
1Mb / 5P
   30W Medical Grade Ultraminiature Switching Power Supplies
EFM30 ASTRODYNE-EFM30 Datasheet
563Kb / 5P
   30W Ultraminiature Open Frame Switching Power Supplies
MCA-15 ASTRODYNE-MCA-15 Datasheet
1Mb / 5P
   15W Ultraminiature Modular Switching Power Supplies
logo
List of Unclassifed Man...
MCA-15 ETC2-MCA-15 Datasheet
1Mb / 5P
   15W Ultraminiature Modular Switching Power Supplies
logo
Astrodyne Corporation
MCA-5 ASTRODYNE-MCA-5 Datasheet
1Mb / 5P
   5W Ultraminiature Modular Switching Power Supplies
MCA-10 ASTRODYNE-MCA-10 Datasheet
1Mb / 5P
   10W Ultraminiature Modular Switching Power Supplies
MCA10 ASTRODYNE-MCA10 Datasheet
1,000Kb / 6P
   10W Ultraminiature Modular Switching Power Supplies
MCA5 ASTRODYNE-MCA5 Datasheet
496Kb / 6P
   5W Ultraminiature Modular Switching Power Supplies
APC ASTRODYNE-APC Datasheet
247Kb / 3P
   5 Watt Ultraminiature Modular Switching Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com