Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8677AETG+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX8677AETG+
Description  1.5A Dual-Input USB/AC Adapter Charger and Smart Power Selector
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8677AETG+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX8677AETG+ Datasheet HTML 4Page - Maxim Integrated Products MAX8677AETG+ Datasheet HTML 5Page - Maxim Integrated Products MAX8677AETG+ Datasheet HTML 6Page - Maxim Integrated Products MAX8677AETG+ Datasheet HTML 7Page - Maxim Integrated Products MAX8677AETG+ Datasheet HTML 8Page - Maxim Integrated Products MAX8677AETG+ Datasheet HTML 9Page - Maxim Integrated Products MAX8677AETG+ Datasheet HTML 10Page - Maxim Integrated Products MAX8677AETG+ Datasheet HTML 11Page - Maxim Integrated Products MAX8677AETG+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
1.5A Dual-Input USB/AC Adapter Charger
and Smart Power Selector
8
_______________________________________________________________________________________
USB DISCONNECT WITH NO DC
(RSYS = 25
Ω)
MAX8677A toc24
200
µs/div
VUSB
IUSB
VSYS
IBAT
500mA/div
1A/div
5V/div
5V/div
5V/div
10V/div
0A
-300mA
475mA
120mA
3V
3V
0V
0V
3.6V
4.3V
5V
VUOK
VCHG
USB SUSPEND
MAX8677A toc25
200
µs/div
VUSUS
IUSB
VSYS
IBAT
500mA/div
500mA/div
5V/div
5V/div
2V/div
-500mA
0A
0A
3V
0V
0V
4V
4.6V
500mA
5V
VCHG
USB RESUME
MAX8677A toc26
200
µs/div
VUSUS
IUSB
VSYS
IBAT
500mA/div
500mA/div
5V/div
5V/div
2V/div
0A
0A
3V
3V
0V
0V
4V
4.6V
-500mA
500mA
VCHG
CSYS CHARGING
BATTERY
CHARGER
SOFT-START
Pin Description
PIN
NAME
FUNCTION
1
DONE
Charge Done Output. Active-low, open-drain output pulls low when the charger enters the DONE state. No
charging current flows when DONE is low. See Figure 5.
2, 3
DC
DC Power Input. DC is capable of delivering up to 2A to SYS. DC supports both AC adapter and USB inputs. The
DC current limit is set with PEN1, PEN2, USUS, and RPSET. See Table 2. Both DC pins must be connected
together externally.
4
CEN
Charger Enable Input. Connect CEN to GND to enable battery charging when a valid source is connected at DC
or USB. Connect to VL or drive high with a logic signal to disable battery charging.
5
PEN1
DC Input Limit Control. If PEN1 is high, the DC input current limit is 3000/RPSET. If PEN1 is low, the DC limit is set
by PEN2 and USUS. See Table 2.
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX8677AETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8677C MAXIM-MAX8677C Datasheet
360Kb / 21P
   1.5A Dual-Input USB/AC Adapter Charger and Smart Power Selector
Rev 0; 4/07
MAX8677CETG MAXIM-MAX8677CETG Datasheet
360Kb / 21P
   1.5A Dual-Input USB/AC Adapter Charger and Smart Power Selector
Rev 0; 4/07
More results

Similar Description - MAX8677AETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8677C MAXIM-MAX8677C Datasheet
360Kb / 21P
   1.5A Dual-Input USB/AC Adapter Charger and Smart Power Selector
Rev 0; 4/07
MAX1874 MAXIM-MAX1874_V01 Datasheet
906Kb / 17P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
2007
logo
Anpec Electronics Corop...
APL3200 ANPEC-APL3200 Datasheet
385Kb / 24P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
logo
Maxim Integrated Produc...
MAX1874 MAXIM-MAX1874 Datasheet
405Kb / 16P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
Rev 0; 7/03
MAX8934G MAXIM-MAX8934G Datasheet
2Mb / 29P
   Dual-Input Linear Charger, Smart Power Selector with Advanced Battery Temperature Monitoring
Rev 0; 6/10
MAX8934A MAXIM-MAX8934A_V01 Datasheet
1Mb / 32P
   Dual-Input Linear Chargers, Smart Power Selector
2014
MAX77301 MAXIM-MAX77301_V01 Datasheet
1Mb / 67P
   JEITA-Compliant, Li Charger with Smart Power Selector, Automatic Detection, and USB Enumeration
2021
MAX14667 MAXIM-MAX14667 Datasheet
558Kb / 9P
   Dual USB Charger Adapter Emulator
Rev 0; 6/13
logo
Renesas Technology Corp
R2J20053NS RENESAS-R2J20053NS_15 Datasheet
327Kb / 20P
   AC adaptor / USB input selector & Li-ion/Ni-MH battery charger
logo
Maxim Integrated Produc...
MAX8895V MAXIM-MAX8895V Datasheet
4Mb / 45P
   Li-Ion Chargers with Smart Power Selector, Adapter Type Detection, and USB Enumeration
Rev 4 9/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com