Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSMC-0103 Datasheet(PDF) 4 Page - Astrodyne Corporation

Part # MSMC-0103
Description  10W Medical Grade Ultraminiature Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

MSMC-0103 Datasheet(HTML) 4 Page - Astrodyne Corporation

  MSMC-0103 Datasheet HTML 1Page - Astrodyne Corporation MSMC-0103 Datasheet HTML 2Page - Astrodyne Corporation MSMC-0103 Datasheet HTML 3Page - Astrodyne Corporation MSMC-0103 Datasheet HTML 4Page - Astrodyne Corporation MSMC-0103 Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
10W Medical Grade Ultraminiature Switching Power Supplies
M M A - 1 0 series
MECHANICAL DIMENSIONS - PCB MOUNT
Model
Dual
Dual
Type / Pin#
Single
Matched
5/12V
Triple
1
AC HI
AC HI
AC HI
AC HI
2
AC LO
AC LO
AC LO
AC LO
3
GND
GND
GND
GND
4
No Pin
No Pin
No Pin
+Vout
5
No Pin
No Pin
No Pin
+/-Com
6
+Vout
+Vout
12Vout
No Pin
7
No Pin
No Pin
No Pin
-Vout
8
No Pin
Out Com
+5Vout
+5Vout
9
-Vout
-Vout
Out Com 5V Ret
10
Ctrl
Ctrl
Ctrl
Ctrl
PERFORMANCE CURVES
100
90
70
50
40
30
20
10
80
60
0
0
10
20
30
40
50
60
70
-10
Ambient Temp., DegC
90
60
50
80
70
40
25
50
75
100
10
% of Full Load
0.22 [5.5]
.XX ± 0.01 [0.25]
.XXX ± 0.005 [0.13]
Tolerance:
Dimensions shown in inch [mm]
0.20 [5.1]
Adjustment Pot
Power “Good” Indicator
0.040 [1.02] DIA. TYP.
1.77 [45.0]
0.83 [21.0]
2.56 [65.0]
2.126 [54.0]


Similar Part No. - MSMC-0103

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MSMC-0300 ASTRODYNE-MSMC-0300 Datasheet
1Mb / 5P
   30W Medical Grade Ultraminiature Switching Power Supplies
MSMC-0300DRL ASTRODYNE-MSMC-0300DRL Datasheet
1Mb / 5P
   30W Medical Grade Ultraminiature Switching Power Supplies
MSMC-0301 ASTRODYNE-MSMC-0301 Datasheet
1Mb / 5P
   30W Medical Grade Ultraminiature Switching Power Supplies
MSMC-0301DRL ASTRODYNE-MSMC-0301DRL Datasheet
1Mb / 5P
   30W Medical Grade Ultraminiature Switching Power Supplies
MSMC-0302 ASTRODYNE-MSMC-0302 Datasheet
1Mb / 5P
   30W Medical Grade Ultraminiature Switching Power Supplies
More results

Similar Description - MSMC-0103

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASM10 ASTRODYNE-ASM10_16 Datasheet
702Kb / 3P
   10W Ultraminiature Medical Grade Switching Power Supplies
ASM10 ASTRODYNE-ASM10 Datasheet
735Kb / 3P
   10W Ultraminiature Medical Grade Switching Power Supplies
MMA-30 ASTRODYNE-MMA-30 Datasheet
1Mb / 5P
   30W Medical Grade Ultraminiature Switching Power Supplies
ASM15 ASTRODYNE-ASM15 Datasheet
753Kb / 3P
   15W Ultraminiature Medical Grade Switching Power Supplies
MMA-5 ASTRODYNE-MMA-5 Datasheet
926Kb / 5P
   5W Medical Grade Ultraminiature Switching Power Supplies
MMA-15 ASTRODYNE-MMA-15 Datasheet
1Mb / 5P
   15W Medical Grade Ultraminiature Switching Power Supplies
MCA-10 ASTRODYNE-MCA-10 Datasheet
1Mb / 5P
   10W Ultraminiature Modular Switching Power Supplies
MCA10 ASTRODYNE-MCA10 Datasheet
1,000Kb / 6P
   10W Ultraminiature Modular Switching Power Supplies
ECA10 ASTRODYNE-ECA10 Datasheet
777Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ECA-10 ASTRODYNE-ECA-10 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com