Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSMC-0104 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # MSMC-0104
Description  10W Medical Grade Ultraminiature Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

MSMC-0104 Datasheet(HTML) 2 Page - Astrodyne Corporation

  MSMC-0104 Datasheet HTML 1Page - Astrodyne Corporation MSMC-0104 Datasheet HTML 2Page - Astrodyne Corporation MSMC-0104 Datasheet HTML 3Page - Astrodyne Corporation MSMC-0104 Datasheet HTML 4Page - Astrodyne Corporation MSMC-0104 Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
10W Medical Grade Ultraminiature Switching Power Supplies
M M A - 1 0 series
Model Number
Output Voltage
Output Amps
Output Watts
DUAL OUTPUT - PCB Mount
MDMA-0106
+/-12 VDC
+/-0.42
10W
MDMA-0107
+/-15 VDC
+/-0.34
10W
MDMA-0108
+5/12 VDC
1/0.42
10W
DUAL OUTPUT - Chassis Mount
MDMC-0106
+/-12 VDC
+/-0.42
10W
MDMC-0107
+/-15 VDC
+/-0.34
10W
MDMC-0108
+5/12 VDC
1/0.42
10W
DUAL OUTPUT - DIN Rail Mount
MDMC-0106/DRL
+/-12 VDC
+/-0.42
10W
MDMC-0107/DRL
+/-15 VDC
+/-0.34
10W
MDMC-0108/DRL
+5/12 VDC
1/0.42
10W
TRIPLE OUTPUT - PCB Mount
MTMA-0109
+5,+/-12 VDC
1.5,0.1/0.1
10W
MTMA-0111
+5,+/-15 VDC
1.4,0.1/0.1
10W
TRIPLE OUTPUT - Chassis Mount
MTMC-0109
+5,+/-12 VDC
1.5,0.1/0.1
10W
MTMC-0111
+5,+/-15 VDC
1.4,0.1/0.1
10W
TRIPLE OUTPUT - DIN Rail Mount
MTMC-0109/DRL
+5,+/-12 VDC
1.5,0.1/0.1
10W
MTMC-0111/DRL
+5,+/-15 VDC
1.4,0.1/0.1
10W
Single / Dual / Triple Outputs
Universal 85VAC to 265VAC Input
3.3VDC to 24VDC Outputs
4,000VAC Input to Output Isolation
PCB and Chassis Mount Packages
Full Safety Approvals
PCB 2.56”L x 1.77”W x 0.83”H
Chassis 3.77”L x 2.16”W x 1.0”H
Fully Approved
UL/CSA22.2 2601 File# E167432
EN60601-1 File# B021022749033


Similar Part No. - MSMC-0104

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MSMC-0300 ASTRODYNE-MSMC-0300 Datasheet
1Mb / 5P
   30W Medical Grade Ultraminiature Switching Power Supplies
MSMC-0300DRL ASTRODYNE-MSMC-0300DRL Datasheet
1Mb / 5P
   30W Medical Grade Ultraminiature Switching Power Supplies
MSMC-0301 ASTRODYNE-MSMC-0301 Datasheet
1Mb / 5P
   30W Medical Grade Ultraminiature Switching Power Supplies
MSMC-0301DRL ASTRODYNE-MSMC-0301DRL Datasheet
1Mb / 5P
   30W Medical Grade Ultraminiature Switching Power Supplies
MSMC-0302 ASTRODYNE-MSMC-0302 Datasheet
1Mb / 5P
   30W Medical Grade Ultraminiature Switching Power Supplies
More results

Similar Description - MSMC-0104

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASM10 ASTRODYNE-ASM10_16 Datasheet
702Kb / 3P
   10W Ultraminiature Medical Grade Switching Power Supplies
ASM10 ASTRODYNE-ASM10 Datasheet
735Kb / 3P
   10W Ultraminiature Medical Grade Switching Power Supplies
MMA-30 ASTRODYNE-MMA-30 Datasheet
1Mb / 5P
   30W Medical Grade Ultraminiature Switching Power Supplies
ASM15 ASTRODYNE-ASM15 Datasheet
753Kb / 3P
   15W Ultraminiature Medical Grade Switching Power Supplies
MMA-5 ASTRODYNE-MMA-5 Datasheet
926Kb / 5P
   5W Medical Grade Ultraminiature Switching Power Supplies
MMA-15 ASTRODYNE-MMA-15 Datasheet
1Mb / 5P
   15W Medical Grade Ultraminiature Switching Power Supplies
MCA-10 ASTRODYNE-MCA-10 Datasheet
1Mb / 5P
   10W Ultraminiature Modular Switching Power Supplies
MCA10 ASTRODYNE-MCA10 Datasheet
1,000Kb / 6P
   10W Ultraminiature Modular Switching Power Supplies
ECA10 ASTRODYNE-ECA10 Datasheet
777Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ECA-10 ASTRODYNE-ECA-10 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com