Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSMA-5001 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # MSMA-5001
Description  5W Medical Grade Ultraminiature Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

MSMA-5001 Datasheet(HTML) 2 Page - Astrodyne Corporation

  MSMA-5001 Datasheet HTML 1Page - Astrodyne Corporation MSMA-5001 Datasheet HTML 2Page - Astrodyne Corporation MSMA-5001 Datasheet HTML 3Page - Astrodyne Corporation MSMA-5001 Datasheet HTML 4Page - Astrodyne Corporation MSMA-5001 Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
5W Medical Grade Ultraminiature Switching Power Supplies
M M A - 5 series
Single / Dual / Triple Outputs
Universal 85VAC to 265VAC Input
3.3VDC to 24VDC Outputs
4,000VAC Input to Output Isolation
PCB and Chassis Mount Packages
Full Safety Approvals
Model Number
Output Voltage
Output Amps
Output Watts
DUAL OUTPUT - PCB Mount
MDMA-5006
+/-12 VDC
+/-0.21
5W
MDMA-5007
+/-15 VDC
+/-0.17
5W
DUAL OUTPUT - Chassis Mount
MDMC-5006
+/-12 VDC
+/-0.21
5W
MDMC-5007
+/-15 VDC
+/-0.17
5W
DUAL OUTPUT - DIN Rail Mount
MDMC-5006/DRL
+/-12 VDC
+/-0.21
5W
MDMC-5007/DRL
+/-15 VDC
+/-0.17
5W
TRIPLE OUTPUT - PCB Mount
MTMA-5009
+5,+/-12 VDC
0.6,0.1/0.1
5W
MTMA-5011
+5,+/-15 VDC
0.45,0.1/0.1
5W
TRIPLE OUTPUT - Chassis Mount
MTMC-5009
+5,+/-12 VDC
0.6,0.1/0.1
5W
MTMC-5011
+5,+/-15 VDC
0.45,0.1/0.1
5W
TRIPLE OUTPUT - DIN Rail Mount
MTMC-5009/DRL
+5,+/-12 VDC
0.6,0.1/0.1
5W
MTMC-5011/DRL
+5,+/-15 VDC
0.45,0.1/0.1
5W
PCB 2.28”L x 1.77”W x 0.83”H
Chassis 3.77”L x 2.16”W x 1.0”H
Fully Approved
UL/CSA22.2 2601 File# E167432
EN60601-1 File# B021022749042


Similar Part No. - MSMA-5001

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MSMA-0100 ASTRODYNE-MSMA-0100 Datasheet
934Kb / 5P
   10W Medical Grade Ultraminiature Switching Power Supplies
MSMA-0101 ASTRODYNE-MSMA-0101 Datasheet
934Kb / 5P
   10W Medical Grade Ultraminiature Switching Power Supplies
MSMA-0102 ASTRODYNE-MSMA-0102 Datasheet
934Kb / 5P
   10W Medical Grade Ultraminiature Switching Power Supplies
MSMA-0103 ASTRODYNE-MSMA-0103 Datasheet
934Kb / 5P
   10W Medical Grade Ultraminiature Switching Power Supplies
MSMA-0104 ASTRODYNE-MSMA-0104 Datasheet
934Kb / 5P
   10W Medical Grade Ultraminiature Switching Power Supplies
More results

Similar Description - MSMA-5001

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MMA-30 ASTRODYNE-MMA-30 Datasheet
1Mb / 5P
   30W Medical Grade Ultraminiature Switching Power Supplies
ASM15 ASTRODYNE-ASM15 Datasheet
753Kb / 3P
   15W Ultraminiature Medical Grade Switching Power Supplies
ASM10 ASTRODYNE-ASM10_16 Datasheet
702Kb / 3P
   10W Ultraminiature Medical Grade Switching Power Supplies
MMA-10 ASTRODYNE-MMA-10 Datasheet
934Kb / 5P
   10W Medical Grade Ultraminiature Switching Power Supplies
ASM10 ASTRODYNE-ASM10 Datasheet
735Kb / 3P
   10W Ultraminiature Medical Grade Switching Power Supplies
MMA-15 ASTRODYNE-MMA-15 Datasheet
1Mb / 5P
   15W Medical Grade Ultraminiature Switching Power Supplies
ECA-5 ASTRODYNE-ECA-5 Datasheet
744Kb / 5P
   5W Ultraminiature Encapsulated Switching Power Supplies
ECA5 ASTRODYNE-ECA5 Datasheet
652Kb / 5P
   5W Ultraminiature Encapsulated Switching Power Supplies
MCA5 ASTRODYNE-MCA5 Datasheet
496Kb / 6P
   5W Ultraminiature Modular Switching Power Supplies
MCA-5 ASTRODYNE-MCA-5 Datasheet
1Mb / 5P
   5W Ultraminiature Modular Switching Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com