Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSCA-0103 Datasheet(PDF) 4 Page - Astrodyne Corporation

Part # MSCA-0103
Description  10W Ultraminiature Modular Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

MSCA-0103 Datasheet(HTML) 4 Page - Astrodyne Corporation

  MSCA-0103 Datasheet HTML 1Page - Astrodyne Corporation MSCA-0103 Datasheet HTML 2Page - Astrodyne Corporation MSCA-0103 Datasheet HTML 3Page - Astrodyne Corporation MSCA-0103 Datasheet HTML 4Page - Astrodyne Corporation MSCA-0103 Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
10W Ultraminiature Modular Switching Power Supplies
M C A - 1 0 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
MECHANICAL DIMENSIONS - PCB MOUNT
Model
Dual
Dual
Type / Pin#
Single
Matched
5/12V
Triple
1
AC HI
AC HI
AC HI
AC HI
2
AC LO
AC LO
AC LO
AC LO
3
GND
GND
GND
GND
4
No Pin
No Pin
No Pin
+Vout
5
No Pin
No Pin
No Pin
+/-Com
6
+Vout
+Vout
12Vout
No Pin
7
No Pin
No Pin
No Pin
-Vout
8
No Pin
Out Com
+5Vout
+5Vout
9
-Vout
-Vout
Out Com 5V Ret
10
Ctrl
Ctrl
Ctrl
Ctrl
0.22 [5.5]
.XX ± 0.01 [0.25]
.XXX ± 0.005 [0.13]
Tolerance:
Dimensions shown in inch [mm]
0.20 [5.1]
Adjustment Pot
Power “Good” Indicator
0.040 [1.02] DIA. TYP.
1.77 [45.0]
0.83 [21.0]
2.56 [65.0]
2.126 [54.0]
PERFORMANCE CURVES
100
90
70
50
40
30
20
10
80
60
0
0
10
20
30
40
50
60
70
-10
Ambient Temp., DegC
90
60
50
80
70
40
25
50
75
100
10
% of Full Load


Similar Part No. - MSCA-0103

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MSCA-0103 ASTRODYNE-MSCA-0103 Datasheet
1,000Kb / 6P
   10W Ultraminiature Modular Switching Power Supplies
MSCA-0103DRL ASTRODYNE-MSCA-0103DRL Datasheet
1,000Kb / 6P
   10W Ultraminiature Modular Switching Power Supplies
More results

Similar Description - MSCA-0103

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MCA10 ASTRODYNE-MCA10 Datasheet
1,000Kb / 6P
   10W Ultraminiature Modular Switching Power Supplies
ECA10 ASTRODYNE-ECA10 Datasheet
777Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ECA-10 ASTRODYNE-ECA-10 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
EFM10 ASTRODYNE-EFM10 Datasheet
619Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
OFM10 ASTRODYNE-OFM10 Datasheet
711Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
ASM10 ASTRODYNE-ASM10_16 Datasheet
702Kb / 3P
   10W Ultraminiature Medical Grade Switching Power Supplies
OFM10 ASTRODYNE-OFM10_16 Datasheet
316Kb / 5P
   10W Ultraminiature Open Frame Switching Power Supplies
EFM10 ASTRODYNE-EFM10_16 Datasheet
366Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
MMA-10 ASTRODYNE-MMA-10 Datasheet
934Kb / 5P
   10W Medical Grade Ultraminiature Switching Power Supplies
ASM10 ASTRODYNE-ASM10 Datasheet
735Kb / 3P
   10W Ultraminiature Medical Grade Switching Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com