Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCA-5 Datasheet(PDF) 4 Page - Astrodyne Corporation

Part # MCA-5
Description  5W Ultraminiature Modular Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

MCA-5 Datasheet(HTML) 4 Page - Astrodyne Corporation

  MCA-5 Datasheet HTML 1Page - Astrodyne Corporation MCA-5 Datasheet HTML 2Page - Astrodyne Corporation MCA-5 Datasheet HTML 3Page - Astrodyne Corporation MCA-5 Datasheet HTML 4Page - Astrodyne Corporation MCA-5 Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
5W Ultraminiature Modular Switching Power Supplies
M C A - 5 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
0.12 [5.3]
.XX ± 0.02 [0.508]
.XXX ± 0.01 [0.253]
Tolerance:
Dimensions shown in inch [mm]
0.20 [5.1]
Adjustment Pot
Power “Good” Indicator
0.040 [1.02] DIA. TYP.
1.77 [45.0]
0.83 [21.0]
2.28 [57.9]
1.85 [47.0]
1.85 [47.00]
MECHANICAL DIMENSIONS - PCB MOUNT
Model
Type / Pin#
Single Dual
Triple
1
AC HI
AC HI
AC HI
2
AC LO
AC LO
AC LO
3
GND
GND
GND
4
No Pin
No Pin
+Vout
5
No Pin
No Pin
Out Com
6
+Vout
+Vout
No Pin
7
No Pin
No Pin
-Vout
8
No Pin
Out Com +5Vout
9
-Vout
-Vout
5V Ret
10
Ctrl
Ctrl
Ctrl
PERFORMANCE CURVES
100
90
70
50
40
30
20
10
80
60
0
0
10
20
30
40
50
60
70
-10
Ambient Temp., DegC
90
60
50
80
70
40
25
50
75
100
10
% of Full Load


Similar Part No. - MCA-5

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MCA-50H MINI-MCA-50H Datasheet
200Kb / 2P
   Frequency Mixer WIDE BAND
MCA-50H++ MINI-MCA-50H+ Datasheet
200Kb / 2P
   Frequency Mixer WIDE BAND
MCA-50H++ MINI-MCA-50H+ Datasheet
247Kb / 1P
   FREQUENCY MIXERS
MCA-50LH MINI-MCA-50LH Datasheet
152Kb / 2P
   Ceramic Frequency Mixer wide band Level 10 (LO Power 10 dBm) 1000 to 5000 MHz
MCA-50LH++ MINI-MCA-50LH+ Datasheet
152Kb / 2P
   Ceramic Frequency Mixer wide band Level 10 (LO Power 10 dBm) 1000 to 5000 MHz
More results

Similar Description - MCA-5

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MCA5 ASTRODYNE-MCA5 Datasheet
496Kb / 6P
   5W Ultraminiature Modular Switching Power Supplies
ECA-5 ASTRODYNE-ECA-5 Datasheet
744Kb / 5P
   5W Ultraminiature Encapsulated Switching Power Supplies
ECA5 ASTRODYNE-ECA5 Datasheet
652Kb / 5P
   5W Ultraminiature Encapsulated Switching Power Supplies
EFM5 ASTRODYNE-EFM5 Datasheet
684Kb / 4P
   5W Ultraminiature Open Frame Switching Power Supplies
OFM5 ASTRODYNE-OFM5 Datasheet
780Kb / 4P
   5W Ultraminiature Open Frame Switching Power Supplies
OFM5 ASTRODYNE-OFM5_16 Datasheet
444Kb / 4P
   5W Ultraminiature Open Frame Switching Power Supplies
MMA-5 ASTRODYNE-MMA-5 Datasheet
926Kb / 5P
   5W Medical Grade Ultraminiature Switching Power Supplies
MCA-15 ASTRODYNE-MCA-15 Datasheet
1Mb / 5P
   15W Ultraminiature Modular Switching Power Supplies
logo
List of Unclassifed Man...
MCA-15 ETC2-MCA-15 Datasheet
1Mb / 5P
   15W Ultraminiature Modular Switching Power Supplies
logo
Astrodyne Corporation
MCA-10 ASTRODYNE-MCA-10 Datasheet
1Mb / 5P
   10W Ultraminiature Modular Switching Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com