Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEC40-48D3305 Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # FEC40-48D3305
Description  Isolated and Regulated 40 WATT Modular DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

FEC40-48D3305 Datasheet(HTML) 3 Page - Astrodyne Corporation

  FEC40-48D3305 Datasheet HTML 1Page - Astrodyne Corporation FEC40-48D3305 Datasheet HTML 2Page - Astrodyne Corporation FEC40-48D3305 Datasheet HTML 3Page - Astrodyne Corporation FEC40-48D3305 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Isolated and Regulated 40 WATT Modular DC/DC Converters
f e c 4 0 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
fax: 508-823-8181
WWW.ASTRODYNe.cOM
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.
Notes:
1.
Maximum output deviation is 10% inclusive of remote sense and him. If remote sense is not being used, the +Vsense should be connected to its cor-
responding +OUTPUT and likewise the sense should be connected to its corresponding -OUTPUT.
2.
Triple outputs requires a minimum 10% loading on the output to maintain specified regulation. Operation under no-load condition will not damage these
devices, however they may not meet all listed specifications
3.
Load regulation for triple output:
Main output (V1): 10 to 100% with 10% to 100% balanced on auxiliaries.
Auxiliary outputs (V2 and V3): 10% to 100% balanced on all outputs.
4.
Cross regulation for triple output:
Main output 100% load, auxiliary 100%, other auxiliary 25% to 100%.
Auxiliary outputs (V2 and V3): main output 100% load, auxiliary 100%, other auxiliary 25% to 100% or main output
25%, auxiliary 25%, other auxiliary 25% to 100%.
5.
The models of FEC40-XXD3305 are specified with a 1uF ceramic output capacitors.
6.
An external filter capacitor is required for normal operation. The capacitor should be capable of handing 1A ripple current for 48V/24V models. Astrodyne
suggests: Nippon chemi-con KMF series, 220µF/100V, ESR 9OmÙ.
7.
Simulated source impedance of 12uH. 12uH inductor in series with +Vin.
8.
The ON/OFF control pin voltage is referenced to negative Input.
9.
Switching frequency for dual output: Master (5Vo) 300KHz; Slave (3.3Vo) 500KHz
10.
BELLCORE TR-NWT-000332. Case I: 50% Stress, Temperature at 4OºC. (Ground fixed and controlled environment).
11.
Heat sink is optional and P/N: 7G-OO26A.
12.
Any condition of dual output (3.3V/5V) rated lout current, not to exceed 8A of total output currents.
13.
Maximum value at nominal input voltage and full load.
14.
Typical value at nominal input voltage and full load.
15.
Test by minimum Vin and constant resistor load.
MecHANIcAL DIMeNSIONS
1. All dimensions in Inches (mm)
Tolerance: X.XX 0.02 (X.X 0.5)
X.XXX 0.01 (X.XX 0.25)
2. Pin pitch tolerance 0.014(0.35)
0.40
(10.2)
0.22 (5.6)
DIA. 0.04
1
2.00 (50.8)
0.40
(10.2)
0.20 (5.1)
0.80 (20.3)
0.60 (15.2)
0.30 (7.6)
0.10 (2.5)
0.50 (12.7)
0.20 (5.1)
4
3
2
8
7 6
5
9
1.10 (27.9)
BOTTOM
VIEW
8(8)
9(9)
TRIM UP
9(9)
7(5)
TRIM DOWN
RU
RD
exTeRNAL OUTPUT TRIMMING
Pin# Single
Dual
Triple
1
+INPUT
+INPUT
+INPUT
2
-INPUT
-INPUT
-INPUT
3
CTRL
CTRL
CTRL
4
NC
3.3V
+AUX
5
-SENSE (note 1)
3.3V RTN (COM)
COMMON
6
+SENSE (note 1)
NC
-AUX
7
+OUTPUT
NC
+OUTPUT
8
-OUTPUT
5V
-OUTPUT (COM)
9
TRIM
5V RTN (COM)
NC


Similar Part No. - FEC40-48D3305

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
FEC40-48D3305 VOLGEN-FEC40-48D3305 Datasheet
262Kb / 2P
   40 WATT DC/DC CONVERTER SINGLE, DUAL & TRIPLE OUTPUTS
logo
Power Mate Technology C...
FEC40-48D3305 P-DUKE-FEC40-48D3305 Datasheet
356Kb / 4P
   40 WATTS MAXIMUM OUTPUT POWER
FEC40-48D3305 P-DUKE-FEC40-48D3305 Datasheet
350Kb / 3P
   40 WATTS DC-DC CONVERTER
logo
Astrodyne Corporation
FEC40-48D3305 ASTRODYNE-FEC40-48D3305 Datasheet
499Kb / 4P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
More results

Similar Description - FEC40-48D3305

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
FEC40 ASTRODYNE-FEC40_16 Datasheet
499Kb / 4P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
FDC40 ASTRODYNE-FDC40_16 Datasheet
277Kb / 5P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
FDC40 ASTRODYNE-FDC40 Datasheet
540Kb / 5P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
ASD705 ASTRODYNE-ASD705 Datasheet
368Kb / 3P
   Isolated and Regulated 7.5 WATT Modular DC/DC Converters
DR1P5 ASTRODYNE-DR1P5 Datasheet
278Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
FKC05 ASTRODYNE-FKC05 Datasheet
225Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
MKC03 ASTRODYNE-MKC03_16 Datasheet
157Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
ASD05 ASTRODYNE-ASD05_16 Datasheet
356Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
VKC03 ASTRODYNE-VKC03_16 Datasheet
143Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com