Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFM100-9 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # LFM100-9
Description  100W Ultraminiature Open Frame Switching Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

LFM100-9 Datasheet(HTML) 2 Page - Astrodyne Corporation

  LFM100-9 Datasheet HTML 1Page - Astrodyne Corporation LFM100-9 Datasheet HTML 2Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
100W Ultraminiature Open Frame Switching Power Supplies
L F M 1 0 0 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
INPUT SPECIFICATIONS
Input Voltage Range
85-265 VAC (See Note 2)
Frequency Range
47-63 Hz
Inrush Current, typ:
25A@100V, 50A@200V Input *
Leakage Current
3.5mA max.
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Load Regulation (10%-FL)
+/- 1%
Line Regulation (LL-HL, FL)
+/- 0.5%
Voltage Accuracy
+/- 1%
Temperature Coefficient
+/-0.05%/°C
Ripple/Noise
1% (See Note 1)
Short Circuit Protection
Continuous
Over Voltage Protection
Auto Recovery
Hold Up Time
20 mS, typ @ 115VAC
GENERAL SPECIFICATIONS
Input-Out Isolation
3000VAC
Efficiency
85%, typ.
Safety
UL60950, EN60950
PHYSICAL SPECIFICATIONS
Size
5VDC Output
3” x 5” x 1.34” +/-0.04” Tol.
All Others
3” x 5” x 1.24” +/-0.04” Tol.
Construction
Open Frame
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
0 to +40°C
Cooling
Free Air Convection
Storage Temperature
-20 to +85°C *
MECHANICAL SPECIFICATIONS
Pin #
Output Pin Functions
1, 2, 3, 4
+ Output
5, 6, 7, 8
- Output
NOTES:
1) LFM5/9/12: Add a 0.1uF ceramic capacitor and a 220uF E.L.capacitor to
output for Ripple & Noise (R & N) measuring @ 20MHz BW.
All Others: Add a 0.1uF ceramic capacitor and a 10uF E.L.capacitor to
output for Ripple & Noise (R & N) measuring @ 20MHz BW.
2) Connections:
AC Input - Molex 5277 or Equivalent
DC Output - Molex 5273 or Equivalent
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.
0.22 [5.70]
2.55 [64.80]
0.06 [1.60]
0.08 [2.00]max
0.22 [5.70]
2.55 [64.80]
0.06 [1.60]
0.08 [2.00]max
1.34 [34.00]max
3.00[76.20]
3.00[76.20]
1.24 [32.00]max
5 Volt Output


Similar Part No. - LFM100-9

ManufacturerPart #DatasheetDescription
logo
Formosa MS
LFM120 FORMOSA-LFM120 Datasheet
59Kb / 7P
   Chip Schottky Barrier Rectifier
LFM120-MH1 FORMOSA-LFM120-MH1 Datasheet
65Kb / 7P
   Chip Schottky Barrier Rectifier
LFM120-MHT FORMOSA-LFM120-MHT Datasheet
61Kb / 7P
   Chip Schottky Barrier Rectifier
LFM120-MS FORMOSA-LFM120-MS Datasheet
60Kb / 7P
   SMD Schottky Barrier Rectifier
LFM120-MT FORMOSA-LFM120-MT Datasheet
61Kb / 7P
   Chip Schottky Barrier Rectifier
More results

Similar Description - LFM100-9

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
EFM10 ASTRODYNE-EFM10 Datasheet
619Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
EFM15 ASTRODYNE-EFM15 Datasheet
566Kb / 4P
   15W Ultraminiature Open Frame Switching Power Supplies
OFM15 ASTRODYNE-OFM15 Datasheet
654Kb / 4P
   15W Ultraminiature Open Frame Switching Power Supplies
ASL60 ASTRODYNE-ASL60 Datasheet
726Kb / 4P
   60W Ultraminiature Open Frame Switching Power Supplies
OFM10 ASTRODYNE-OFM10 Datasheet
711Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
EFM5 ASTRODYNE-EFM5 Datasheet
684Kb / 4P
   5W Ultraminiature Open Frame Switching Power Supplies
ASL40 ASTRODYNE-ASL40 Datasheet
726Kb / 4P
   40W Ultraminiature Open Frame Switching Power Supplies
OFM10 ASTRODYNE-OFM10_16 Datasheet
316Kb / 5P
   10W Ultraminiature Open Frame Switching Power Supplies
EFM10 ASTRODYNE-EFM10_16 Datasheet
366Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
LFM20 ASTRODYNE-LFM20 Datasheet
938Kb / 2P
   20W Ultraminiature Open Frame Switching Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com