Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC20-48S12 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # FDC20-48S12
Description  Isolated and Regulated 20 WATT Modular DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

FDC20-48S12 Datasheet(HTML) 1 Page - Astrodyne Corporation

  FDC20-48S12 Datasheet HTML 1Page - Astrodyne Corporation FDC20-48S12 Datasheet HTML 2Page - Astrodyne Corporation FDC20-48S12 Datasheet HTML 3Page - Astrodyne Corporation FDC20-48S12 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Isolated and Regulated 20 WATT Modular DC/DC Converters
f d c 2 0 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
fax: 508-823-8181
WWW.ASTROdYNE.cOM
Wide 2 : 1 Input Range
High Efficiency
Regulated Outputs
1600V Isolation
Full EMI Shielding
Standard Pinouts
Model Number
Output Voltage
Output Amps
Input Range
SINGLE OUTPUT
FDC20-12S33
3.3 VDC
4
9-18 VDC
FDC20-24S33
4
18-36 VDC
FDC20-48S33
4
36-72 VDC
FDC20-12S05
5 VDC
4
9-18 VDC
FDC20-24S05
4
18-36 VDC
FDC20-48S05
4
36-72 VDC
FDC20-12S12
12 VDC
1.67
9-18 VDC
FDC20-24S12
1.67
18-36 VDC
FDC20-48S12
1.67
36-72 VDC
FDC20-12S15
15 VDC
1.33
9-18 VDC
FDC20-24S15
1.33
18-36 VDC
FDC20-48S15
1.33
36-72 VDC
dUAL OUTPUT
FDC20-12D05
+/-5 VDC
+/-2
9-18 VDC
FDC20-24D05
+/-2
18-36 VDC
FDC20-48D05
+/-2
36-72 VDC
FDC20-12D12
+/-12 VDC
+/-0.833
9-18 VDC
FDC20-24D12
+/-0.833
18-36 VDC
FDC20-48D12
+/-0.833
36-72 VDC
FDC20-12D15
+/-15 VDC
+/-0.666
9-18 VDC
FDC20-24D15
+/-0.666
18-36 VDC
FDC20-48D15
+/-0.666
36-72 VDC
Unit measures 1”W x 2”L x 0.375”H
Order On-Line!
astrodyne.com


Similar Part No. - FDC20-48S12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FDC20-48S12 ETC2-FDC20-48S12 Datasheet
600Kb / 4P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
Power Mate Technology C...
FDC20-48S12 P-DUKE-FDC20-48S12 Datasheet
278Kb / 3P
   20 WATTS OUTPUT POWER
FDC20-48S12 P-DUKE-FDC20-48S12 Datasheet
347Kb / 3P
   20 WATTS DC-DC CONVERTER
logo
Astrodyne Corporation
FDC20-48S12 ASTRODYNE-FDC20-48S12 Datasheet
202Kb / 4P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
Volgen Kaga Electronics...
FDC20-48S12W VOLGEN-FDC20-48S12W Datasheet
282Kb / 2P
   SIINGLE AND DUAL OUTPUT,, 4::1 WIIDE IINPUT RANGE 20 WATTS DC//DC CONVERTERS
More results

Similar Description - FDC20-48S12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SU20 ETC2-SU20 Datasheet
288Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
FDC20-12S33 ETC2-FDC20-12S33 Datasheet
600Kb / 4P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
ASD20 ASTRODYNE-ASD20_16 Datasheet
162Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
SU20 ASTRODYNE-SU20 Datasheet
288Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
ASD20 ASTRODYNE-ASD20 Datasheet
282Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
FDC20 ASTRODYNE-FDC20_16 Datasheet
202Kb / 4P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
SU20 ASTRODYNE-SU20_16 Datasheet
208Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
FED20W ASTRODYNE-FED20W_16 Datasheet
225Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
FED20W ASTRODYNE-FED20W Datasheet
225Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com