Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC10-48S12 Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # FDC10-48S12
Description  Isolated and Regulated 10 WATT Modular DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

FDC10-48S12 Datasheet(HTML) 3 Page - Astrodyne Corporation

  FDC10-48S12 Datasheet HTML 1Page - Astrodyne Corporation FDC10-48S12 Datasheet HTML 2Page - Astrodyne Corporation FDC10-48S12 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Isolated and Regulated 10 WATT Modular DC/DC Converters
F D C 1 0 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
0.40
(10.2)
0.40
(10.2)
0.50
(12.7)
1.00(25.4)
0.40
(10.2)
1. All dimensions in Inches (mm)
Tolerance x.xx±0.02(x.x±0.5)
2. Pin Pitch tolerance ±0.014(0.35)
0.10(2.5)
0.20(5.1)
0.22(5.6)
1 2
3
4
5
Bottom
View
OUTPUT DERATING CURVE
MECHANICAL DIMENSIONS
Pin #
Single Outputs Dual Outputs
1
+ Input
+ Input
2
- Input
- Input
3
+ Output
+ Output
4
No Pin
Common
5
- Output
- Output
0
25
50
75
100
0
50 60 70 80 90 100
-40 -25 -10
AMBIENT TEMPERATURE (ºC)
FDC10-48S05 Derating Curve
Nature convection


Similar Part No. - FDC10-48S12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FDC10-48S12 ETC1-FDC10-48S12 Datasheet
98Kb / 2P
   10 watts of output power from a 2 x 1 x 0.4 inch package
logo
Power Mate Technology C...
FDC10-48S12 P-DUKE-FDC10-48S12 Datasheet
341Kb / 3P
   10 WATTS OUTPUT POWER
FDC10-48S12 P-DUKE-FDC10-48S12 Datasheet
425Kb / 3P
   10 WATTS DC-DC CONVERTER
logo
Astrodyne Corporation
FDC10-48S12 ASTRODYNE-FDC10-48S12 Datasheet
206Kb / 3P
   Isolated and Regulated 10 WATT Modular DC/DC Converters
logo
List of Unclassifed Man...
FDC10-48S12W ETC1-FDC10-48S12W Datasheet
98Kb / 2P
   10 watts of output power from a 2 x 1 x 0.4 inch package
More results

Similar Description - FDC10-48S12

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
FDC10 ASTRODYNE-FDC10_16 Datasheet
206Kb / 3P
   Isolated and Regulated 10 WATT Modular DC/DC Converters
ST10 ASTRODYNE-ST10 Datasheet
849Kb / 3P
   Isolated and Regulated 10 Watt Modular DC/DC Converters
ASD10 ASTRODYNE-ASD10 Datasheet
411Kb / 3P
   Isolated and Regulated 10 WATT Modular DC/DC Converters
ASD10 ASTRODYNE-ASD10_16 Datasheet
355Kb / 3P
   Isolated and Regulated 10 WATT Modular DC/DC Converters
ST10 ASTRODYNE-ST10_16 Datasheet
262Kb / 3P
   Isolated and Regulated 10 Watt Modular DC/DC Converters
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
ASD705 ASTRODYNE-ASD705 Datasheet
368Kb / 3P
   Isolated and Regulated 7.5 WATT Modular DC/DC Converters
DR1P5 ASTRODYNE-DR1P5 Datasheet
278Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
FKC05 ASTRODYNE-FKC05 Datasheet
225Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
MKC03 ASTRODYNE-MKC03_16 Datasheet
157Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com