Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC10-24S12 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # FDC10-24S12
Description  Isolated and Regulated 10 WATT Modular DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

FDC10-24S12 Datasheet(HTML) 2 Page - Astrodyne Corporation

  FDC10-24S12 Datasheet HTML 1Page - Astrodyne Corporation FDC10-24S12 Datasheet HTML 2Page - Astrodyne Corporation FDC10-24S12 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Isolated and Regulated 10 WATT Modular DC/DC Converters
F D C 1 0 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
INPUT SPECIFICATIONS
Input Voltage Ranges:
12 VDC Nominal
9-18 VDC
24 VDC Nominal
18-36 VDC
48 VDC Nominal
36-72 VDC
Input Filter
Pi Type
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Load Regulation
singles: +/-1%
10% - FL
duals: +/-2%
Line Regulation
+/-1%
Temperature Coefficient
+/-0.02%/DegC
Ripple/Noise(Single/Dual)
(50 / 75) mV Pk-Pk, typ
Voltage Stability
+/- 2%
Voltage Balance, Dual
+/-1%
Transient Response Recovery
25% Load Step Change
500 microSeconds
Short Circuit Protection
Continuous, self-recovering
Overvoltage Protection Threshold: 3.3V Output
3.9Volts
5V Output
6.2Volts
12V Output
15Volts
15V Output
18Volts
GENERAL SPECIFICATIONS
Input-Out Isolation
1600VDC
In/Out Capacitance
1000 pF
Isolation Resistance
10000 M Ohms
Efficiency
80%, typ
Switching Frequency
300Khz
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
-25 to +71 DegC(FL)
Storage Temperature
-55 to +125 DegC *
Maximum Case Temp
110 DegC *
MTBF
1.97 MHrs
MIL-HDBK-217F TA=25C FL
PHYSICAL SPECIFICATIONS
Case Material
Nickel-Coated Copper
Non-Conductive Base
Construction
Fully Encapsulated
Weight
1.1 oz, (30g)
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25DegC unless
otherwise noted
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.


Similar Part No. - FDC10-24S12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FDC10-24S12 ETC1-FDC10-24S12 Datasheet
98Kb / 2P
   10 watts of output power from a 2 x 1 x 0.4 inch package
logo
Power Mate Technology C...
FDC10-24S12 P-DUKE-FDC10-24S12 Datasheet
341Kb / 3P
   10 WATTS OUTPUT POWER
FDC10-24S12 P-DUKE-FDC10-24S12 Datasheet
425Kb / 3P
   10 WATTS DC-DC CONVERTER
logo
Astrodyne Corporation
FDC10-24S12 ASTRODYNE-FDC10-24S12 Datasheet
206Kb / 3P
   Isolated and Regulated 10 WATT Modular DC/DC Converters
logo
List of Unclassifed Man...
FDC10-24S12W ETC1-FDC10-24S12W Datasheet
98Kb / 2P
   10 watts of output power from a 2 x 1 x 0.4 inch package
More results

Similar Description - FDC10-24S12

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
FDC10 ASTRODYNE-FDC10_16 Datasheet
206Kb / 3P
   Isolated and Regulated 10 WATT Modular DC/DC Converters
ST10 ASTRODYNE-ST10 Datasheet
849Kb / 3P
   Isolated and Regulated 10 Watt Modular DC/DC Converters
ASD10 ASTRODYNE-ASD10 Datasheet
411Kb / 3P
   Isolated and Regulated 10 WATT Modular DC/DC Converters
ASD10 ASTRODYNE-ASD10_16 Datasheet
355Kb / 3P
   Isolated and Regulated 10 WATT Modular DC/DC Converters
ST10 ASTRODYNE-ST10_16 Datasheet
262Kb / 3P
   Isolated and Regulated 10 Watt Modular DC/DC Converters
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
ASD705 ASTRODYNE-ASD705 Datasheet
368Kb / 3P
   Isolated and Regulated 7.5 WATT Modular DC/DC Converters
DR1P5 ASTRODYNE-DR1P5 Datasheet
278Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
FKC05 ASTRODYNE-FKC05 Datasheet
225Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
MKC03 ASTRODYNE-MKC03_16 Datasheet
157Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com