Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DU1P0-12D12 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # DU1P0-12D12
Description  Isolated and Unregulated 1 WATT Modular DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

DU1P0-12D12 Datasheet(HTML) 1 Page - Astrodyne Corporation

  DU1P0-12D12 Datasheet HTML 1Page - Astrodyne Corporation DU1P0-12D12 Datasheet HTML 2Page - Astrodyne Corporation DU1P0-12D12 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Isolated and Unregulated 1 WATT Modular DC/DC Converters
d u 1 p 0 series
300 Myles Standish Blvd., Taunton, MA 02780
ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTROdYNE.COM
Unit measures 0.24”W x 0.77”L x 0.4”H
Low Cost
1 Watt in SIP Package
Unregulated Outputs
Input/Output Isolation up to 3KVDC
UL 94-V0 Non-Conductive Case
Internal Input & Output Filters
Order On-Line!
astrodyne.com
Model Number Output Voltage Output Amps
Input Range
Efficiency Max I.p. Current
Max Load Capacitance
SINGLE OuTpuT
DU1P0-05S05(N) 5 VDC
200
4.5-5.5 VDC
77%
274mA
6.2uF
DU1P0-12S05(N)
200
10.8-13.2 VDC
77%
114mA
6.2uF
DU1P0-15S05(N)
200
13.5-16.5 VDC
73%
97mA
6.2uF
DU1P0-24S05(N)
200
21.6-26.4 VDC
72%
61mA
6.2uF
DU1P0-05S12(N) 12 VDC
83
4.5-5.5 VDC
82%
255mA
6.2uF
DU1P0-12S12(N)
83
10.8-13.2 VDC
82%
106mA
6.2uF
DU1P0-15S12(N)
83
13.5-16.5 VDC
79%
89mA
6.2uF
DU1P0-24S12(N)
83
21.6-26.4 VDC
78%
56mA
6.2uF
DU1P0-05S15(N) 15 VDC
67
4.5-5.5 VDC
81%
261mA
6.2uF
DU1P0-12S15(N)
67
10.8-13.2 VDC
79%
112mA
6.2uF
DU1P0-15S15(N)
67
13.5-16.5 VDC
80%
88mA
6.2uF
DU1P0-24S15(N)
67
21.6-26.4 VDC
78%
57mA
6.2uF
duAL OuTpuT
DU1P0-05D05(N) +/-5 VDC
+/-100
4.5-5.5 VDC
78%
270mA
3.0uF
DU1P0-12D05(N)
+/-100
10.8-13.2 VDC
77%
114mA
3.0uF
DU1P0-15D05(N)
+/-100
13.5-16.5 VDC
75%
94mA
3.0uF
DU1P0-24D05(N)
+/-100
21.6-26.4 VDC
75%
59mA
3.0uF
DU1P0-05D12(N) +/-12 VDC
+/-42
4.5-5.5 VDC
82%
258mA
3.0uF
DU1P0-12D12(N)
+/-42
10.8-13.2 VDC
81%
109mA
3.0uF
DU1P0-15D12(N)
+/-42
13.5-16.5 VDC
80%
88mA
3.0uF
DU1P0-24D12(N)
+/-42
21.6-26.4 VDC
78%
57mA
3.0uF
DU1P0-05D15(N) +/-15 VDC
+/-33
4.5-5.5 VDC
81%
257mA
3.0uF
DU1P0-12D15(N)
+/-33
10.8-13.2 VDC
82%
106mA
3.0uF
DU1P0-15D15(N)
+/-33
13.5-16.5 VDC
80%
87mA
3.0uF
DU1P0-24D15(N)
+/-33
21.6-26.4 VDC
79%
55mA
3.0uF
Note - (N) Denotes that there is an optional 3000VDC Input to Output Isolation version available for the DU1P0 family of products. To order a DU1P0 product with the
optional 3000VDC Isolation, simply add an “N” to the end of the standard Part Number. For example DU1P0-05S05N.


Similar Part No. - DU1P0-12D12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DU1P0-12D12 ETC-DU1P0-12D12 Datasheet
88Kb / 2P
   1 WATT DC-DC CONVERTER
logo
Power Mate Technology C...
DU1P0-12D12 P-DUKE-DU1P0-12D12 Datasheet
233Kb / 2P
   1 WATT UNREGULATED OUTPUT POWER
logo
RSG Electronic Componen...
DU1P0-12D12 RSG-DU1P0-12D12 Datasheet
150Kb / 2P
   1 WATT UNREGULATED OUTPUT POWER
logo
Power Mate Technology C...
DU1P0-12D12 P-DUKE-DU1P0-12D12 Datasheet
306Kb / 2P
   1 WATTS DC-DC CONVERTER
logo
Astrodyne Corporation
DU1P0-12D12 ASTRODYNE-DU1P0-12D12 Datasheet
171Kb / 3P
   Isolated and Unregulated 1 WATT Modular DC/DC Converters
More results

Similar Description - DU1P0-12D12

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
DU1P0 ASTRODYNE-DU1P0_16 Datasheet
171Kb / 3P
   Isolated and Unregulated 1 WATT Modular DC/DC Converters
DUP75 ASTRODYNE-DUP75 Datasheet
228Kb / 3P
   Isolated and Unregulated 0.75 WATT Modular DC/DC Converters
DUP75 ASTRODYNE-DUP75_16 Datasheet
134Kb / 3P
   Isolated and Unregulated 0.75 WATT Modular DC/DC Converters
logo
List of Unclassifed Man...
DUP75 ETC1-DUP75 Datasheet
228Kb / 3P
   Isolated and Unregulated 0.75 WATT Modular DC/DC Converters
logo
Murata Power Solutions ...
HB01UYC MURATA-PS-HB01UYC Datasheet
115Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
HB01UZC MURATA-PS-HB01UZC Datasheet
118Kb / 4P
   1 Watt Unregulated DC/DC Converters
logo
C&D Technologies
HB01U CANDD-HB01U Datasheet
101Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
logo
Murata Power Solutions ...
HB01U MURATA-PS-HB01U Datasheet
105Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
logo
Astrodyne Corporation
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
ASD705 ASTRODYNE-ASD705 Datasheet
368Kb / 3P
   Isolated and Regulated 7.5 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com