Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESCC-1500 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # ESCC-1500
Description  15W Ultraminiature Encapsulated Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ESCC-1500 Datasheet(HTML) 2 Page - Astrodyne Corporation

  ESCC-1500 Datasheet HTML 1Page - Astrodyne Corporation ESCC-1500 Datasheet HTML 2Page - Astrodyne Corporation ESCC-1500 Datasheet HTML 3Page - Astrodyne Corporation ESCC-1500 Datasheet HTML 4Page - Astrodyne Corporation ESCC-1500 Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
15W Ultraminiature Medical Grade Encapsulated Switchers
E C A - 1 5 series
WWW.ASTRODYNE.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE EUROPE: 353 51 561060
ASTRODYNE PACIFIC: 886-2-26983458
Universal 90-264VAC Input
High Efficiency
Improved EMI Performance
4000V Isolation
Single and Dual Outputs
Model Number
Output Voltage
Output Amps(max)
(pk)
SINGLE OUTPUT - PCB Mount
ESMA-1500
3.3 VDC
3.5A
3.8A
ESMA-1501
5 VDC
3A
3.6A
ESMA-1522
9 VDC
1.66A
1.9A
ESMA-1502
12 VDC
1.25A
1.5A
ESMA-1503
15VDC
1A
1.25A
ESMA-1505
24VDC
0.63A
0.75A
SINGLE OUTPUT - Chassis Mount
ESMC-1500
3.3 VDC
3.5A
3.8A
ESMC-1501
5 VDC
3A
3.6A
ESMC-1522
9 VDC
1.66A
1.9A
ESMC-1502
12 VDC
1.25A
1.5A
ESMC-1503
15VDC
1A
1.25A
ESMC-1505
24VDC
0.63A
0.75A
SINGLE OUTPUT - DIN Rail Mount
ESMC-1500/DRL
3.3 VDC
3.5A
3.8A
ESMC-1501/DRL
5 VDC
3A
3.6A
ESMC-1522/DRL
9 VDC
1.66A
1.9A
ESMC-1502/DRL
12 VDC
1.25A
1.5A
ESMC-1503/DRL
15VDC
1A
1.25A
ESMC-1505/DRL
24VDC
0.63A
0.75A
DUAL OUTPUT - PCB Mount
EDMA-1506
+/-12VDC
+/-0.63A
+/-0.8A
EDMA-1507
+/-15VDC
+/-0.5A
+/-0.65A
DUAL OUTPUT - Chassis Mount
EDMC-1506
+/-12VDC
+/-0.63A
+/-0.8A
EDMC-1507
+/-15VDC
+/-0.5A
+/-0.65A
DUAL OUTPUT - DIN Rail Mount
EDMC-1506/DRL
+/-12VDC
+/-0.63A
+/-0.8A
EDMC-1507/DRL
+/-15VDC
+/-0.5A
+/-0.65A


Similar Part No. - ESCC-1500

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ESCC-0100 ASTRODYNE-ESCC-0100 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ESCC-0100DRL ASTRODYNE-ESCC-0100DRL Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ESCC-0101 ASTRODYNE-ESCC-0101 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ESCC-0101DRL ASTRODYNE-ESCC-0101DRL Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ESCC-0102 ASTRODYNE-ESCC-0102 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
More results

Similar Description - ESCC-1500

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MCA-15 ASTRODYNE-MCA-15 Datasheet
1Mb / 5P
   15W Ultraminiature Modular Switching Power Supplies
logo
List of Unclassifed Man...
MCA-15 ETC2-MCA-15 Datasheet
1Mb / 5P
   15W Ultraminiature Modular Switching Power Supplies
logo
Astrodyne Corporation
ECA-5 ASTRODYNE-ECA-5 Datasheet
744Kb / 5P
   5W Ultraminiature Encapsulated Switching Power Supplies
ECA-10 ASTRODYNE-ECA-10 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ECA5 ASTRODYNE-ECA5 Datasheet
652Kb / 5P
   5W Ultraminiature Encapsulated Switching Power Supplies
ECA30 ASTRODYNE-ECA30 Datasheet
424Kb / 6P
   30W Ultraminiature Encapsulated Switching Power Supplies
ECA10 ASTRODYNE-ECA10 Datasheet
777Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
EFM15 ASTRODYNE-EFM15 Datasheet
566Kb / 4P
   15W Ultraminiature Open Frame Switching Power Supplies
OFM15 ASTRODYNE-OFM15 Datasheet
654Kb / 4P
   15W Ultraminiature Open Frame Switching Power Supplies
MMA-15 ASTRODYNE-MMA-15 Datasheet
1Mb / 5P
   15W Medical Grade Ultraminiature Switching Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com