Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIS60G24-N97 Datasheet(PDF) 8 Page - Astec America, Inc

Part # AIS60G24-N97
Description  3-5.5Vdc Input, 1.2Vdc - 3.3Vdc Output 20W DC-DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AIS60G24-N97 Datasheet(HTML) 8 Page - Astec America, Inc

Back Button AIS60G24-N97 Datasheet HTML 4Page - Astec America, Inc AIS60G24-N97 Datasheet HTML 5Page - Astec America, Inc AIS60G24-N97 Datasheet HTML 6Page - Astec America, Inc AIS60G24-N97 Datasheet HTML 7Page - Astec America, Inc AIS60G24-N97 Datasheet HTML 8Page - Astec America, Inc AIS60G24-N97 Datasheet HTML 9Page - Astec America, Inc AIS60G24-N97 Datasheet HTML 10Page - Astec America, Inc AIS60G24-N97 Datasheet HTML 11Page - Astec America, Inc AIS60G24-N97 Datasheet HTML 12Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Characteristic Curves
Characteristic Curves (at 25°C)
(at 25°C)
-8-
A
A P
PA
A 0
0 6
6 N
N o
o n
n --IIs
s o
o lla
a tte
e d
d P
P o
o w
w e
e rr S
S IIP
P s
s
3
3 V
V --5
5 ..5
5 V
V IIn
n p
p u
u tt,, 1
1 ..2
2 V
V --3
3 ..3
3 V
V O
O u
u ttp
p u
u tt,, 9
9 --2
2 0
0 W
W O
O u
u ttp
p u
u tt
USA
Europe
Asia
TEL:
1-760-930-4600
44-(0)1384-842-211
852-2437-9662
FAX:
1-760-930-0698
44-(0)1384-843-355
852-2402-4426
www.astec.com
Typical Start-Up at Rated load, APA06M04(E-6)
( condition:
Vin=4.5V,
Vout=1.5V, Iout=6A,
Temp=25°C
,
Channel 1-Output
Voltage,
Channel 2- Input
Voltage )
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
110%
20
30
40
50
60
70
80
90
100
Ambient Temperature(¡ )
˛•
0.5m/s
1.0m/s
1.5m/s
0m/s
APA06 Series Derating Curves (Po-Ta)


Similar Part No. - AIS60G24-N97

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AIS-581R ETC2-AIS-581R Datasheet
805Kb / 1P
   Leading Intel짰 Core 2 Duo processor based Mini-ITX board with Dual Display and One GbE
AIS-582R ETC2-AIS-582R Datasheet
805Kb / 1P
   Leading Intel짰 Core 2 Duo processor based Mini-ITX board with Dual Display and One GbE
AIS-B6901960 ETC2-AIS-B6901960 Datasheet
805Kb / 1P
   Leading Intel짰 Core 2 Duo processor based Mini-ITX board with Dual Display and One GbE
AIS-B6901970 ETC2-AIS-B6901970 Datasheet
805Kb / 1P
   Leading Intel짰 Core 2 Duo processor based Mini-ITX board with Dual Display and One GbE
logo
AAEON Technology
AIS-E1 AAEON-AIS-E1 Datasheet
989Kb / 2P
   Advanced Mini-ITX System Controller With Intel Core i7/i5/i3 Processor
More results

Similar Description - AIS60G24-N97

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
logo
Chinfa Electronics Ind....
WDD20-03S1U CHINFA-WDD20-03S1U_10 Datasheet
423Kb / 8P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
logo
Mean Well Enterprises C...
SKA20 MEANWELL-SKA20 Datasheet
271Kb / 1P
   20W DC-DC Regulated Single Output Converter
logo
Chinfa Electronics Ind....
WDD20-03S1U CHINFA-WDD20-03S1U Datasheet
409Kb / 8P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24SE3R306 DELTA-S24SE3R306 Datasheet
710Kb / 12P
   20W Single/Dual Output DC/DC Converter
logo
Mean Well Enterprises C...
SKA20 MEANWELL-SKA20_12 Datasheet
272Kb / 1P
   20W DC-DC Regulated Single Output Converter
logo
Chinfa Electronics Ind....
WDD20U CHINFA-WDD20U_16 Datasheet
348Kb / 5P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
logo
Lineage Power Corporati...
ATH016A0X3 LINEAGEPOWER-ATH016A0X3 Datasheet
568Kb / 19P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.3Vdc Output; 16A output current
logo
MORNSUN Science& Techno...
URE1D12LD-20WR3 MORNSUN-URE1D12LD-20WR3 Datasheet
3Mb / 8P
   20W, Ultra wide input, isolated & regulated Dual output, DC/DC converter
VRB121DLD-20WR3 MORNSUN-VRB121DLD-20WR3 Datasheet
3Mb / 9P
   20W,wide input isolated & regulated dual / single output DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com