Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALD25Y48N- Datasheet(PDF) 6 Page - Astec America, Inc

Part # ALD25Y48N-
Description  Single Output 16th Brick: 60Watts
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALD25Y48N- Datasheet(HTML) 6 Page - Astec America, Inc

Back Button ALD25Y48N- Datasheet HTML 2Page - Astec America, Inc ALD25Y48N- Datasheet HTML 3Page - Astec America, Inc ALD25Y48N- Datasheet HTML 4Page - Astec America, Inc ALD25Y48N- Datasheet HTML 5Page - Astec America, Inc ALD25Y48N- Datasheet HTML 6Page - Astec America, Inc ALD25Y48N- Datasheet HTML 7Page - Astec America, Inc ALD25Y48N- Datasheet HTML 8Page - Astec America, Inc ALD25Y48N- Datasheet HTML 9Page - Astec America, Inc ALD25Y48N- Datasheet HTML 10Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Technical Reference Notes
ALD12/18/20/25 Series
(Single Output 16
th Brick)
MODEL: ALD12/18/20/25 SERIES
SHEET 6 OF 20
AUGUST 17, 2005 – REVISION C
+Vin
-Vin
Enable
-Vout
+Vout
-Sense
+Sense
Vadj
Rload
Radj_up
Figure 3. External resistor configuration to increase the outputs
+Vin
-Vin
Enable
-Vout
+Vout
-Sense
+Sense
Vadj
Rload
Radj_down
Figure 4. External resistor configuration to increase the outputs
Basic Operation and Features
INPUT UNDER VOLTAGE LOCKOUT
To prevent any instability to the converter, which may affect the end system, the converter have been designed to turn-on once VIN
is in the voltage range of 34-36 VDC. Likewise, it has also been programmed to turn-off when VIN drops down to 31-33.5 VDC.
OUTPUT VOLTAGE ADJUST/TRIM
The converter comes with a TRIM pin (PIN 6), which is used to adjust the output by as much as 90% to 110% of its set point. This
is achieved by connecting an external resistor as described below.
To INCREASE the output, external Radj_up resistor
should be connected between TRIM PIN (Pin6) and
+SENSE PIN (Pin 7). Please refer to Equation (1) for the
required external resistance and output adjust
relationship.
Equation (1a): 1.5V to 5V
Equation (1b): 1.2V
To DECREASE the output, external Radj_down resistor
should be connected between TRIM pin (Pin 6) and
-SENSE PIN (Pin 5). Please refer to Equation (2) for the
required external resistance and output adjust
relationship.
Equation (2):
Where:
∆% = percent change in output voltage
OUTPUT ENABLE
The converter comes with an Enable pin (PIN 2), which is primarily used to turn ON/OFF the converter. Both a Positive (no “N”
suffix required) and a Negative (suffix “N” required) Enable Logic options are being offered.
Radj_down
510
∆%
10.2


k
Radj_up
5.1
Voset
×
100
∆%
+
()
×
0.6
∆%
×
510
∆%
10.2
=ΚΩ
Radj_up
5.1
Voset
×
100
∆%
+
()
×
1.225
∆%
×
510
∆%
10.2
=ΚΩ


Similar Part No. - ALD25Y48N-

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALD25Y48N-6 ASTEC-ALD25Y48N-6 Datasheet
328Kb / 2P
   25 Amps
logo
Emerson Network Power
ALD25Y48N-6 EMERSON-NETWORKPOWER-ALD25Y48N-6 Datasheet
328Kb / 2P
   High Efficiency
ALD25Y48N-6L EMERSON-NETWORKPOWER-ALD25Y48N-6L Datasheet
328Kb / 2P
   High Efficiency
logo
Astec America, Inc
ALD25Y48N-6S ASTEC-ALD25Y48N-6S Datasheet
328Kb / 2P
   25 Amps
logo
Emerson Network Power
ALD25Y48N-6S EMERSON-NETWORKPOWER-ALD25Y48N-6S Datasheet
328Kb / 2P
   High Efficiency
More results

Similar Description - ALD25Y48N-

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPMGS-20 RECOM-RPMGS-20 Datasheet
965Kb / 7P
   20 Amp 16th Brick Open Frame Single Output
REV.: 0/2022
logo
Qualtek Electronics Cor...
QPD-60 QUALTEK-QPD-60 Datasheet
577Kb / 2P
   60Watts Single Output
QPD-60-5 QUALTEK-QPD-60-5 Datasheet
1Mb / 2P
   60Watts Single Output
QPS-60 QUALTEK-QPS-60 Datasheet
563Kb / 2P
   60Watts Single Output
logo
Bel Fuse Inc.
XRSB-80T03X BEL-XRSB-80T03X Datasheet
1Mb / 15P
   3.3 VDC / 25 A Output / 16th Brick Converter
logo
Emerson Network Power
ALD13B50 EMERSON-NETWORKPOWER-ALD13B50 Datasheet
578Kb / 3P
   1/16th Brick IBC Series
logo
Delta Electronics, Inc.
AMD-24V060WXYA DELTA-AMD-24V060WXYA Datasheet
881Kb / 5P
   60Watts Output Power
V36SE3R315NRFA DELTA-V36SE3R315NRFA Datasheet
448Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Delphi Series V36SE, 1/16th Brick DC/DC
V36SE DELTA-V36SE Datasheet
721Kb / 13P
   Industry standard 1/16th brick size & pinout
V36SE05010 DELTA-V36SE05010 Datasheet
721Kb / 13P
   Industry standard 1/16th brick size & pinout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com