Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AE60F24-N97 Datasheet(PDF) 10 Page - Astec America, Inc

Part # AE60F24-N97
Description  3-5.5Vdc Input, 1.2Vdc - 3.3Vdc Output 20W DC-DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AE60F24-N97 Datasheet(HTML) 10 Page - Astec America, Inc

Back Button AE60F24-N97 Datasheet HTML 6Page - Astec America, Inc AE60F24-N97 Datasheet HTML 7Page - Astec America, Inc AE60F24-N97 Datasheet HTML 8Page - Astec America, Inc AE60F24-N97 Datasheet HTML 9Page - Astec America, Inc AE60F24-N97 Datasheet HTML 10Page - Astec America, Inc AE60F24-N97 Datasheet HTML 11Page - Astec America, Inc AE60F24-N97 Datasheet HTML 12Page - Astec America, Inc AE60F24-N97 Datasheet HTML 13Page - Astec America, Inc AE60F24-N97 Datasheet HTML 14Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
USA
Europe
Asia
TEL:
1-760-930-4600
44-(0)1384-842-211
852-2437-9662
FAX:
1-760-930-0698
44-(0)1384-843-355
852-2402-4426
www.astec.com
A
A P
PA
A 0
0 6
6 N
N o
o n
n --IIs
s o
o lla
a tte
e d
d P
P o
o w
w e
e rr S
S IIP
P s
s
3
3 V
V --5
5 ..5
5 V
V IIn
n p
p u
u tt,, 1
1 ..2
2 V
V --3
3 ..3
3 V
V O
O u
u ttp
p u
u tt,, 9
9 --2
2 0
0 W
W O
O u
u ttp
p u
u tt
Input Characteristics
Input Characteristics
The APA06 power module has no internal
fuse. An external fuse must always be
employed!
To
meet
international
safety
requirements, an input line fuse should be
used. Input wires
and copper coil must be
capable of conducting a current of 1.5 times the
value of the fuse. If one of the input lines is con-
nected to chassis ground, then the fuse must
be placed in the other input line.
A fuse with ratings of 15A is recommended for
2.5V and 3.3V output, and 10A for APA06 other
products.
CNT Function
CNT Function
The APA06 provides CNT function allowing the
user to turn the output on and off using an
external circuit such as figure 1 and figure 2.
The control voltage-threshold is: 1.8V. For neg-
ative control(negative logic N or positive logic P
are optional), applying a voltage less than 1.8V
to the CNT pin will enable the output, while
applying a voltage greater than 2.4V will disable
it. If not using CNT feature, leave the CNT
pin open. The maximum voltage that can be
applied to the control pin is 12 volts.
Output Characteristics
Output Characteristics
Remote Sensing
Remote Sensing
When the load can not be placed close to con-
verter output pin, voltage drop will occur in dis-
tribution. This voltage drop can be compensat-
ed using sense lead. As shown in figure 3, con-
necting sense pin close to the load, when the
load changes, the module will automatically
adjust the real output to maintain the constant
voltage on the load.
If not using the remote sense pin, leave it open.
Output T
Output Trimming
rimming
Output can be externally trimmed by using
either method shown in figure 4.
Users can increase or decrease the output volt-
age set point of a module by connecting an
external resistor between the TRIM pin and
either the +Vout or GND pins. The trim resistor
should be positioned close to the module. If not
using the trim feature, leave the TRIM pin
open.
Trimming up or down by more than 16% of
the nominal output may cause the converter
to work improperly.
The trim formula for different output voltage are
shown in figure 4 next page.
-10-
Vo
CNT
VI
GND
Fig.1 Transistor CNT Control
Vo
CNT
VI
GND
Fig.2 Simple CNT Control
+Vout
-Vout
Load
Sense
Rline
Fig.3 Sense Connection


Similar Part No. - AE60F24-N97

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AE60 ETC2-AE60 Datasheet
85Kb / 1P
   CPRIIRNCTEUDI TCI RICMUPITR BIMOA횋RD
logo
RFHIC
AE607 RFHIC-AE607 Datasheet
1Mb / 5P
   SOIC-8 SMD Type package
AE608 RFHIC-AE608 Datasheet
447Kb / 8P
   E-pHEMT
AE608 RFHIC-AE608_14 Datasheet
396Kb / 9P
   Low-Noise High Linearity Amplifier
More results

Similar Description - AE60F24-N97

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
logo
Chinfa Electronics Ind....
WDD20-03S1U CHINFA-WDD20-03S1U_10 Datasheet
423Kb / 8P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
logo
Mean Well Enterprises C...
SKA20 MEANWELL-SKA20 Datasheet
271Kb / 1P
   20W DC-DC Regulated Single Output Converter
logo
Chinfa Electronics Ind....
WDD20-03S1U CHINFA-WDD20-03S1U Datasheet
409Kb / 8P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24SE3R306 DELTA-S24SE3R306 Datasheet
710Kb / 12P
   20W Single/Dual Output DC/DC Converter
logo
Mean Well Enterprises C...
SKA20 MEANWELL-SKA20_12 Datasheet
272Kb / 1P
   20W DC-DC Regulated Single Output Converter
logo
Chinfa Electronics Ind....
WDD20U CHINFA-WDD20U_16 Datasheet
348Kb / 5P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
logo
Lineage Power Corporati...
ATH016A0X3 LINEAGEPOWER-ATH016A0X3 Datasheet
568Kb / 19P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.3Vdc Output; 16A output current
logo
MORNSUN Science& Techno...
URE1D12LD-20WR3 MORNSUN-URE1D12LD-20WR3 Datasheet
3Mb / 8P
   20W, Ultra wide input, isolated & regulated Dual output, DC/DC converter
VRB121DLD-20WR3 MORNSUN-VRB121DLD-20WR3 Datasheet
3Mb / 9P
   20W,wide input isolated & regulated dual / single output DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com