Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA7259P Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TA7259P
Description  3-PHASE BRUSHLESS DC MOTOR DRIVER IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7259P Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TA7259P Datasheet HTML 1Page - Toshiba Semiconductor TA7259P Datasheet HTML 2Page - Toshiba Semiconductor TA7259P Datasheet HTML 3Page - Toshiba Semiconductor TA7259P Datasheet HTML 4Page - Toshiba Semiconductor TA7259P Datasheet HTML 5Page - Toshiba Semiconductor TA7259P Datasheet HTML 6Page - Toshiba Semiconductor TA7259P Datasheet HTML 7Page - Toshiba Semiconductor TA7259P Datasheet HTML 8Page - Toshiba Semiconductor TA7259P Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TA7259P/F/FG
2006-4-14
1
TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA7259P, TA7259F/FG
3-PHASE BRUSHLESS DC MOTOR DRIVER IC
The TA7259P/F/FG is a 3−phase Bi-directional motor driver IC.
It designed as an output driver for motors in VTR (capstan,
cylinder, and reel), tape deck, floppy disk, and record player
applications.
To detect position, use of a position sensing device is
recommended.
FEATURES
Wide operating supply voltage range: VCC (opr.) MIN. = 7 V
Forward and reverse rotation is controlled simply by means of a
CW / CCW control signal fed into FRS.
High sensitivity of position sensing amplifier.
(VH = 10 mV (Typ.), TOSHIBA Ga−As Hall sensor “THS” series
is recommended.
3−phase Bi-directional driver and output current up to ±1.2 A.
Few external parts required.
Surge-protect diode connected for all input terminals (position
sensing, control, CW / CCW control inputs).
Weight
HDIP14−P−500−2.54A : 3.00 g (Typ.)
HSOP20−P−450−1.00 : 0.79 g (Typ.)
The TA7259FG is a Pb free product.
The TA7259P is an Sn-plated product including Pb.
The following conditions apply to solderability:
*Solderability
1. Use of Sn-37Pb solder bath
*solder bath temperature = 230°C
*dipping time = 5 seconds
*number of times = once
*use of R-type flux
2. Use of Sn-3.0Ag-0.5Cu solder bath
*solder bath temperature = 245°C
*dipping time = 5 seconds
*the number of times = once
*use of R-type flux


Similar Part No. - TA7259P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7259P TOSHIBA-TA7259P Datasheet
292Kb / 9P
   DC MOTOR DRIVER IC
TA7259PLB TOSHIBA-TA7259PLB Datasheet
292Kb / 9P
   DC MOTOR DRIVER IC
More results

Similar Description - TA7259P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8470AF TOSHIBA-TA8470AF_06 Datasheet
386Kb / 16P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
TA8466AF TOSHIBA-TA8466AF Datasheet
273Kb / 8P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
TA8470AF TOSHIBA-TA8470AF Datasheet
382Kb / 13P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
logo
ON Semiconductor
ENA2290 ONSEMI-ENA2290 Datasheet
413Kb / 20P
   3-phase Brushless DC Motor Driver
March, 2014
logo
New Japan Radio
NJU7364 NJRC-NJU7364 Datasheet
146Kb / 6P
   Single-phase DC Brushless Motor Driver IC
NJU7326 NJRC-NJU7326 Datasheet
69Kb / 3P
   Single-phase DC Brushless Motor Driver IC
NJU7328 NJRC-NJU7328 Datasheet
37Kb / 3P
   SINGLE PHASE DC BRUSHLESS MOTOR DRIVER IC
NJU7367 NJRC-NJU7367 Datasheet
81Kb / 7P
   Single-phase DC Brushless Motor Driver IC
NJU7367A NJRC-NJU7367A Datasheet
85Kb / 7P
   Single-phase DC Brushless Motor Driver IC
NJU7366 NJRC-NJU7366 Datasheet
75Kb / 6P
   Single-phase DC Brushless Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com