Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA2160FNG Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TA2160FNG
Description  Low Consumption Current Stereo Headphone Amplifier (1.5/3 V use)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2160FNG Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TA2160FNG Datasheet HTML 1Page - Toshiba Semiconductor TA2160FNG Datasheet HTML 2Page - Toshiba Semiconductor TA2160FNG Datasheet HTML 3Page - Toshiba Semiconductor TA2160FNG Datasheet HTML 4Page - Toshiba Semiconductor TA2160FNG Datasheet HTML 5Page - Toshiba Semiconductor TA2160FNG Datasheet HTML 6Page - Toshiba Semiconductor TA2160FNG Datasheet HTML 7Page - Toshiba Semiconductor TA2160FNG Datasheet HTML 8Page - Toshiba Semiconductor TA2160FNG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
TA2160FNG
2004-05-11
5
Terminal
No.
Name
Function
Internal Circuit
Termin
al
Voltage
(V)
20
AGC IN
Input of boost AGC circuit
The input level to the boost amplifier is
controlled by the input level of this
terminal.
Input impedance: 22 k
Ω (typ.)
21
PW INC
Input of center amplifier
0.73
22
BST OUT
Output of boost amplifier
0.73
23
BST NF
NF of boost amplifier
0.73
24
LPF
Low pass filter terminal of bass boost
0.73
30 k
1 pF
2 k
22 k
VREF
VREF
21
22 k
Input of power amplifier
VREF
24
22 k
100 k
22 k
To the
center
amplifier
VREF
22
23
VREF
VREF
20
OUTC
VREF


Similar Part No. - TA2160FNG

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA2160A TAI-SAW-TA2160A Datasheet
810Kb / 9P
   SAW Filter 1250MHz
logo
Transko Electronics, In...
TA2160AM TRANSKO-TA2160AM Datasheet
425Kb / 4P
   WCDMA, RF-Rx SAW Filter
Revision 0: June 2005
TA2160CM TRANSKO-TA2160CM Datasheet
343Kb / 3P
   Wireless, RF SAW Filter
Revision 0: September 2007
TA2160DM TRANSKO-TA2160DM Datasheet
449Kb / 4P
   Wireless, RF SAW Filter
Revision 0: October 2008
TA2160EM TRANSKO-TA2160EM Datasheet
426Kb / 4P
   Wireless, RF SAW Filter
Revision 0: October 2008
More results

Similar Description - TA2160FNG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2152FLG TOSHIBA-TA2152FLG Datasheet
302Kb / 18P
   Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
TA2152FNG TOSHIBA-TA2152FNG Datasheet
276Kb / 16P
   Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
TA2145AFG TOSHIBA-TA2145AFG Datasheet
310Kb / 16P
   3 V Stereo Headphone Amplifier (3 V USE)
TA2120FNG TOSHIBA-TA2120FNG Datasheet
253Kb / 17P
   Low Consumption Current Stereo Headphone Power Amplifier for Portable CD (3V Use)
TA2002F TOSHIBA-TA2002F Datasheet
757Kb / 17P
   STEREO HEADPHONE AMPLIFIER (3V USE)
TA8119P TOSHIBA-TA8119P Datasheet
402Kb / 10P
   STEREO HEADPHONE AMPLIFIER (3V USE)
logo
Sanyo Semicon Device
LA4800V SANYO-LA4800V Datasheet
192Kb / 11P
   3 V Stereo Headphone Power Amplifier
logo
Toshiba Semiconductor
TA7688F TOSHIBA-TA7688F Datasheet
446Kb / 11P
   STEREO HEADPHONE AMPLIFIER (3V USE)
TA8145FN TOSHIBA-TA8145FN Datasheet
312Kb / 8P
   STEREO HEADPHONE AMPLIFIER (1.5V USE)
logo
Sanyo Semicon Device
LA4592W SANYO-LA4592W Datasheet
161Kb / 5P
   1.5-V Preamplifier Power Amplifier for Headphone Stereo Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com