Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA2152FNG Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TA2152FNG
Description  Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2152FNG Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TA2152FNG Datasheet HTML 4Page - Toshiba Semiconductor TA2152FNG Datasheet HTML 5Page - Toshiba Semiconductor TA2152FNG Datasheet HTML 6Page - Toshiba Semiconductor TA2152FNG Datasheet HTML 7Page - Toshiba Semiconductor TA2152FNG Datasheet HTML 8Page - Toshiba Semiconductor TA2152FNG Datasheet HTML 9Page - Toshiba Semiconductor TA2152FNG Datasheet HTML 10Page - Toshiba Semiconductor TA2152FNG Datasheet HTML 11Page - Toshiba Semiconductor TA2152FNG Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TA2152FNG
2006-04-19
8
Absolute Maximum Ratings (Ta
= 25°C)
Characteristic
Symbol
Rating
Unit
Supply voltage 1
VCC1
4.5
Supply voltage 2
VCC2
4.5
V
Output current
Io (peak)
100
mA
Power dissipation
PD (Note)
500
mW
Operating temperature
Topr
−25~75
°C
Storage temperature
Tstg
−55~150
°C
Note: Derated by 4 mW/°C above Ta = 25°C
Electrical Characteristics
(Unless otherwise specified VCC1 = 2.4 V, VCC2 = 1.2 V, Rg = 600 Ω, RL = 16 Ω,
f
= 1 kHz, Ta = 25°C, SW1: a, SW2: b, SW3: a)
Characteristic
Symbol
Test Conditions
Min
Typ.
Max
Unit
ICCQ1
IC OFF (VCC1), SW1: b
0.1
5
ICCQ2
IC OFF (VCC2), SW1: b
0.1
5
ICCQ3
OCL, Mute ON (VCC1), SW2: a
400
600
ICCQ4
OCL, Mute ON (VCC2), SW2: a
650
1400
ICCQ5
C-Cup, Mute ON (VCC1), SW2: a
170
250
ICCQ6
C-Cup, Mute ON (VCC2), SW2: a
85
170
µA
ICCQ7
OCL, no signal (VCC1)
0.7
1.1
ICCQ8
OCL, no signal (VCC2)
0.7
1.5
ICCQ9
C-Cup, no signal (VCC1)
0.4
0.6
Quiescent supply current
ICCQ10
C-Cup, no signal (VCC2)
0.3
0.6
mA
ICC1
OCL, 0.5 mW
× 2 ch (VCC1)
0.8
ICC2
OCL, 0.5 mW
× 2 ch (VCC2)
10.0
ICC3
C-Cup, 0.5 mW
× 2 ch (VCC1)
0.5
Power supply current during
drive
ICC4
C-Cup, 0.5 mW
× 2 ch (VCC2)
5.0
mA
Voltage gain
GV
Vo = −22dBV
9.5
11.5
13.5
Channel balance
CB
Vo = −22dBV
−1.5
0
1.5
dB
Output power
Po
THD
= 10%
5
8
mW
Total harmonic distortion
THD
Po = 1 mW
0.1
1.0
%
Output noise voltage
Vno
Rg
= 600 Ω, Filter: IHF-A, SW3: b
−100
−96
dBV
Crosstalk
CT
Vo = −22 dBV
−25
−35
Ripple rejection ratio 1
RR1
Inflow to VCC1, SW3: b
fr = 100 Hz, Vr = −20 dBV
−65
−85
Ripple rejection ratio 2
RR2
Inflow to VCC2, SW3: b
fr = 100 Hz, Vr = −20 dBV
−85
−100
Muting attenuation
ATT
Vo = −12dBV
−100
−115
dB
Beep sound output voltage
VBEEP (OUT) VBEEP (IN) = 2 Vp-p
−55
−50
−45
dBV
PW SW ON current
I16
VCC1 = 1.8 V, VCC2 = 0.9 V
5
µA
PW SW OFF voltage
V16
VCC1 = 1.8 V, VCC2 = 0.9 V
0
0.3
V
Mute SW ON current
I17
VCC1 = 1.8 V, VCC2 = 0.9 V
5
µA
Mute SW OFF voltage
V17
VCC1 = 1.8 V, VCC2 = 0.9 V
0
0.3
V


Similar Part No. - TA2152FNG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2152FLG TOSHIBA-TA2152FLG Datasheet
302Kb / 18P
   Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
More results

Similar Description - TA2152FNG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2152FLG TOSHIBA-TA2152FLG Datasheet
302Kb / 18P
   Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
TA2160FNG TOSHIBA-TA2160FNG Datasheet
275Kb / 17P
   Low Consumption Current Stereo Headphone Amplifier (1.5/3 V use)
TA2145AFG TOSHIBA-TA2145AFG Datasheet
310Kb / 16P
   3 V Stereo Headphone Amplifier (3 V USE)
TA2120FNG TOSHIBA-TA2120FNG Datasheet
253Kb / 17P
   Low Consumption Current Stereo Headphone Power Amplifier for Portable CD (3V Use)
logo
Sanyo Semicon Device
LA4587M SANYO-LA4587M Datasheet
342Kb / 18P
   Preamplifier Power Amplifier for 1.5 V Headphone Stereos
LA4592W SANYO-LA4592W Datasheet
161Kb / 5P
   1.5-V Preamplifier Power Amplifier for Headphone Stereo Products
LA4800V SANYO-LA4800V Datasheet
192Kb / 11P
   3 V Stereo Headphone Power Amplifier
logo
Toshiba Semiconductor
TA2170FLG TOSHIBA-TA2170FLG Datasheet
231Kb / 13P
   Low Current Consumption Headphone Amplifier (Built-in Input Selector)
TA2170FTG TOSHIBA-TA2170FTG Datasheet
229Kb / 12P
   Low Current Consumption Headphone Amplifier (Built-in input selector)
logo
Sanyo Semicon Device
LA4582CM SANYO-LA4582CM Datasheet
143Kb / 6P
   Pre Power Amplifier for 3-V Headphone Stereo Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com