Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AES60A48-198 Datasheet(PDF) 6 Page - Astec America, Inc

Part # AES60A48-198
Description  3-5.5Vdc Input, 1.2Vdc - 3.3Vdc Output 20W DC-DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AES60A48-198 Datasheet(HTML) 6 Page - Astec America, Inc

Back Button AES60A48-198 Datasheet HTML 2Page - Astec America, Inc AES60A48-198 Datasheet HTML 3Page - Astec America, Inc AES60A48-198 Datasheet HTML 4Page - Astec America, Inc AES60A48-198 Datasheet HTML 5Page - Astec America, Inc AES60A48-198 Datasheet HTML 6Page - Astec America, Inc AES60A48-198 Datasheet HTML 7Page - Astec America, Inc AES60A48-198 Datasheet HTML 8Page - Astec America, Inc AES60A48-198 Datasheet HTML 9Page - Astec America, Inc AES60A48-198 Datasheet HTML 10Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
USA
Europe
Asia
TEL:
1-760-930-4600
44-(0)1384-842-211
852-2437-9662
FAX:
1-760-930-0698
44-(0)1384-843-355
852-2402-4426
www.astec.com
A
A P
PA
A 0
0 6
6 N
N o
o n
n --IIs
s o
o lla
a tte
e d
d P
P o
o w
w e
e rr S
S IIP
P s
s
3
3 V
V --5
5 ..5
5 V
V IIn
n p
p u
u tt,, 1
1 ..2
2 V
V --3
3 ..3
3 V
V O
O u
u ttp
p u
u tt,, 9
9 --2
2 0
0 W
W O
O u
u ttp
p u
u tt
Ef
Efficiency Characteristic Curves
ficiency Characteristic Curves (at 25°C)
(at 25°C)
-6-
Typical Efficiency APA06K04(E-6)
Typical Efficiency APA06M0(E-6)
Io (A)
60
65
70
75
80
85
90
01
23
45
67
Vin=3V
Vin=4.5V
Vin=5V
Io (A)
80
82
84
86
88
90
92
01
23
45
67
Vin=3V
Vin=4.5V
Vin=5.5V
Typical Efficiency APA06Y04(E-6)
Typical Efficiency APA06D04(E-6)
Io (A)
8
82
84
86
88
90
92
01
23
45
67
Vin=3V
Vin=4.5V
Vin=5.5V
70.0
75.0
80.0
85.0
90.0
95.0
0.6
1.2
1.8
2.4
3.0
3.6
4.2
4.8
5.4
6.0
Io (A)
Vin=4.5V
Vin=5V
Vin=5.5V
70.0
75.0
80.0
85.0
90.0
95.0
0.6
1.2
1.8
2.4
3.0
3.6
4.2
4.8
5.4
6.0
Io (A)
Vin=4.5V
Vin=5V
Vin=5.5V
Typical Efficiency APA06G05(E-6)
Typical Efficiency APA06F05(E-6)
70.0
72.0
74.0
76.0
78.0
80.0
82.0
84.0
86.0
0.6
1.2
1.8
2.4
3.0
3.6
4.2
4.8
5.4
6.0
Io (A)
Vin=3V
Vin=4.5V
Vin=5V


Similar Part No. - AES60A48-198

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AES60D_SERIES ARCH-AES60D_SERIES Datasheet
235Kb / 2P
   Universal Input: 85-265 VAC
AES60E ARCH-AES60E Datasheet
181Kb / 2P
   AC-DC Switching Power Supply
AES60E-12S ARCH-AES60E-12S Datasheet
181Kb / 2P
   AC-DC Switching Power Supply
AES60E-12S ARCH-AES60E-12S Datasheet
250Kb / 3P
   AC-DC Switching Power Supply
AES60E-15S ARCH-AES60E-15S Datasheet
181Kb / 2P
   AC-DC Switching Power Supply
More results

Similar Description - AES60A48-198

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
logo
Chinfa Electronics Ind....
WDD20-03S1U CHINFA-WDD20-03S1U_10 Datasheet
423Kb / 8P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
logo
Mean Well Enterprises C...
SKA20 MEANWELL-SKA20 Datasheet
271Kb / 1P
   20W DC-DC Regulated Single Output Converter
logo
Chinfa Electronics Ind....
WDD20-03S1U CHINFA-WDD20-03S1U Datasheet
409Kb / 8P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24SE3R306 DELTA-S24SE3R306 Datasheet
710Kb / 12P
   20W Single/Dual Output DC/DC Converter
logo
Mean Well Enterprises C...
SKA20 MEANWELL-SKA20_12 Datasheet
272Kb / 1P
   20W DC-DC Regulated Single Output Converter
logo
Chinfa Electronics Ind....
WDD20U CHINFA-WDD20U_16 Datasheet
348Kb / 5P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
logo
Lineage Power Corporati...
ATH016A0X3 LINEAGEPOWER-ATH016A0X3 Datasheet
568Kb / 19P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.3Vdc Output; 16A output current
logo
MORNSUN Science& Techno...
URE1D12LD-20WR3 MORNSUN-URE1D12LD-20WR3 Datasheet
3Mb / 8P
   20W, Ultra wide input, isolated & regulated Dual output, DC/DC converter
VRB121DLD-20WR3 MORNSUN-VRB121DLD-20WR3 Datasheet
3Mb / 9P
   20W,wide input isolated & regulated dual / single output DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com