Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA2120FNG Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TA2120FNG
Description  Low Consumption Current Stereo Headphone Power Amplifier for Portable CD (3V Use)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2120FNG Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TA2120FNG Datasheet HTML 6Page - Toshiba Semiconductor TA2120FNG Datasheet HTML 7Page - Toshiba Semiconductor TA2120FNG Datasheet HTML 8Page - Toshiba Semiconductor TA2120FNG Datasheet HTML 9Page - Toshiba Semiconductor TA2120FNG Datasheet HTML 10Page - Toshiba Semiconductor TA2120FNG Datasheet HTML 11Page - Toshiba Semiconductor TA2120FNG Datasheet HTML 12Page - Toshiba Semiconductor TA2120FNG Datasheet HTML 13Page - Toshiba Semiconductor TA2120FNG Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
TA2120FNG
2006-04-19
10
Test Circuit
(b)
15
14
13
9
16
17
18
19
20
21
22
24
1
2
3
4
5
6
7
8
10
11
12
23
TA2120FNG
ATT
SW
ALC
DET
INA
INB
GND
BEEP
IN
MT
TC
MT
SW
PW
SW
BIAS
BIAS
IN
BST
SW
BST
OUT
ALC
IN
MIX
OUT
PWR
GND
OUTA
OUTC
OUTB
VCC
PW-C
SW
RF
IN
ADD
OUT
BST
NF
VCC
SW1
SW7
BIAS
Rg
= 600 Ω
SW6
Rg
= 600 Ω
(a)
SW5b
(a)
(a)
VCC
SW2
(b)
(b) (b)
SW5a
(a)
BIAS
BIAS
SW3
VCC
SW8
0.1
µF
(a)
(b)
(a)
(b)
*: Monolithic ceramic capacitor


Similar Part No. - TA2120FNG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2120FN TOSHIBA-TA2120FN Datasheet
555Kb / 16P
   LOW CONSUMPTION CURRENT STEREO GEADPHONE POWER AMPLIFIER FOR PORTABLE CD (3V USE)
More results

Similar Description - TA2120FNG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2120FN TOSHIBA-TA2120FN Datasheet
555Kb / 16P
   LOW CONSUMPTION CURRENT STEREO GEADPHONE POWER AMPLIFIER FOR PORTABLE CD (3V USE)
TA2002F TOSHIBA-TA2002F Datasheet
757Kb / 17P
   STEREO HEADPHONE AMPLIFIER (3V USE)
TA8119P TOSHIBA-TA8119P Datasheet
402Kb / 10P
   STEREO HEADPHONE AMPLIFIER (3V USE)
TA7688F TOSHIBA-TA7688F Datasheet
446Kb / 11P
   STEREO HEADPHONE AMPLIFIER (3V USE)
logo
Sanyo Semicon Device
LA4534M SANYO-LA4534M Datasheet
193Kb / 8P
   3V CD Headphone-stereo Power Amp
logo
Toshiba Semiconductor
TA2160FNG TOSHIBA-TA2160FNG Datasheet
275Kb / 17P
   Low Consumption Current Stereo Headphone Amplifier (1.5/3 V use)
logo
Sanyo Semicon Device
LA4805V SANYO-LA4805V Datasheet
346Kb / 17P
   3V Stereo Headphone Power Amplifier
LA4536M SANYO-LA4536M Datasheet
110Kb / 9P
   5V CD Headphone-stereo Power Amplifier
logo
Toshiba Semiconductor
TA2152FLG TOSHIBA-TA2152FLG Datasheet
302Kb / 18P
   Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
TA2152FNG TOSHIBA-TA2152FNG Datasheet
276Kb / 16P
   Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com