Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA2022AFNG Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # TA2022AFNG
Description  1.5V AM/FM IF MPX
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2022AFNG Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TA2022AFNG Datasheet HTML 7Page - Toshiba Semiconductor TA2022AFNG Datasheet HTML 8Page - Toshiba Semiconductor TA2022AFNG Datasheet HTML 9Page - Toshiba Semiconductor TA2022AFNG Datasheet HTML 10Page - Toshiba Semiconductor TA2022AFNG Datasheet HTML 11Page - Toshiba Semiconductor TA2022AFNG Datasheet HTML 12Page - Toshiba Semiconductor TA2022AFNG Datasheet HTML 13Page - Toshiba Semiconductor TA2022AFNG Datasheet HTML 14Page - Toshiba Semiconductor TA2022AFNG Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TA2022AFNG
2006-04-11
11
Characteristic
Symbol
Test
Circuit
Test Condition
Min.
Typ.
Max.
Unit
Voltage gain 1
GV (FM)
−1.5
+0.5
+2.5
Voltage gain 2
GV (AM)
−0.5
+1.5
+3.5
Channel balance
CB
Vin = 100mVrms (mono)
−2
+2
dB
Maximum composite signal
input level
Vin (MAX)
L + R =90%, P = 10%
THD = 3%
220
mVrms
Mono
THD3
Vin = 100mVrms (mono)
0.2
0.5
Stereo
THD4
L + R =90mVrms, P = 10mVrms
0.3
Total harmonic
distortion
AM
THD5
Vin = 100mVrms
0.2
%
fm = 100Hz
36
fm = 1kHz
25
35
Separation
SEP
L + R =90mVrms
P = 10mVrms
fm = 10kHz
34
dB
On
ST (ON)
5.5
8
Stereo indicator
sensitivity
Off
ST (OFF)
Pilot signal input
I13 = 0.5mA, SW5: a
2
4
mVrms
Stereo indicator hysteresis
VH
To indicator turn off from
turn on
1.5
mVrms
Capture range
CR
P = 10mVrms, fp = 19kHz
±7
%
Signal noise ratio 3
S / N3
1
Vin = 100mVrms (mono)
65
dB
On current
I23
SW1: c
5
µA
Power switch
Off voltage
V23
SW1: d
0
0.3
V
AM mode on current
I19
SW3: c
50
µA
FM mono mode on voltage
V16
SW4: ON
0.1
V
IF request off voltage
V11
2
VCC = 0.95V
SW7: ON
0.9
V


Similar Part No. - TA2022AFNG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2022AFN TOSHIBA-TA2022AFN Datasheet
693Kb / 17P
   1.5V AM/FM IFMPX
More results

Similar Description - TA2022AFNG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2022AFN TOSHIBA-TA2022AFN Datasheet
693Kb / 17P
   1.5V AM/FM IFMPX
TA8186P TOSHIBA-TA8186P Datasheet
274Kb / 8P
   AM/FM IFMPX
logo
Panasonic Semiconductor
AN7025K PANASONIC-AN7025K Datasheet
386Kb / 6P
   AM Tuner/FM-IF FM MPX
logo
Toshiba Semiconductor
TA7765AF TOSHIBA-TA7765AF Datasheet
355Kb / 9P
   AM/FM IF SYSTEM (1.5V USE)
logo
KEC(Korea Electronics)
KIA2022AFN KEC-KIA2022AFN Datasheet
279Kb / 13P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (1.5V AM/FMMPX)
logo
Samsung semiconductor
S1A0901A01 SAMSUNG-S1A0901A01 Datasheet
154Kb / 10P
   AM/FM TUNER MPX
KA22900-D SAMSUNG-KA22900-D Datasheet
242Kb / 10P
   AM/FM TUNER MPX
S1A0902X01 SAMSUNG-S1A0902X01 Datasheet
263Kb / 20P
   AM/FM TUNER MPX
KA22901 SAMSUNG-KA22901 Datasheet
212Kb / 10P
   AM/FM TUNER MPX
KA2295-Q SAMSUNG-KA2295-Q Datasheet
247Kb / 8P
   AM/FM TUNER MPX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com