Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA1383AFG Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TA1383AFG
Description  NTSC Chroma Decoder, Multi-Point Scan Sync Processor, H/V Frequency Counter IC for Color TV
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1383AFG Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TA1383AFG Datasheet HTML 1Page - Toshiba Semiconductor TA1383AFG Datasheet HTML 2Page - Toshiba Semiconductor TA1383AFG Datasheet HTML 3Page - Toshiba Semiconductor TA1383AFG Datasheet HTML 4Page - Toshiba Semiconductor TA1383AFG Datasheet HTML 5Page - Toshiba Semiconductor TA1383AFG Datasheet HTML 6Page - Toshiba Semiconductor TA1383AFG Datasheet HTML 7Page - Toshiba Semiconductor TA1383AFG Datasheet HTML 8Page - Toshiba Semiconductor TA1383AFG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
TA1383AFG
2005-09-05
5
Pin
No.
Symbol
Function
Interface
I/O Signal
15
VD OUT
Vertical sync VD output pin.
Emitter follower output.
Sets polarity of output signal
according to bus setting.
or
16
19
C1 IN
C2 IN
Inputs chroma signal via clamp
capacitor.
When not used, leave open.
Burst: 300 mVp-p
17
HD OUT
Horizontal sync HD output pin.
Emitter follower output.
Sets polarity of output signal
according to bus setting.
or
18
DIGITAL GND
GND pin for digital block.
20
APC FILTER
Connects APC filter for chroma
demodulation.
21
3.58 MHz X’tal
Connects recommended 3.58-MHz
oscillator for chroma demodulation.
1
15
11
25
19
27
16
1 kΩ
1 kΩ
1
17
11
25
20
27
APC
Del
1 kΩ
25
21
27
500 Ω


Similar Part No. - TA1383AFG

ManufacturerPart #DatasheetDescription
logo
Pico Technology Ltd.
TA138 PICO-TA138 Datasheet
6Mb / 9P
   Current data logger
logo
TAI-SAW TECHNOLOGY CO.,...
TA1381A TAI-SAW-TA1381A Datasheet
376Kb / 8P
   SAW Filter 978 MHz
logo
Toshiba Semiconductor
TA1384FNG TOSHIBA-TA1384FNG Datasheet
302Kb / 22P
   Mixer/Oscillator and PLL IC for TV/VCR Tuner
logo
TAI-SAW TECHNOLOGY CO.,...
TA1386A TAI-SAW-TA1386A Datasheet
460Kb / 8P
   SAW Filter 826.5 MHz
logo
Golledge Electronics Lt...
TA1386A GOLLEDGE-TA1386A Datasheet
167Kb / 6P
   SAW Filter 826.50MHz
More results

Similar Description - TA1383AFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8801AN TOSHIBA-TA8801AN_01 Datasheet
1Mb / 36P
   VIDEO/CHROMA/DEFLECTION PROCESSOR IC FOR NTSC COLOR TV
TA8801AN TOSHIBA-TA8801AN Datasheet
1Mb / 35P
   VIDEO/CHROMA/DEFLECTION PROCESSOR IC FOR NTSC COLOR TV
TA8819FG TOSHIBA-TA8819FG Datasheet
1Mb / 30P
   NTSC VIDEO CHROMA SIGNAL PROCESSOR SYNC PLAYBACK IC FOR LCD TV
TA1318AFG TOSHIBA-TA1318AFG Datasheet
376Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1370FG TOSHIBA-TA1370FG Datasheet
637Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1318AF TOSHIBA-TA1318AF Datasheet
637Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1318NG TOSHIBA-TA1318NG Datasheet
897Kb / 41P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1370FG TOSHIBA-TA1370FG_05 Datasheet
902Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA8819F TOSHIBA-TA8819F Datasheet
1,015Kb / 30P
   NTSC VIDEO CHROMA SIGNAL PROCESSOR SYNC PLAY BACK IC FOR LCD TV
logo
Panasonic Semiconductor
AN5163K PANASONIC-AN5163K Datasheet
696Kb / 10P
   NTSC COLOR TV SIGNAL PROCESSOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com