Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA1383AFG Datasheet(PDF) 36 Page - Toshiba Semiconductor

Part # TA1383AFG
Description  NTSC Chroma Decoder, Multi-Point Scan Sync Processor, H/V Frequency Counter IC for Color TV
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1383AFG Datasheet(HTML) 36 Page - Toshiba Semiconductor

Back Button TA1383AFG Datasheet HTML 32Page - Toshiba Semiconductor TA1383AFG Datasheet HTML 33Page - Toshiba Semiconductor TA1383AFG Datasheet HTML 34Page - Toshiba Semiconductor TA1383AFG Datasheet HTML 35Page - Toshiba Semiconductor TA1383AFG Datasheet HTML 36Page - Toshiba Semiconductor TA1383AFG Datasheet HTML 37Page - Toshiba Semiconductor TA1383AFG Datasheet HTML 38Page - Toshiba Semiconductor TA1383AFG Datasheet HTML 39Page - Toshiba Semiconductor TA1383AFG Datasheet HTML 40Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
TA1383AFG
2005-09-05
36
SW Mode
Note No.
Characteristic
SW2
SW4
SW9
SW30
Test Method
SY08
DSYNC2 sync separation level
C
C
ON
C
(1)
Set SW6 to A and set SA 00H data to 00H.
(2)
Input 33.75-kHz (1125I/60) video signal to TP6 (D-SYNC2 IN).
(3)
Monitor #6 (D-SYNC2 IN) and measure sync tip DC voltage Vsync6.
(4)
Apply external voltage to #30 via 100 k
Ω. Increase voltage from Vsyn6.
(5)
Monitor READ BUS DATA. When H/V FREQ data deviate from approx. 33.75 kHz/60 Hz, measure #6 sync
tip voltage. Determine difference from Vsync6, VthD20.
(6)
Set SA 01H data to 81H.
(7)
Repeat steps (3) and (4) above and determine sync separation level VthD21.
(8)
Set SA 01H data to 82H.
(9)
Repeat steps (3) and (4) above and determine sync separation level VthD22.
(10) Set SA 01H data to 83H.
(11) Repeat steps (3) and (4) above and determine sync separation level VthD23.
SY09
Horizontal free-running frequency
C
C
OPEN
C
(1)
Set SW9 to open and SA 00H data to 80H.
(2)
Monitor #17 (HD OUT) pin waveform and measure oscillation frequency FA000.
(3)
As in steps (1) and (2) above, set SA00H data to 82H, 84H, 86H, 88H, and 8AH. Measure respective
oscillation frequencies FA001, FA010, FA011, FA100, and FA101.
(4)
Set SA 00H data to 8CH, SA 02H to 83H, and SA 03H to 82H.
(5)
Monitor #17 (HD OUT) pin waveform and measure oscillation frequency FA110.
(6)
Set SA 00H data to 8EH, monitor #17 (HD OUT) pin waveform, and count oscillation frequency FA111.
(7)
Set SA 00H data to 80H, SA 02H to E0H, and SA 03H to 80H.
(8)
Monitor #17 (HD OUT) pin waveform and count oscillation frequency FF000.
SY10
Horizontal frequency range
C
C
OPEN
C
(1)
Set SW9 to open and SA 00H data to 80H.
(2)
Apply 9 V to #9 via 10 k
Ω. Monitor #17 (HD OUT) pin waveform and count oscillation frequency F1573MIN.
(3)
Apply 0 V to #9 via 10 k
Ω. Monitor #17 (HD OUT) pin waveform and count oscillation frequency F1573MAX.
(4)
Set SA 00H data to 82H. As in steps (2) and (3) above, count oscillation frequencies F315MIN and
F315MAX.
(5)
Set SA 00H data to 81H. As in steps (2) and (3) above, count oscillation frequencies 1573nMIN and
F1573nMAX.


Similar Part No. - TA1383AFG

ManufacturerPart #DatasheetDescription
logo
Pico Technology Ltd.
TA138 PICO-TA138 Datasheet
6Mb / 9P
   Current data logger
logo
TAI-SAW TECHNOLOGY CO.,...
TA1381A TAI-SAW-TA1381A Datasheet
376Kb / 8P
   SAW Filter 978 MHz
logo
Toshiba Semiconductor
TA1384FNG TOSHIBA-TA1384FNG Datasheet
302Kb / 22P
   Mixer/Oscillator and PLL IC for TV/VCR Tuner
logo
TAI-SAW TECHNOLOGY CO.,...
TA1386A TAI-SAW-TA1386A Datasheet
460Kb / 8P
   SAW Filter 826.5 MHz
logo
Golledge Electronics Lt...
TA1386A GOLLEDGE-TA1386A Datasheet
167Kb / 6P
   SAW Filter 826.50MHz
More results

Similar Description - TA1383AFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8801AN TOSHIBA-TA8801AN_01 Datasheet
1Mb / 36P
   VIDEO/CHROMA/DEFLECTION PROCESSOR IC FOR NTSC COLOR TV
TA8801AN TOSHIBA-TA8801AN Datasheet
1Mb / 35P
   VIDEO/CHROMA/DEFLECTION PROCESSOR IC FOR NTSC COLOR TV
TA8819FG TOSHIBA-TA8819FG Datasheet
1Mb / 30P
   NTSC VIDEO CHROMA SIGNAL PROCESSOR SYNC PLAYBACK IC FOR LCD TV
TA1318AFG TOSHIBA-TA1318AFG Datasheet
376Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1370FG TOSHIBA-TA1370FG Datasheet
637Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1318AF TOSHIBA-TA1318AF Datasheet
637Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1318NG TOSHIBA-TA1318NG Datasheet
897Kb / 41P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1370FG TOSHIBA-TA1370FG_05 Datasheet
902Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA8819F TOSHIBA-TA8819F Datasheet
1,015Kb / 30P
   NTSC VIDEO CHROMA SIGNAL PROCESSOR SYNC PLAY BACK IC FOR LCD TV
logo
Panasonic Semiconductor
AN5163K PANASONIC-AN5163K Datasheet
696Kb / 10P
   NTSC COLOR TV SIGNAL PROCESSOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com