Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIQ60G48-N98 Datasheet(PDF) 11 Page - Astec America, Inc

Part # AIQ60G48-N98
Description  3-5.5Vdc Input, 1.2Vdc - 3.3Vdc Output 20W DC-DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AIQ60G48-N98 Datasheet(HTML) 11 Page - Astec America, Inc

Back Button AIQ60G48-N98 Datasheet HTML 7Page - Astec America, Inc AIQ60G48-N98 Datasheet HTML 8Page - Astec America, Inc AIQ60G48-N98 Datasheet HTML 9Page - Astec America, Inc AIQ60G48-N98 Datasheet HTML 10Page - Astec America, Inc AIQ60G48-N98 Datasheet HTML 11Page - Astec America, Inc AIQ60G48-N98 Datasheet HTML 12Page - Astec America, Inc AIQ60G48-N98 Datasheet HTML 13Page - Astec America, Inc AIQ60G48-N98 Datasheet HTML 14Page - Astec America, Inc AIQ60G48-N98 Datasheet HTML 15Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
USA
Europe
Asia
TEL:
1-760-930-4600
44-(0)1384-842-211
852-2437-9662
FAX:
1-760-930-0698
44-(0)1384-843-355
852-2402-4426
www.astec.com
Output Over-Current Protection
Output Over-Current Protection
APA06 series DC-DC converters feature cur-
rent limiting with a threshold is between 8.4A
and 10.8A. These modules can tolerate short
circuit conditions (continuously of transient).
When the overcurrent condition is removed, the
converter will automatically restart.
Power Good signal
min
max
High-level
2.1V
Low-level
1.05V
Inner resistance = 5.1k
Ω.
Parallel application
Parallel application
APA06 series DC-DC converters can be used
in parallel (at most two modules). You can use
diode (or not) in output circuit. The parallel two
power module can (total) output the largest cur-
rent 7.5~8A in a long time. If the load is over
8A, the output will be in hiccup over-current pro-
tection. The application circuit is shown as in
Figure 5.
The load is between 6A and 8A, a resistance
Rsense which is 1
Ω is needed for current shar-
ing. If you want to use our APA06 series power
module in parallel mode, please advise the fac-
tory for details.
Safety Considerations
Safety Considerations
For safety-agency approval of the system in
which the power module is used, the power
module must be installed in compliance with the
spacing and separation requirements of the
end-use safety agency standard, i.e., UL1950,
CSA C22.2 No. 950-95, and VDE 0805
(EN60950, IEC950).
For the module's output to be considered meet-
ing the requirements of safety extra-low voltage
(SELV), one of the following must be true:
1. All inputs are SELV and floating, with the out-
put also floating.
2. All inputs are SELV and grounded, with the
-11-
A
A P
PA
A 0
0 6
6 N
N o
o n
n --IIs
s o
o lla
a tte
e d
d P
P o
o w
w e
e rr S
S IIP
P s
s
3
3 V
V --5
5 ..5
5 V
V IIn
n p
p u
u tt,, 1
1 ..2
2 V
V --3
3 ..3
3 V
V O
O u
u ttp
p u
u tt,, 9
9 --2
2 0
0 W
W O
O u
u ttp
p u
u tt
Trim up
Trim down
J1 PIN 5
J2 PIN 5
J1 PIN 2
J1 PIN 5
J2 PIN 5
J1 PIN 2
10K
Trim Pot
Trim up
Trim down
Rtrim up =
136.9 - 54.75 x Vo up
18.65 x Vo up - 27.88
Rtrim down =
210 x Vo down - 262.51
55 - 37 x Vo down
Where:
Rtrim up is trimming up resistance,
Rtrim down is trimming down resistance,
Vo up is trim up voltage,
Vo down is trim down voltage,
R is in k
.
1.5Vout:
Rtrim up =
6.20 x ( 8.25 - 2.7 x Vo up )
8.9 x Vo up - 16.00
1.8Vout:
Rtrim up =
3.01 x ( 4.6 - Vo up )
4.01 x Vo up - 8.39
2.1Vout:
Rtrim down =
135.04 x Vo down - 168.795
52.8 - 29.37 x Vo down
Rtrim down =
41.21 x Vo down - 51.51
31.03 - 14.84 x Vo down
Rtrim down =
7.37 x Vo down - 9.55
6.78 - 2.72 x Vo down
Rtrim up =
7.18xVo up - 25.58
11.78
- 9.78 x Vo up
1.2Vout:
Rtrim up =
2.5Vout:
1.40xVo up - 9.55
6.78
- 2.72 x Vo up
Rtrim up =
3.3Vout:
0.73xVo up - 5.89
5.72
- 1.73 x Vo up
Rtrim down =
25.38 x Vo down - 25.58
11.78 - 9.78 x Vo down
Rtrim down =
4.43 x Vo down - 5.89
5.72 - 1.73 x Vo down
22
µF/10V
22
µF/10V
220
µF
Fig.4 Output Voltage Set-point Adjustment
Fig.5 APA06 Parallel Application


Similar Part No. - AIQ60G48-N98

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AIQ00ZPFC-01NL ARTESYN-AIQ00ZPFC-01NL Datasheet
464Kb / 3P
   Total Power: 75 Watts
logo
Advanced Energy Industr...
AIQ00ZPFC-01NL ADVANCEDENERGY-AIQ00ZPFC-01NL Datasheet
181Kb / 5P
   75 Watts
logo
Artesyn Technologies
AIQ02R300-L ARTESYN-AIQ02R300-L Datasheet
829Kb / 2P
   Total Power: 65 Watts
logo
Advanced Energy Industr...
AIQ02R300-L ADVANCEDENERGY-AIQ02R300-L Datasheet
235Kb / 4P
   65 Watts
More results

Similar Description - AIQ60G48-N98

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
logo
Chinfa Electronics Ind....
WDD20-03S1U CHINFA-WDD20-03S1U_10 Datasheet
423Kb / 8P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
logo
Mean Well Enterprises C...
SKA20 MEANWELL-SKA20 Datasheet
271Kb / 1P
   20W DC-DC Regulated Single Output Converter
logo
Chinfa Electronics Ind....
WDD20-03S1U CHINFA-WDD20-03S1U Datasheet
409Kb / 8P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24SE3R306 DELTA-S24SE3R306 Datasheet
710Kb / 12P
   20W Single/Dual Output DC/DC Converter
logo
Mean Well Enterprises C...
SKA20 MEANWELL-SKA20_12 Datasheet
272Kb / 1P
   20W DC-DC Regulated Single Output Converter
logo
Chinfa Electronics Ind....
WDD20U CHINFA-WDD20U_16 Datasheet
348Kb / 5P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
logo
Lineage Power Corporati...
ATH016A0X3 LINEAGEPOWER-ATH016A0X3 Datasheet
568Kb / 19P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.3Vdc Output; 16A output current
logo
MORNSUN Science& Techno...
URE1D12LD-20WR3 MORNSUN-URE1D12LD-20WR3 Datasheet
3Mb / 8P
   20W, Ultra wide input, isolated & regulated Dual output, DC/DC converter
VRB121DLD-20WR3 MORNSUN-VRB121DLD-20WR3 Datasheet
3Mb / 9P
   20W,wide input isolated & regulated dual / single output DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com