Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA1318NG Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # TA1318NG
Description  SYNC Processor, Frequency Counter IC for TV Component Signals
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1318NG Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TA1318NG Datasheet HTML 7Page - Toshiba Semiconductor TA1318NG Datasheet HTML 8Page - Toshiba Semiconductor TA1318NG Datasheet HTML 9Page - Toshiba Semiconductor TA1318NG Datasheet HTML 10Page - Toshiba Semiconductor TA1318NG Datasheet HTML 11Page - Toshiba Semiconductor TA1318NG Datasheet HTML 12Page - Toshiba Semiconductor TA1318NG Datasheet HTML 13Page - Toshiba Semiconductor TA1318NG Datasheet HTML 14Page - Toshiba Semiconductor TA1318NG Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
TA1318NG
2005-09-08
11
Pin
No.
Pin Name
Function
Interface Circuit
Input Signal/Output Signal
21
SYNC1-IN
Inputs Y signal (Note 1) for
sync separation circuit.
Input via clamp capacitor.
White 100%
= 1 Vp−p
or
22
VD1-OUT
VD output pin.
Open collector output.
VD1/VD2 input signal is output
from this pin without
synchronization.
Polarity is switched by BUS
write function.
(Note) When HD PHASE will
be changed, synchronized VD
width will change. Use the start
phase of VD.
or
Note 1: The signal format for SYNC1-IN (pin 21) and SYNC2-IN (pin 19)
NTSC (525I/60 Hz), PAL/SECAM (625I/50 Hz), NTSC Double Scan (525I/120 Hz), PAL/SECAM Double Scan (625I/100 Hz), 525P/60 Hz, 750P/60 Hz,
1125I/60 Hz, 1125P/30 Hz
This IC doesn’t have the sync-separation circuit for non-standard signals like weak strength signal, ghost signal and so on.
8
22
14
200
1 k
8
21
5
Start phase
Start phase


Similar Part No. - TA1318NG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA1318N TOSHIBA-TA1318N Datasheet
555Kb / 41P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
More results

Similar Description - TA1318NG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA1370FG TOSHIBA-TA1370FG Datasheet
637Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1370FG TOSHIBA-TA1370FG_05 Datasheet
902Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1318AF TOSHIBA-TA1318AF Datasheet
637Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1318AFG TOSHIBA-TA1318AFG Datasheet
376Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TB1305FG TOSHIBA-TB1305FG Datasheet
661Kb / 33P
   Component SW, Sync Separation and H/V Frequency Counter IC for TVs
TA1383AFG TOSHIBA-TA1383AFG Datasheet
1,018Kb / 47P
   NTSC Chroma Decoder, Multi-Point Scan Sync Processor, H/V Frequency Counter IC for Color TV
logo
Maxim Integrated Produc...
MAX9568 MAXIM-MAX9568 Datasheet
248Kb / 16P
   Component Analog TV Sync Separator
Rev 1; 12/08
logo
Toshiba Semiconductor
TA8819FG TOSHIBA-TA8819FG Datasheet
1Mb / 30P
   NTSC VIDEO CHROMA SIGNAL PROCESSOR SYNC PLAYBACK IC FOR LCD TV
TA1317AFG TOSHIBA-TA1317AFG Datasheet
1Mb / 58P
   Deflection Processor IC for TV
TA1317ANG TOSHIBA-TA1317ANG Datasheet
1Mb / 59P
   Deflection Processor IC for TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com