Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN3800MLP24X Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FAN3800MLP24X
Description  Mono / Stereo Audio Amplifier with Microphone Pre-Amplifier and EMU Interface
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3800MLP24X Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN3800MLP24X Datasheet HTML 1Page - Fairchild Semiconductor FAN3800MLP24X Datasheet HTML 2Page - Fairchild Semiconductor FAN3800MLP24X Datasheet HTML 3Page - Fairchild Semiconductor FAN3800MLP24X Datasheet HTML 4Page - Fairchild Semiconductor FAN3800MLP24X Datasheet HTML 5Page - Fairchild Semiconductor FAN3800MLP24X Datasheet HTML 6Page - Fairchild Semiconductor FAN3800MLP24X Datasheet HTML 7Page - Fairchild Semiconductor FAN3800MLP24X Datasheet HTML 8Page - Fairchild Semiconductor FAN3800MLP24X Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3800 • Rev. 1.0.0
2
Block Diagram
SPKROUT
SPKLOUT
MIC+
MIC-
SEND/END
N.O.
VS
2.5V
Suppl y
SPKLIN
D+
ID
GND
Bias
Bias
Vpos
V-
Vpos
V-
Neg Suppl y
Audi o
Removal
Filter
Vpos
SW 1
V+
CP1
CP2
MICSW
V-
D-
VBUS
D-
D+
ID
GND
Rid
102k
SPKRIN
Rstereo
MUTE
CPOUT
Vpos
MIC
BIAS
V-
MICBIAS
0dB
0dB
38dB
D-
D-
R1
R2
Rmono
V+
MUTE
GND
Rmic
MICSUP
Rmic
BYPASS
VS
Figure 2. Block Diagram


Similar Part No. - FAN3800MLP24X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3850A FAIRCHILD-FAN3850A Datasheet
698Kb / 11P
   Microphone Pre-Amplifier with Digital Output
logo
ON Semiconductor
FAN3850A ONSEMI-FAN3850A Datasheet
582Kb / 12P
   Microphone Pre-Amplifier with Digital Output
August 2016 Rev. 1.6
logo
Fairchild Semiconductor
FAN3850AUC16X FAIRCHILD-FAN3850AUC16X Datasheet
698Kb / 11P
   Microphone Pre-Amplifier with Digital Output
logo
ON Semiconductor
FAN3850AUC16X ONSEMI-FAN3850AUC16X Datasheet
582Kb / 12P
   Microphone Pre-Amplifier with Digital Output
August 2016 Rev. 1.6
logo
Fairchild Semiconductor
FAN3850AUC19X FAIRCHILD-FAN3850AUC19X Datasheet
698Kb / 11P
   Microphone Pre-Amplifier with Digital Output
More results

Similar Description - FAN3800MLP24X

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8952 WOLFSON-WM8952 Datasheet
893Kb / 72P
   Mono ADC with Microphone Pre-amplifier
logo
Texas Instruments
PCM2912PJT TI-PCM2912PJT Datasheet
712Kb / 32P
[Old version datasheet]   AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PCM2912 TI-PCM2912 Datasheet
813Kb / 32P
[Old version datasheet]   AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PCM2912A TI1-PCM2912A Datasheet
839Kb / 32P
[Old version datasheet]   AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
logo
Asahi Kasei Microsystem...
AKD4641EN-A AKM-AKD4641EN-A Datasheet
732Kb / 54P
   16bit stereo CODEC with built-in Microphone-amplifier and 16bit Mono CODEC for Bluetooth Interface.
logo
Texas Instruments
PCM1870A TI-PCM1870A Datasheet
675Kb / 46P
[Old version datasheet]   16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
Burr-Brown (TI)
PCM1870 BURR-BROWN-PCM1870 Datasheet
759Kb / 49P
   16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
National Semiconductor ...
LM4780 NSC-LM4780 Datasheet
1Mb / 24P
   Audio Power Amplifier Series Stereo 60W, Mono 120W Audio Power Amplifier with Mute
logo
Elite Semiconductor Mem...
AD82587D ESMT-AD82587D Datasheet
764Kb / 45P
   2X20W Stereo / 1X40W Mono Digital Audio Amplifier
Revision: 1.6
logo
Texas Instruments
LM4780 TI1-LM4780 Datasheet
1Mb / 31P
[Old version datasheet]   Audio Power Amplifier Series Stereo 60W, Mono 120W Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com