Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA1274F Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TA1274F
Description  PIF / SIF SYNCHRONOUS DEMODULATOR IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1274F Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TA1274F_02 Datasheet HTML 3Page - Toshiba Semiconductor TA1274F_02 Datasheet HTML 4Page - Toshiba Semiconductor TA1274F_02 Datasheet HTML 5Page - Toshiba Semiconductor TA1274F_02 Datasheet HTML 6Page - Toshiba Semiconductor TA1274F_02 Datasheet HTML 7Page - Toshiba Semiconductor TA1274F_02 Datasheet HTML 8Page - Toshiba Semiconductor TA1274F_02 Datasheet HTML 9Page - Toshiba Semiconductor TA1274F_02 Datasheet HTML 10Page - Toshiba Semiconductor TA1274F_02 Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
TA1274F
2002-12-20
7
MAXIMUM RATINGS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VCC
13
V
Power Dissipation
PD max
1040 (Note 1)
mW
Operating Temperature
Topr
−20~75
°C
Storage Temperature
Tstg
−55~150
°C
Note 1: This value is on condition that the IC is mounted on PCB (50 mm × 50 mm). When using the device at Ta =
25°C, decrease the power dissipation by 8.3 mW for each increase of 1°C.
OPERATING SUPPLY VOLTAGE
PIN
No.
PIN NAME
MIN
TYP.
MAX
UNIT
21
VCC
8.1
9.0
9.9
V
ELECTRICAL CHARACTERISTICS
DC current characteristics (VCC = 9.0 V, Ta = 25°C)
PIN
No.
PIN NAME
SYMBOL
MIN
TYP.
MAX
UNIT
21
VCC
ICC
36
45
60
mA
DC voltage characteristics (VCC = 9.0 V, Ta = 25°C)
PIN
No.
SYMBOL
TEST
CIR-
CUIT
TEST CONDITION
MIN
TYP.
MAX
UNIT
1
V1
3.5
4.0
4.5
4
V4
No signal input
4.7
5.2
5.7
5
V5
4.7
5.2
5.7
7
V7
6.3
7.0
7.7
10
V10
No signal input
4.7
5.2
5.7
11
V11
3.1
3.5
3.9
14
V14
2.5
3.1
3.7
15
V15
2.5
3.1
3.7
16
V16
2.5
3.1
3.7
17
V17
2nd SIF 4.5 MHz
3.2
3.7
4.2
18
V18
7.2
7.6
7.9
19
V19
7.2
7.6
7.9
20
V20
In AFT defeat
4.3
4.5
4.7
22
V22
4.9
5.3
5.7
24
V24
3.5
4.0
4.5
V


Similar Part No. - TA1274F_02

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA1274F TOSHIBA-TA1274F Datasheet
555Kb / 18P
   PIF/SIF SYNCHRONOUS DEMODULATOR IC
More results

Similar Description - TA1274F_02

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA1274F TOSHIBA-TA1274F Datasheet
555Kb / 18P
   PIF/SIF SYNCHRONOUS DEMODULATOR IC
TA1267AF TOSHIBA-TA1267AF Datasheet
959Kb / 22P
   MULTISTANDARD PIF/SIF SYNCHRONOUS DEMODULATOR IC
TA1267AF TOSHIBA-TA1267AF_03 Datasheet
304Kb / 23P
   MULTISTANDARD PIF / SIF SYNCHRONOUS DEMODULATOR IC
TA1267F TOSHIBA-TA1267F Datasheet
165Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT(MULTISTANDARD PIF / SIF SYNCHRONOUS DEMODULATOR IC)
TA8700AN TOSHIBA-TA8700AN Datasheet
540Kb / 16P
   PIF/SIF IC FOR TV/VTR
TA8800N TOSHIBA-TA8800N Datasheet
838Kb / 21P
   PLL PIF/SIF IC FOR TV/VTR
TA8800N TOSHIBA-TA8800N_01 Datasheet
857Kb / 22P
   PLL PIF/SIF IC FOR TV/VTR
TA8701AN TOSHIBA-TA8701AN Datasheet
607Kb / 18P
   PIF/SIF ATT IC FOR TV/VTR
TA7680AP TOSHIBA-TA7680AP Datasheet
435Kb / 17P
   TELEVISION PIF SIF SYSTEM
logo
New Japan Radio
NJM2542 NJRC-NJM2542 Datasheet
97Kb / 6P
   VIF/ SIF DEMODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com