Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA1270BFG Datasheet(PDF) 18 Page - Toshiba Semiconductor

Part # TA1270BFG
Description  PAL / NTSC VIDEO CHROMA AND SYNC PROCESSING SYSTEM FOR PIP / POP / PAP
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1270BFG Datasheet(HTML) 18 Page - Toshiba Semiconductor

Back Button TA1270BFG Datasheet HTML 14Page - Toshiba Semiconductor TA1270BFG Datasheet HTML 15Page - Toshiba Semiconductor TA1270BFG Datasheet HTML 16Page - Toshiba Semiconductor TA1270BFG Datasheet HTML 17Page - Toshiba Semiconductor TA1270BFG Datasheet HTML 18Page - Toshiba Semiconductor TA1270BFG Datasheet HTML 19Page - Toshiba Semiconductor TA1270BFG Datasheet HTML 20Page - Toshiba Semiconductor TA1270BFG Datasheet HTML 21Page - Toshiba Semiconductor TA1270BFG Datasheet HTML 22Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
TA1270BFG
2005-08-18
18
Chroma block
CHARACTERISTIC
SYMBOL
TEST
CIR-
CUIT
TEST CONDITION
MIN
TYP.
MAX
UNIT
F600
300
360
420
F300
300
360
420
F30
300
360
420
F10
170
245
290
mVp-p
ACC Characteristics
A
(Note C1)
0.95
1.00
1.05
es+
20
og
l
(Data max. / data center)
2.0
3.0
4.0
Sub Color Control
Characteristic
es−
20
og
l
(Data max. / data center)
−7.4
−5.3
−2.4
dB
β3
0.5
1.65
2.2
β4
0.5
1.65
2.2
APC Frequency Control
Sensitivity
βM
(Note C2)
0.5
1.65
2.2
Hz / mV
f3ph
At 3.58 NTSC, upper side
250
600
2000
f3pl
At 3.58 NTSC, lower side
−2000
−1400
−250
f4ph
At 4.43 PAL, upper side
250
600
2000
f4pl
At 4.43 PAL, lower side
−2000
−950
−250
fMph
At M-PAL, upper side
250
600
2000
APC Pull-In Range
fMpl
At M-PAL, lower side
−2000
−1100
−250
f3hh
At 3.58 NTSC, upper side
250
600
2000
f3hl
At 3.58 NTSC, lower side
−2000
−1400
−250
f4hh
At 4.43 PAL, upper side
250
600
2000
f4hl
At 4.43 PAL, lower side
−2000
−950
−250
fMhh
At M-PAL, upper side
250
600
2000
APC Hold Range
fMhl
At M-PAL, lower side
−2000
−1100
−250
fO3
fO = 3.579545 MHz
−200
0
200
fO4
fO = 4.433619 MHz
−200
0
200
fsc Free-Run Frequency
fOM
fO = 3.575611 MHz
−200
0
200
Hz
f3c
At 3.58 NTSC input
0.45
0.75
0.95
f4c
At 4.43 PAL input
0.50
0.65
0.80
fsc Output Amplitude
fMc
At M-PAL input
0.45
0.75
0.95
Vp-p
V44a
At 3.58 NTSC input
2.9
3.2
3.5
fsc Output DC Level
V44b
At other than 3.58 NTSC input
1.15
1.55
1.75
V
vRNUV
300
360
420
vBNUV
3.58 NTSC − UV mode,
B : C = 1 : 1
280
340
400
vRNCbCr
215
272
320
vBNCbCr
3.58 N−CbCr mode,
B : C = 1 : 1
280
340
400
vRP
315
380
440
Color Difference Output
Level
vBP
4.43 PAL,
B : C = 1 : 1
315
380
440
mVp-p
vR / BUV
3.58 NTSC − UV mode
0.94
1.00
1.15
vR / BCbCr
3.58 N − CbCr mode
0.94
1.00
1.15
Relative Amplitude
vR / BPAL
4.43 PAL
0.94
1.00
1.15


Similar Part No. - TA1270BFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA1270BF TOSHIBA-TA1270BF Datasheet
1Mb / 38P
   PAL/NTSC VIDEO AND CHROMA SYNC PROCESSING SYSTEM FOR PIP/POP/PAP
More results

Similar Description - TA1270BFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA1270BF TOSHIBA-TA1270BF Datasheet
1Mb / 38P
   PAL/NTSC VIDEO AND CHROMA SYNC PROCESSING SYSTEM FOR PIP/POP/PAP
TA8867AN TOSHIBA-TA8867AN Datasheet
1Mb / 32P
   VIDEO, CHROMA, AND SYNC. SIGNAL PROCESSING IC FOR PAL/NTSC-SYSTEM COLOR TELEVISIONS
TA8867BN TOSHIBA-TA8867BN Datasheet
1Mb / 32P
   VIDEO, CHROMA, AND SYNC. SIGNAL PROCESSING IC FOR PAL/NTSC-SYSTEM COLOR TELEVISIONS
TC90A66F TOSHIBA-TC90A66F Datasheet
488Kb / 39P
   PAP/PIP/POP Controller for Wide-Screen TVs (PAL/NTSC)
TA8759BN TOSHIBA-TA8759BN Datasheet
2Mb / 58P
   VIDEO CHROMA AND SYNC. SIGNAL PROCESSING IC FOR PAL/NTSC/SECAM SYSTEM COLOR TELEVISION
TA8880CN TOSHIBA-TA8880CN Datasheet
1Mb / 38P
   VIDEO, CHROMA, AND SYNC. SIGNAL PROCESSING IC FOR PAL/NTSC/SECAM-SYSTEM COLOR TELEVISIONS
logo
NTE Electronics
NTE7150 NTE-NTE7150 Datasheet
59Kb / 8P
   Integrated Circuit Video, Chroma, and Sync. Signal Processing Circuit for PAL/NTSC/SECAM System Color Televisions
logo
Toshiba Semiconductor
TB1229DN TOSHIBA-TB1229DN Datasheet
4Mb / 94P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC SYSTEM COLOR TV
TB1230AN TOSHIBA-TB1230AN Datasheet
4Mb / 88P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC SYSTEM COLOR TV
TC90A17F TOSHIBA-TC90A17F Datasheet
1Mb / 30P
   PAP/PIP/POP CINTROLLER FOR NTCS /PAL WIDE TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com